Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSFF5510 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TSFF5510
Description  High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSFF5510 Datasheet(HTML) 6 Page - Vishay Siliconix

  TSFF5510 Datasheet HTML 1Page - Vishay Siliconix TSFF5510 Datasheet HTML 2Page - Vishay Siliconix TSFF5510 Datasheet HTML 3Page - Vishay Siliconix TSFF5510 Datasheet HTML 4Page - Vishay Siliconix TSFF5510 Datasheet HTML 5Page - Vishay Siliconix TSFF5510 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Legal Disclaimer Notice
Vishay
Document Number: 91000
www.vishay.com
Revision: 08-Apr-05
1
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc.,
or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied, by
estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's
terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express
or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness
for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications.
Customers using or selling these products for use in such applications do so at their own risk and agree to fully
indemnify Vishay for any damages resulting from such improper use or sale.


Similar Part No. - TSFF5510

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSFF5510 VISHAY-TSFF5510 Datasheet
108Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 870 nm, GaAlAs Double Hetero
Rev. 1.1, 16-Sep-08
TSFF5510 VISHAY-TSFF5510 Datasheet
106Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.2, 25-Jun-09
TSFF5510 VISHAY-TSFF5510 Datasheet
98Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.3, 23-Aug-11
TSFF5510 VISHAY-TSFF5510 Datasheet
96Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2022
TSFF5510 VISHAY-TSFF5510 Datasheet
95Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2023
More results

Similar Description - TSFF5510

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSMF3710 VISHAY-TSMF3710 Datasheet
129Kb / 8P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.3, 21-Feb-07
TSFF6210 VISHAY-TSFF6210_V01 Datasheet
108Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2022
VSMF4720 VISHAY-VSMF4720_V01 Datasheet
143Kb / 6P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2022
TSFF5210 VISHAY-TSFF5210_V02 Datasheet
112Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2023
TSHA550 VISHAY-TSHA550 Datasheet
138Kb / 7P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.3, 07-Apr-04
TSHF5200 VISHAY-TSHF5200 Datasheet
142Kb / 6P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.5, 08-Mar-05
TSFF5510 VISHAY-TSFF5510_V01 Datasheet
96Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2022
TSFF6410 VISHAY-TSFF6410_V01 Datasheet
103Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2022
TSFF5210 VISHAY-TSFF5210_09 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.7, 29-Jun-09
TSFF5210 VISHAY-TSFF5210 Datasheet
113Kb / 6P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.5, 28-Nov-06
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com