Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT16841DLG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # 74ACT16841DLG4
Description  20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ACT16841DLG4 Datasheet(HTML) 2 Page - Texas Instruments

  74ACT16841DLG4 Datasheet HTML 1Page - Texas Instruments 74ACT16841DLG4 Datasheet HTML 2Page - Texas Instruments 74ACT16841DLG4 Datasheet HTML 3Page - Texas Instruments 74ACT16841DLG4 Datasheet HTML 4Page - Texas Instruments 74ACT16841DLG4 Datasheet HTML 5Page - Texas Instruments 74ACT16841DLG4 Datasheet HTML 6Page - Texas Instruments 74ACT16841DLG4 Datasheet HTML 7Page - Texas Instruments 74ACT16841DLG4 Datasheet HTML 8Page - Texas Instruments 74ACT16841DLG4 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
54ACT16841, 74ACT16841
20-BIT BUS-INTERFACE D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SCAS174A – MAY 1991 – REVISED APRIL 1996
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The 74ACT16841 is packaged in TI’s shrink small-outline package (DL), which provides twice the I/O pin count
and functionality of standard small-outline packages in the same printed-circuit-board area.
The 54ACT16841 is characterized for operation over the full military temperature range of –55
°C to 125°C. The
74ACT16841 is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
(each 10-bit latch)
INPUTS
OUTPUT
OE
LE
D
Q
L
H
H
H
L
HL
L
L
LX
Q0
H
X
X
Z
logic symbol
EN2
1
C1
56
1LE
1D
55
1D1
54
1D2
52
1D3
51
1D4
49
1D5
1Q1
2
1Q2
3
1Q3
5
1Q4
6
1Q5
8
48
1D6
47
1D7
45
1D8
44
1D9
43
1D10
1Q6
9
1Q7
10
1Q8
12
1Q9
13
1Q10
14
3D
42
2D1
41
2D2
40
2D3
38
2D4
37
2D5
2Q1
15
2Q2
16
2Q3
17
2Q4
19
2Q5
20
36
2D6
34
2D7
33
2D8
31
2D9
30
2D10
2Q6
21
2Q7
23
2Q8
24
2Q9
26
2Q10
27
EN4
28
C3
29
2LE
1OE
2OE
2
4
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.


Similar Part No. - 74ACT16841DLG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT16841DL TI-74ACT16841DL Datasheet
113Kb / 6P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
REVISED APRIL 1996
More results

Similar Description - 74ACT16841DLG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54ACT16841 TI-54ACT16841 Datasheet
113Kb / 6P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN54ABT16841 TI-SN54ABT16841_08 Datasheet
347Kb / 12P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT162841 TI-SN54ABT162841 Datasheet
131Kb / 8P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT16841 TI-SN54ABT16841 Datasheet
110Kb / 7P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
74ABT162841DGGRE4 TI-74ABT162841DGGRE4 Datasheet
365Kb / 12P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT843 TI1-SN54ABT843_15 Datasheet
590Kb / 16P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS841 TI1-SN74ALS841_15 Datasheet
265Kb / 13P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT16843 TI-SN54ABT16843_08 Datasheet
317Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS29843 TI1-SN74ALS29843 Datasheet
70Kb / 9P
[Old version datasheet]   9-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AS1843 TI1-SN74AS1843 Datasheet
59Kb / 5P
[Old version datasheet]   9-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com