Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ20ZDBTR-V102G4 Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ20ZDBTR-V102G4
Description  SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20ZDBTR-V102G4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ20ZDBTR-V102G4 Datasheet HTML 2Page - Texas Instruments BQ20ZDBTR-V102G4 Datasheet HTML 3Page - Texas Instruments BQ20ZDBTR-V102G4 Datasheet HTML 4Page - Texas Instruments BQ20ZDBTR-V102G4 Datasheet HTML 5Page - Texas Instruments BQ20ZDBTR-V102G4 Datasheet HTML 6Page - Texas Instruments BQ20ZDBTR-V102G4 Datasheet HTML 7Page - Texas Instruments BQ20ZDBTR-V102G4 Datasheet HTML 8Page - Texas Instruments BQ20ZDBTR-V102G4 Datasheet HTML 9Page - Texas Instruments BQ20ZDBTR-V102G4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
www.ti.com
DATA FLASH MEMORY CHARACTERISTICS
REGISTER BACKUP
bq20z80-V102
SLUS681B – NOVEMBER 2005 – REVISED JANUARY 2007
V
DD = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tDR
Data retention
See (1)
10
Years
Flash programming write-cycles
See (1)
20,000
Cycles
t(WORDPROG) Word programming time
See (1)
2
ms
I(DDPROG)
Flash-write supply current
See (1)
8
15
mA
(1)
Assured by design. Not production tested
V
DD = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I(RBI)
RBI data-retention input current
V(RBI) > 3 V, VDD < VIT
10
100
nA
V(RBI)
RBI data-retention voltage(1)
1.3
V
(1)
Specified by design. Not production tested.
6
Submit Documentation Feedback


Similar Part No. - BQ20ZDBTR-V102G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20ZDBTR-V102G4 TI-BQ20ZDBTR-V102G4 Datasheet
800Kb / 24P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK-TM TECHNOLOGY FOR USE WITH THE bq29312A
BQ20ZDBTR-V102G4 TI-BQ20ZDBTR-V102G4 Datasheet
517Kb / 28P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TM TECHNOLOGY FOR USE WITH THE BQ29312A
More results

Similar Description - BQ20ZDBTR-V102G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z80-V101 TI-BQ20Z80-V101_07 Datasheet
1Mb / 75P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80 TI-BQ20Z80 Datasheet
482Kb / 22P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80-V101 TI-BQ20Z80-V101 Datasheet
1Mb / 73P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80-V102 TI-BQ20Z80-V102_07 Datasheet
517Kb / 28P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TM TECHNOLOGY FOR USE WITH THE BQ29312A
BQ20Z80-V102 TI-BQ20Z80-V102 Datasheet
800Kb / 24P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK-TM TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z90-V150 TI1-BQ20Z90-V150 Datasheet
300Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90DBTR-V150 TI-BQ20Z90DBTR-V150 Datasheet
274Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI-BQ20Z40 Datasheet
463Kb / 18P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90 TI-BQ20Z90_07 Datasheet
672Kb / 27P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI1-BQ20Z40_17 Datasheet
294Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com