Electronic Components Datasheet Search |
|
ICL7621BCSA Datasheet(PDF) 1 Page - Maxim Integrated Products |
|
ICL7621BCSA Datasheet(HTML) 1 Page - Maxim Integrated Products |
1 / 26 page General Description The ICL761X–ICL764X family of monolithic CMOS op amps combine ultra-low input current with low-power operation over a wide supply voltage range. With pin- selectable quiescent currents of 10µA, 100µA, or 1000µA per amplifier, these op amps will operate from ±1V to ±8V power supplies, or from single supplies from 2V to 16V. The CMOS outputs swing to within milli- volts of the supply voltages. The ultra-low bias current of 1pA makes this family of op amps ideal for long time constant integrators, picoammeters, low droop rate sample/hold amplifiers and other applications where input bias and offset cur- rents are critical. A low noise current of 0.01pA√Hz and an input impedance of 1012Ω ensure optimum perfor- mance with very high source impedances in such applications as pH meters and photodiode amplifiers. Applications Battery-Powered Instruments Low-Leakage Amplifiers Long-Time Constant Integrators Low-Frequency Active Filters Hearing Aids and Microphone Amplifiers Low Droop Rate Sample/Hold Amplifiers Picoammeters Features o Pin-for-Pin Second Source o 1pA Typical Bias Current—4nA (max) at +125°C o ±1V to ±8V Wide Supply Voltage Range o Industry-Standard Pinouts o Programmable Quiescent Currents of 10µA, 100µA, and 1000µA o Monolithic, Low-Power CMOS Design Single/Dual/Triple/Quad Operational Amplifiers ________________________________________________________________ Maxim Integrated Products 1 TOP VIEW SINGLES—ICL7611/12/14/16 TO—99 (IOSET)* V- 8 7 5 3 1 4 6 2 V+ OUTPUT OFFSET OFFSET -IN +IN *EXTERNAL COMPENSATION (ICL7614) 8-PIN DIP *PIN 7 CONNECTED TO CASE OUT (IOSET)* OFFSET IN V+ 1 2 8 7 +IN V- OFFSET 3 4 6 5 Ordering Information Pin Configuration 19-0942; Rev 2; 4/08 ICL76XX M N OP VOS SELECTION TEMP RANGE PKG CODE A = 2mV C = 0°C to 70°C TV= 8-Pin TO- 99 B = 5mV E = -40°C to +85°C PA = 8-Pin Plastic Dip C = 10mV M = -55°C to +125°C SA = 8-Pin Small SO D = 15mV JD = 14-Pin CERDIP E = 20mV PD = 14-Pin Plastic Dip SD = 14-Pin Small SO JE = 16-Pin CERDIP PE = 16-Pin Plastic Dip SE = 16-Pin Small SO WE – 16-Pin Wide SO Typical Operating Circuit appears at end of data sheet. For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com. |
Similar Part No. - ICL7621BCSA |
|
Similar Description - ICL7621BCSA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |