Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1284 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST1284
Description  PARALLEL PORT SINGLE TERMINATION NETWORK WITH 짹15kV ESD PROTECTION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1284 Datasheet(HTML) 4 Page - STMicroelectronics

  ST1284 Datasheet HTML 1Page - STMicroelectronics ST1284 Datasheet HTML 2Page - STMicroelectronics ST1284 Datasheet HTML 3Page - STMicroelectronics ST1284 Datasheet HTML 4Page - STMicroelectronics ST1284 Datasheet HTML 5Page - STMicroelectronics ST1284 Datasheet HTML 6Page - STMicroelectronics ST1284 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4/7
ST1284-xxA8/T8
FREQUENCY BEHAVIOR OF DATA AND STROBE SIGNALS
TECHNICAL INFORMATION
ST1284
SPECTRUM
ANALYSER
TRACKING
GENERATOR
Vg
Vout
Vin
50
50
+5V
Fig. A1: Measurement conditions
1
3
10
30
100
300
1,000
- 30.00
- 25.00
- 20.00
- 15.00
- 10.00
- 5.00
0.00
dB
F (MHz)
1284 - 01
1284 - 02
1284 - 03
Fig. A2: Typical frequency response curve for data
and strobe signals.
In addition to the requirements of termination and EMC compatibility, computing devices are required to be
tested for ESD susceptibility. This test is described in the IEC61000-4-2 and is already in place in Europe.
This test requires that a device tolerates ESD events and remain operational without user intervention.
The ST1284-xxA8/T8 is particularly optimized to perform ESD protection. ESD protection is based on the
use of device which clamps at :
Vouput
V
R I
BR
d
PP
=+
.
This protection function is splitted in 2 stages. As shown in figure A3, the ESD strikes are clamped by the
first stage S1 and then its remaining overvoltage is applied to the second stage through the resistor R.
Such a configuration makes the voltage very low at the output.
ESD PROTECTION
ESD Surge
Vinput
Voutput
Rload
Rg
R
S1
Rd
V
BR
V
BR
V
PP
Device
to be
protected
ST1284-xxA8/T8
Rd
S2
Fig. A3: ST1284 ESD clamping behavior


Similar Part No. - ST1284

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1284-XXA8 STMICROELECTRONICS-ST1284-XXA8_03 Datasheet
141Kb / 6P
   PARALLEL PORT SINGLE TERMINATION NETWORK WITH 짹15kV ESD PROTECTION
ST1284 STMICROELECTRONICS-ST1284_12 Datasheet
212Kb / 10P
   Parallel port single termination network with 짹15 kV ESD protection
More results

Similar Description - ST1284

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1284-XXA8 STMICROELECTRONICS-ST1284-XXA8_03 Datasheet
141Kb / 6P
   PARALLEL PORT SINGLE TERMINATION NETWORK WITH 짹15kV ESD PROTECTION
logo
Unisonic Technologies
URCZ1284L-01-SQ8-T UTC-URCZ1284L-01-SQ8-T Datasheet
232Kb / 6P
   PARALLEL PORT SINGLE TERMINATION NETWORK WITH 짹15KV ESD PROTECTION
URCZ1284-XX UTC-URCZ1284-XX Datasheet
231Kb / 6P
   PARALLEL PORT SINGLE TERMINATION NETWORK WITH ±15KV ESD PROTECTION
logo
STMicroelectronics
ST1284 STMICROELECTRONICS-ST1284_12 Datasheet
212Kb / 10P
   Parallel port single termination network with 짹15 kV ESD protection
logo
California Micro Device...
PACVGA100 CALMIRCO-PACVGA100 Datasheet
75Kb / 5P
   VGA Port ESD Protection and Termination Network
logo
ON Semiconductor
PACSZ1284 ONSEMI-PACSZ1284 Datasheet
434Kb / 11P
   IEEE 1284 Parallel Port ESD/EMI/Termination Network
May 2010 Rev. 3
logo
California Micro Device...
PACSZ1284 CALMIRCO-PACSZ1284_06 Datasheet
199Kb / 7P
   IEEE 1284 Parallel Port ESD/EMI/Termination Network
logo
STMicroelectronics
ST1394 STMICROELECTRONICS-ST1394 Datasheet
164Kb / 6P
   IEEE1394 ONE PORT CABLE TERMINATION NETWORK WITH ESD PROTECTION DIODES
October 2004 REV. 2
logo
Exar Corporation
XR33180 EXAR-XR33180 Datasheet
429Kb / 12P
   Receivers with 짹15kV ESD Protection
logo
Nippon Precision Circui...
SM6500AA-2 NPC-SM6500AA-2 Datasheet
91Kb / 5P
   RC Network with ESD Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com