Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1235 Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part # 2SA1235
Description  FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE(mini type)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

2SA1235 Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  2SA1235 Datasheet HTML 1Page - Isahaya Electronics Corporation 2SA1235 Datasheet HTML 2Page - Isahaya Electronics Corporation 2SA1235 Datasheet HTML 3Page - Isahaya Electronics Corporation 2SA1235 Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
〈SMALL-SIGNAL TRANSISTOR〉
2SA1235
FOR LOW FREQUENCY AMPLIFY APPLICATION
SILICON PNP EPITAXIAL TYPE(mini type)
ISAHAYA ELECTRONICS CORPORATION
COLLECTOR DISSIPATION VS.AMBIENT TEMPERTURE
0
50
100
150
200
250
0
25
50
75
100
125
150
AMBIENT TEMPERTURE Ta (℃)
COMMON EMITTER OUTPUT
IB=0
0.02mA
0.04mA
0.06mA
0.08mA
0.10mA
0.12mA
0.14mA
0.16mA
0.18mA
-0
-10
-20
-30
-40
-50
-0
-1
-2
-3
-4
-5
COLLECTOR EMITTER VOLTAGE VCE(V)
Ta=25℃
COMMON EMITTER TRANSFER
-0
-10
-20
-30
-40
-50
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
BASE TO EMITTER VOLTAGE VBE(V)
Ta=25℃
VCE=-6V
DC FORWARD CURRENT GAIN
VS. COLLECTOR CURRENT
1
10
100
1000
10000
-0.1
-1
-10
-100
-1000
COLLECTOR CURRENT IC(mA)
Ta=25℃
VCE=-6V
100(@IC=-1mA)
GAIN BAND WIDTH PRODUCT
VS. EMITTER CURRENT
0
50
100
150
200
250
0.1
1
10
100
EMITTER CURRENT IE(mA)
Ta=25℃
VCE=-6V
COLLECTOR OUTPUT CAPACITANCE
VS. COLLECTOR TO BASE VOLTAGE
0.1
1
10
100
-0.1
-1
-10
-100
COLLECTOR TO BASE VOLTAGE VCB(V)
Ta=25℃
IE=0
f=1MHz


Similar Part No. - 2SA1235

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SA1235 KEXIN-2SA1235 Datasheet
37Kb / 1P
   Silicon PNP Epitaxial
2SA1235-E KEXIN-2SA1235-E Datasheet
1Mb / 3P
   PNP Transistors
2SA1235-F KEXIN-2SA1235-F Datasheet
1Mb / 3P
   PNP Transistors
2SA1235-G KEXIN-2SA1235-G Datasheet
1Mb / 3P
   PNP Transistors
logo
SHENZHEN YONGERJIA INDU...
2SA1235A WINNERJOIN-2SA1235A Datasheet
136Kb / 1P
   TRANSISTOR (PNP)
More results

Similar Description - 2SA1235

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT1A3906-T122 ISAHAYA-RT1A3906-T122 Datasheet
517Kb / 3P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE(mini type)
2SA1602 ISAHAYA-2SA1602 Datasheet
339Kb / 4P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE (SUPER MINI TYPE)
2SA1235A ISAHAYA-2SA1235A Datasheet
180Kb / 5P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE(Super mini type)
2SA1603A ISAHAYA-2SA1603A Datasheet
133Kb / 2P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE(Super mini type)
INA5002AC1 ISAHAYA-INA5002AC1 Datasheet
397Kb / 2P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
logo
List of Unclassifed Man...
2SA1530A ETC-2SA1530A Datasheet
92Kb / 3P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
logo
Isahaya Electronics Cor...
INA6005AP1 ISAHAYA-INA6005AP1 Datasheet
118Kb / 2P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
INA6006AP1 ISAHAYA-INA6006AP1 Datasheet
169Kb / 4P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
INA6006AS1 ISAHAYA-INA6006AS1 Datasheet
166Kb / 4P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
2SA1603 ISAHAYA-2SA1603 Datasheet
212Kb / 3P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com