Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB10H150CT-1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SB10H150CT-1
Description  Dual Common-Cathode High-Voltage Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SB10H150CT-1 Datasheet(HTML) 2 Page - Vishay Siliconix

  SB10H150CT-1 Datasheet HTML 1Page - Vishay Siliconix SB10H150CT-1 Datasheet HTML 2Page - Vishay Siliconix SB10H150CT-1 Datasheet HTML 3Page - Vishay Siliconix SB10H150CT-1 Datasheet HTML 4Page - Vishay Siliconix SB10H150CT-1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MBR10H150CT, MBRF10H150CT & SB10H150CT-1
Vishay General Semiconductor
www.vishay.com
Document Number: 88779
Revision: 27-Jul-07
2
Note:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Maximum instantaneous
forward voltage per diode (1)
at IF = 5.0 A, TJ = 25 °C
at IF = 5.0 A, TJ = 125 °C
at IF = 10 A, TJ = 25 °C
at IF = 10 A, TJ = 125 °C
VF
0.88
0.72
0.96
0.80
V
Maximum reverse current per
diode at working peak reverse
voltage (1)
TJ = 25 °C
TJ = 125 °C
IR
5.0
1.0
µA
mA
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MBR
MBRF
MBRB
UNIT
Typical thermal resistance per diode
RθJC
2.4
4.5
2.4
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
MBR10H150CT-E3/45
2.06
45
50/Tube
Tube
ITO-220AB
MBRF10H150CT-E3/45
2.20
45
50/Tube
Tube
TO-262AA
SB10H150CT-1E3/45
1.58
45
50/Tube
Tube
Figure 1. Forward Derating Curve (Total)
0
2
4
6
8
10
12
25
50
75
100
125
150
175
MBRF
MBR, MBRB
Case Temperature (°C)
Figure 2. Maximum Non-Repetitive Peak Forward Surge
Current Per Diode
0
20
40
60
80
200
180
160
140
120
100
10
1
100
Number of Cycles at 60 Hz
TJ = TJ max.
8.3 ms Single Half Sine-Wave


Similar Part No. - SB10H150CT-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SB10H150CT-1 VISHAY-SB10H150CT-1 Datasheet
129Kb / 5P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 18-Apr-08
SB10H150CT-1 VISHAY-SB10H150CT-1 Datasheet
104Kb / 6P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 21-Nov-12
SB10H150CT-1E3/45 VISHAY-SB10H150CT-1E3/45 Datasheet
129Kb / 5P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 18-Apr-08
logo
Kersemi Electronic Co.,...
SB10H150CT-1E3/45 KERSEMI-SB10H150CT-1E3/45 Datasheet
1Mb / 4P
   Dual Common-Cathode High-Voltage Schottky Rectifier
More results

Similar Description - SB10H150CT-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR60100CT VISHAY-MBR60100CT_08 Datasheet
99Kb / 4P
   Dual Common-Cathode High Voltage Schottky Rectifier
Revision: 19-May-08
MBR20H150CT VISHAY-MBR20H150CT_11 Datasheet
102Kb / 6P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 09-Aug-11
logo
Nell Semiconductor Co.,...
MBR30100CT NELLSEMI-MBR30100CT Datasheet
198Kb / 4P
   Dual Common Cathode High-Voltage Schottky Rectifier,
MBR10100CT NELLSEMI-MBR10100CT Datasheet
378Kb / 5P
   Dual Common Cathode High-Voltage Schottky Rectifier
logo
Bruckewell Technology L...
MBRF1060C BWTECH-MBRF1060C Datasheet
527Kb / 4P
   Dual Common-Cathode High-Voltage Schottky Rectifier
logo
Vishay Siliconix
MBR30H90CT VISHAY-MBR30H90CT_15 Datasheet
725Kb / 4P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 17-Aug-15
MBR10H15 VISHAY-MBR10H15_15 Datasheet
95Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 11-Dec-14
MBR60100CT VISHAY-MBR60100CT_15 Datasheet
82Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 13-Aug-13
logo
Bruckewell Technology L...
MBR3040CT BWTECH-MBR3040CT Datasheet
449Kb / 4P
   Dual Common-Cathode High-Voltage Schottky Rectifier
logo
Vishay Siliconix
MBR10HXXCT VISHAY-MBR10HXXCT Datasheet
157Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 29-Jul-15
M10HXXCT VISHAY-M10HXXCT Datasheet
153Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 18-Mar-16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com