Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI2EQX3431ZHE Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI2EQX3431ZHE
Description  3.2Gbps, 1-port, SATA2/SAS Re-Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2EQX3431ZHE Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI2EQX3431ZHE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2EQX3431ZHE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2EQX3431ZHE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2EQX3431ZHE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2EQX3431ZHE Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
PS8960A
04/30/08
PI2EQX3431
3.2 Gbps, 1-Port, SATA2 /SAS Re-Driver
Packaging Mechanical: 20-contact TQFN (ZH)
Ordering Information
Ordering Number
Package Code
Package Description
PI2EQX3431ZHE
ZH
Pb-Free and Green 20-contact TQFN
Notes:
• Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
• E = Pb-free and Green
• X suffix = Tape/Reel
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com
:
N
O
I
T
P
I
R
C
S
E
D
:
E
D
O
C
E
G
A
K
C
A
P
2032
-
D
P
:
#
L
O
R
T
N
O
C
T
N
E
M
U
C
O
D
A
:
N
O
I
S
I
V
E
R
8
0
/
4
1
/
3
0
:
E
T
A
D
ZH20
20-Contact, Very Thin Quad Flat No-Lead, TQFN
08 0122
08-0094


Similar Part No. - PI2EQX3431ZHE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2EQX3201 PERICOM-PI2EQX3201 Datasheet
510Kb / 7P
   3.2Gbps 2 Differential Channel Serial Re-driver with built-in Equalization and De-emphasis
PI2EQX3201BL PERICOM-PI2EQX3201BL Datasheet
585Kb / 5P
   3.0Gbps 2 Differential Channel SATA i/m ReDriver with Equalization, De-emphasis and OOB
PI2EQX3201ZFE PERICOM-PI2EQX3201ZFE Datasheet
510Kb / 7P
   3.2Gbps 2 Differential Channel Serial Re-driver with built-in Equalization and De-emphasis
PI2EQX3202 PERICOM-PI2EQX3202 Datasheet
553Kb / 7P
   3.2Gbps, 4 Differential Channel, Serial Re-driver with Built-in Equalization & De-emphasis
PI2EQX3202B PERICOM-PI2EQX3202B Datasheet
419Kb / 7P
   3.2Gbps, 4 Differential Channel, Serial Re-Driver with Equalization, De-emphasis, and Squelch
More results

Similar Description - PI2EQX3431ZHE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2EQX3232B PERICOM-PI2EQX3232B Datasheet
465Kb / 7P
   3.2Gbps, 2-Port, SATAi/m, Serial Re-Driver
PI2EQX3202B PERICOM-PI2EQX3202B Datasheet
419Kb / 7P
   3.2Gbps, 4 Differential Channel, Serial Re-Driver with Equalization, De-emphasis, and Squelch
PI2EQX3202 PERICOM-PI2EQX3202 Datasheet
553Kb / 7P
   3.2Gbps, 4 Differential Channel, Serial Re-driver with Built-in Equalization & De-emphasis
PI2EQX3211B PERICOM-PI2EQX3211B Datasheet
408Kb / 5P
   3.2Gbps 2 Differential Channel Serial Re-driver with Equalization, Squelch and Flow-Through Pinout
logo
Texas Instruments
SN75DP130 TI1-SN75DP130 Datasheet
2Mb / 31P
[Old version datasheet]   DisplayPort1:1 Re-Driver with Link Training
APRIL2011
logo
Amphenol Corporation
FS1-S01-146E1 AMPHENOL-FS1-S01-146E1 Datasheet
161Kb / 2P
   MINI SAS 1 DEGREE SINGLE PORT CAGE
logo
Pericom Semiconductor C...
PI3EQX4951B PERICOM-PI3EQX4951B Datasheet
832Kb / 9P
   3.3V, 1-port, SATA2 i/m ReDriver with Analog/Digital Configuration
PI3EQX4951ST PERICOM-PI3EQX4951ST Datasheet
499Kb / 9P
   3.3V, 1-port, SATA2 i/m ReDriver with Analog/Digital Configuration
PI2EQX3201 PERICOM-PI2EQX3201 Datasheet
510Kb / 7P
   3.2Gbps 2 Differential Channel Serial Re-driver with built-in Equalization and De-emphasis
logo
Linear Technology
LTC5100 LINER-LTC5100 Datasheet
575Kb / 52P
   3.3V, 3.2Gbps VCSEL Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com