Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA4867-N20-T Datasheet(PDF) 6 Page - UMC Corporation

Part # PA4867-N20-T
Description  DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMC [UMC Corporation]
Direct Link  http://www.umc.com
Logo UMC - UMC Corporation

PA4867-N20-T Datasheet(HTML) 6 Page - UMC Corporation

  PA4867-N20-T Datasheet HTML 1Page - UMC Corporation PA4867-N20-T Datasheet HTML 2Page - UMC Corporation PA4867-N20-T Datasheet HTML 3Page - UMC Corporation PA4867-N20-T Datasheet HTML 4Page - UMC Corporation PA4867-N20-T Datasheet HTML 5Page - UMC Corporation PA4867-N20-T Datasheet HTML 6Page - UMC Corporation PA4867-N20-T Datasheet HTML 7Page - UMC Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PA4867
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R502-125.A
TYPICAL CHARACTERISTICS(Cont.)
-40
0
0
2.5
80
Power Derating Curve
160
Temperature (℃)
2
1.5
1
0.5
40
120
0
0.1
0.25
0.3
Power Dissipation vs. Output Power
Output Power (W)
0.2
0.15
0.1
0.05
0.2
0.4
VDD=5V
f=1kHz
Single Ended
THD+N≤1.0%
BW<80kHz
RL=16Ω
RL=32Ω
RL=8Ω


Similar Part No. - PA4867-N20-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA4867 UTC-PA4867 Datasheet
288Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4867G-N20-R UTC-PA4867G-N20-R Datasheet
288Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4867G-N20-R UTC-PA4867G-N20-R Datasheet
288Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4867G-N20-T UTC-PA4867G-N20-T Datasheet
288Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4867G-N20-T UTC-PA4867G-N20-T Datasheet
288Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
More results

Similar Description - PA4867-N20-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA4867 UTC-PA4867 Datasheet
288Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4867 UTC-PA4867_15 Datasheet
288Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Texas Instruments
LM4873 TI1-LM4873 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
logo
National Semiconductor ...
LM4873 NSC-LM4873_02 Datasheet
956Kb / 25P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
LM4873 NSC-LM4873 Datasheet
532Kb / 19P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
LM4883 NSC-LM4883 Datasheet
1Mb / 23P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone
LM4888 NSC-LM4888 Datasheet
1Mb / 22P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone & 3D Enhancement
LM4888 NSC-LM4888_06 Datasheet
1Mb / 23P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone & 3D Enhancement
LM4863 NSC-LM4863_06 Datasheet
1Mb / 21P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Unisonic Technologies
PA4863 UTC-PA4863_15 Datasheet
475Kb / 12P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com