Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65MLVD205ADRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN65MLVD205ADRG4
Description  MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD205ADRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65MLVD205ADRG4 Datasheet HTML 2Page - Texas Instruments SN65MLVD205ADRG4 Datasheet HTML 3Page - Texas Instruments SN65MLVD205ADRG4 Datasheet HTML 4Page - Texas Instruments SN65MLVD205ADRG4 Datasheet HTML 5Page - Texas Instruments SN65MLVD205ADRG4 Datasheet HTML 6Page - Texas Instruments SN65MLVD205ADRG4 Datasheet HTML 7Page - Texas Instruments SN65MLVD205ADRG4 Datasheet HTML 8Page - Texas Instruments SN65MLVD205ADRG4 Datasheet HTML 9Page - Texas Instruments SN65MLVD205ADRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
www.ti.com
DRIVER SWITCHING CHARACTERISTICS
RECEIVER SWITCHING CHARACTERISTICS
SN65MLVD200A, SN65MLVD202A
SN65MLVD204A, SN65MLVD205A
SLLS573 – DECEMBER 2003
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
tpLH
Propagation delay time, low-to-high-level output
2
2.5
3.5
ns
tpHL
Propagation delay time, high-to-low-level output
2
2.5
3.5
ns
tr
Differential output signal rise time
2
2.6
3.2
ns
See Figure 5
tf
Differential output signal fall time
2
2.6
3.2
ns
tsk(p)
Pulse skew (|tpHL– tpLH|)
30
150
ps
tsk(pp)
Part-to-part skew
0.9
ns
tjit(per)
Period jitter, rms (1 standard deviation)(2)
50 MHz clock input(3)
2
3
ps
tjit(pp)
Peak-to-peak jitter(2)(4)
100 Mbps 215-1 PRBS input(5)
55
150
ps
tPHZ
Disable time, high-level-to-high-impedance output
4
7
ns
tPLZ
Disable time, low-level-to-high-impedance output
4
7
ns
See Figure 6
tPZH
Enable time, high-impedance-to-high-level output
4
7
ns
tPZL
Enable time, high-impedance-to-low-level output
4
7
ns
(1)
All typical values are at 25
°C and with a 3.3-V supply voltage.
(2)
Jitter is ensured by design and characterization. Stimulus jitter has been subtracted from the numbers.
(3)
tr = tf = 0.5 ns (10% to 90%), measured over 30 k samples.
(4)
Peak-to-peak jitter includes jitter due to pulse skew (tsk(p)).
(5)
tr = tf = 0.5 ns (10% to 90%), measured over 100 k samples.
over recommended operating conditions unless otherwise noted
TYP(1)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
(1)
tPLH
Propagation delay time, low-to-high-level output
2
3.6
6
ns
tPHL
Propagation delay time, high-to-low-level output
2
3.6
6
ns
tr
Output signal rise time
1
2.3
ns
tf
Output signal fall time
CL = 15 pF, See Figure 10
1
2.3
ns
Type 1
100
300
ps
tsk(p)
Pulse skew (|tpHL– tpLH|)
Type 2
300
500
ps
tsk(pp)
Part-to-part skew(2)
1
ns
tjit(per)
Period jitter, rms (1 standard deviation)(3)
50 MHz clock input(4)
4
7
ps
Type 1
200
700
ps
tjit(pp)
Peak-to-peak jitter(3)(5)
100 Mbps 215–1 PRBS input(6)
Type 2
225
800
ps
tPHZ
Disable time, high-level-to-high-impedance output
6
10
ns
tPLZ
Disable time, low-level-to-high-impedance output
6
10
ns
See Figure 11
tPZH
Enable time, high-impedance-to-high-level output
10
15
ns
tPZL
Enable time, high-impedance-to-low-level output
10
15
ns
(1)
All typical values are at 25
°C and with a 3.3-V supply voltage.
(2)
HP4194A impedance analyzer (or equivalent)
(3)
Jitter is ensured by design and characterization. Stimulus jitter has been subtracted from the numbers.
(4)
VID = 200 mVpp (LVD200A, 202A), VID = 400 mVpp (LVD204A, 205A), Vcm = 1 V, tr = tf = 0.5 ns (10% to 90%), measured over 30 k
samples.
(5)
Peak-to-peak jitter includes jitter due to pulse skew (tsk(p)).
(6)
VID = 200 mVpp (LVD200A, 202A), VID = 400 mVpp (LVD204A, 205A), Vcm = 1 V, tr = tf = 0.5 ns (10% to 90%), measured over 100 k
samples.
6
Submit Documentation Feedback


Similar Part No. - SN65MLVD205ADRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD205ADRG4 TI-SN65MLVD205ADRG4 Datasheet
547Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
More results

Similar Description - SN65MLVD205ADRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_07 Datasheet
695Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201 Datasheet
329Kb / 10P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI1-SN65MLVD200A_15 Datasheet
1Mb / 38P
[Old version datasheet]   Multipoint-LVDS Line Driver and Receiver
SN65MLVD200A TI-SN65MLVD200A Datasheet
547Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
logo
National Semiconductor ...
DS91D180 NSC-DS91D180 Datasheet
607Kb / 13P
   Multipoint LVDS (M-LVDS) Line Driver/Receiver
logo
Texas Instruments
SN65MLVD203B TI-SN65MLVD203B Datasheet
1Mb / 40P
[Old version datasheet]   SN65MLVD203B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047_06 Datasheet
308Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com