Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3122D2N Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3122D2N
Description  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3122D2N Datasheet(HTML) 4 Page - Texas Instruments

  TPA3122D2N Datasheet HTML 1Page - Texas Instruments TPA3122D2N Datasheet HTML 2Page - Texas Instruments TPA3122D2N Datasheet HTML 3Page - Texas Instruments TPA3122D2N Datasheet HTML 4Page - Texas Instruments TPA3122D2N Datasheet HTML 5Page - Texas Instruments TPA3122D2N Datasheet HTML 6Page - Texas Instruments TPA3122D2N Datasheet HTML 7Page - Texas Instruments TPA3122D2N Datasheet HTML 8Page - Texas Instruments TPA3122D2N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.ti.com
DC CHARACTERISTICS
AC CHARACTERISTICS
TPA3122D2
SLOS527A – DECEMBER 2007 – REVISED DECEMBER 2007
TA = 25°C, VCC = 24 V, RL = 4Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Class-D output offset voltage
| VOS |
VI = 0 V, AV = 36 dB
7.5
50
mV
(measured differentially)
V(BYPASS)
Bypass output voltage
No load
AVCC/8
V
ICC(q)
Quiescent supply current
SD = 2 V, MUTE = 0 V, No load
23
37
mA
ICC(q)
Quiescent supply current in mute mode
MUTE = 2 V, No load
23
mA
ICC(q)
Quiescent supply current in shutdown
1
SD = 0.8 V , No load
0.39
mA
mode
rDS(on)
Drain-source on-state resistance
200
m
Gain0 = 0.8 V
18
20
22
Gain1 = 0.8 V
Gain0 = 2 V
24
26
28
G
Gain
dB
Gain0 = 0.8 V
30
32
34
Gain1 = 2 V
Gain0 = 2 V
34
36
38
Mute Attenuation
VI = 1Vrms
–82
TA = 25°C, VCC = 24V, RL = 4Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = 12 V, Vripple = 200 mVPP
100 Hz
–30
dB
KSVR
Supply ripple rejection
Gain = 20 dB
1 kHz
-48
dB
VCC = 12 V, RL = 4 Ω, f = 1 kHz
4
Output Power at 1% THD+N
VCC = 24 V, RL = 8 Ω, f = 1 kHz
8
PO
W
VCC = 12 V, RL = 4 Ω, f = 1 kHz
5
Output Power at 10%
THD+N
VCC = 24 V, RL = 8 Ω, f = 1 kHz
10
RL = 4 Ω, f = 1 kHz, PO = 1 W
0.1%
Total harmonic distortion +
THD+N
noise
RL = 8 Ω, f = 1 kHz, PO = 1 W
0.06%
85
µV
Vn
Output integrated noise floor
20 Hz to 22 kHz, A-weighted filter, Gain = 20 dB
–80
dB
Crosstalk
PO = 1 W, f = 1kHz; Gain = 20 dB
–60
dB
SNR
Signal-to-noise ratio
Max Output at THD+N < 1%, f = 1 kHz, Gain = 20 dB
99
dB
Thermal trip point
150
°C
Thermal hysteresis
30
°C
fOSC
Oscillator frequency
10 V
≤ VCC
230
250
270
kHz
mute delay
time from mute input switches high until outputs muted
120
msec
Δt
unmute delay
time from mute input switches low until outputs unmuted
120
msec
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s) :TPA3122D2


Similar Part No. - TPA3122D2N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3122D2 TI1-TPA3122D2 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3122D2N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI1-TPA3107D2_16 Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI-TPA3124D2 Datasheet
874Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2_15 Datasheet
1,013Kb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2_07 Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com