Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK14EC8-BF15ITR Datasheet(PDF) 6 Page - Simtek Corporation

Part # STK14EC8-BF15ITR
Description  512Kx8 Autostore nvSRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14EC8-BF15ITR Datasheet(HTML) 6 Page - Simtek Corporation

Back Button STK14EC8-BF15ITR Datasheet HTML 2Page - Simtek Corporation STK14EC8-BF15ITR Datasheet HTML 3Page - Simtek Corporation STK14EC8-BF15ITR Datasheet HTML 4Page - Simtek Corporation STK14EC8-BF15ITR Datasheet HTML 5Page - Simtek Corporation STK14EC8-BF15ITR Datasheet HTML 6Page - Simtek Corporation STK14EC8-BF15ITR Datasheet HTML 7Page - Simtek Corporation STK14EC8-BF15ITR Datasheet HTML 8Page - Simtek Corporation STK14EC8-BF15ITR Datasheet HTML 9Page - Simtek Corporation STK14EC8-BF15ITR Datasheet HTML 10Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
Simtek Confidential
Jan, 2008
Document Control #ML0060 Rev 1.1
STK14EC8
Preliminary
SRAM WRITE CYCLES #1 & #2
Note g:
If W is low when E goes low, the outputs remain in the high-impedance state.
Note h:
E or W must be
≥ V
IH during address transitions.
SRAM WRITE CYCLE #1: W Controlledg,h
SRAM WRITE CYCLE #2: E Controlledg,h
NO.
SYMBOLS
PARAMETER
STK14EC8-15
STK14EC8-25
STK14EC8-45
UNITS
#1
#2
Alt.
MIN
MAX
MIN
MAX
MIN
MAX
12
tAVAV
tAVAV
tWC
Write Cycle Time
15
25
45
ns
13
tWLWH
tWLEH
tWP
Write Pulse Width
10
20
30
ns
14
tELWH
tELEH
tCW
Chip Enable to End of Write
15
20
30
ns
15
tDVWH
tDVEH
tDW
Data Set-up to End of Write
5
10
15
ns
16
tWHDX
tEHDX
tDH
Data Hold after End of Write
0
0
0
ns
17
tAVWH
tAVEH
tAW
Address Set-up to End of Write
10
20
30
ns
18
tAVWL
tAVEL
tAS
Address Set-up to Start of Write
0
0
0
ns
19
tWHAX
tEHAX
tWR
Address Hold after End of Write
0
0
0
ns
20
tWLQZ
e, g
tWZ
Write Enable to Output Disable
7
10
15
ns
21
tWHQX
tOW
Output Active after End of Write
3
3
3
ns
PREVIOUS DATA
DATA OUT
E
ADDRESS
12
tAVAV
W
16
tWHDX
DATA IN
19
tWHAX
13
tWLWH
18
tAVWL
17
tAVWH
DATA VALID
20
tWLQZ
15
tDVWH
HIGH IMPEDANCE
21
tWHQX
14
tELWH
DATA IN
12
tAVAV
16
tEHDX
13
tWLEH
19
tEHAX
18
tAVEL
17
tAVEH
DATA VALID
15
tDVEH
HIGH IMPEDANCE
14
tELEH
DATA OUT
E
ADDRESS
W
DATA IN


Similar Part No. - STK14EC8-BF15ITR

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14EC8-TF15 SIMTEK-STK14EC8-TF15 Datasheet
202Kb / 18P
   512Kx8 Autostore nvSRAM
STK14EC8-TF15I SIMTEK-STK14EC8-TF15I Datasheet
202Kb / 18P
   512Kx8 Autostore nvSRAM
STK14EC8-TF15ITR SIMTEK-STK14EC8-TF15ITR Datasheet
202Kb / 18P
   512Kx8 Autostore nvSRAM
STK14EC8-TF15TR SIMTEK-STK14EC8-TF15TR Datasheet
202Kb / 18P
   512Kx8 Autostore nvSRAM
STK14EC8-TF25 SIMTEK-STK14EC8-TF25 Datasheet
202Kb / 18P
   512Kx8 Autostore nvSRAM
More results

Similar Description - STK14EC8-BF15ITR

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14EC8 SIMTEK-STK14EC8 Datasheet
202Kb / 18P
   512Kx8 Autostore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com