Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LANC122.5W12 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # LANC122.5W12
Description  DC/DC Converter 9-18 VDC Input 2.5 VDC Output at 3.5A
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANC122.5W12 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  LANC122.5W12 Datasheet HTML 1Page - Wall Industries,Inc. LANC122.5W12 Datasheet HTML 2Page - Wall Industries,Inc. LANC122.5W12 Datasheet HTML 3Page - Wall Industries,Inc. LANC122.5W12 Datasheet HTML 4Page - Wall Industries,Inc. LANC122.5W12 Datasheet HTML 5Page - Wall Industries,Inc. LANC122.5W12 Datasheet HTML 6Page - Wall Industries,Inc. LANC122.5W12 Datasheet HTML 7Page - Wall Industries,Inc. LANC122.5W12 Datasheet HTML 8Page - Wall Industries,Inc. LANC122.5W12 Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TECHNICAL DATASHEET
LANC122.5W12
(888) 597-WALL
www.wallindustries.com
Page 2 of 14
Technical Specifications
M
Mood
deell N
Noo.. LANC122.5W12
All specifications are based on 25 oC, Nominal Input Voltage and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
Related condition
Min
Nom
Max
Unit
Switching Frequency
Test at nominal Vin and full load
400
kHz
INPUT (Vin)
Operating Voltage Range
9
12
18
Vdc
Input Voltage (Continuous)
20
Vdc
Input Voltage (Transient 100ms)
36
Vdc
UVLO Turn-on Threshold
9
Vdc
UVLO Turn-off Threshold
8
Vdc
Input Standby Current
Nominal Vin and No Load
50
mA
Input Voltage Variation
Complies with EST300 132 part 4.4
5
V/ms
Input Current
Nominal Vin and Full Load
935
mA
Reflected Ripple Current
5 to 20MHz, 12µH source impedance
(See the Test Setup section - pg 8)
20
mApk-pk
EFFICIENCY
Test at nominal Vin and full load
(See the Test Setup section – pg 8)
82
%
OUTPUT (Vo)
Operating Output Range
Nominal Vin and Full Load
2.47
2.5
2.53
Vdc
Load Regulation
0% to 100% Full Load
-1.0
+1.0
%
Line Regulation
LL to HL at Full Load
-0.2
+0.2
%
Output Ripple & Noise
5Hz to 20MHz bandwidth
(See the Test Setup section - pg 8)
85
mVpk-pk
Output Current
0
3.5
A
Output Voltage Overshoot
LL to HL at Full Load
0
3
% Vout
Over Voltage Protection
Zener diode clamp
3.9
Vdc
Over Current Protection
150
% FL
Short Circuit Protection
Continuous, automatic recovery
DYNAMIC LOAD RESPONSE
Test at nominal Vin
Peak Deviation
Load step change from 75 to 100% or 100 to 75 % of FL
200
mV
Setting Time (Vout < 10% peak deviation)
250
µs
REMOTE ON/OFF
The ON/OFF pin voltage is referenced to -Vin
(See the Remote ON/OFF Control section - pg 5)
ON/OFF pin High Voltage (Remote ON)
3.0
12
Vdc
ON/OFF pin Low Voltage (Remote OFF)
0
1.2
Vdc
ON/OFF pin Low Voltage, input current
2.5
mA
START UP TIME
Test at nominal Vin and constant resistive load
Power Up
450
ms
Remote ON/OFF
5
ms
ISOLATION
Isolation Voltage (Input-Output)
1600
Vdc
Isolation Voltage (Output to Case–DIP Type)
1600
Vdc
Isolation Voltage (Output to Case–SMT Type)
1000
Vdc
Isolation Voltage (Input to Case - DIP Type)
1600
Vdc
Isolation Voltage (Input to Case - SMT Type)
1000
Vdc
Isolation Resistance
1
GΩ
Isolation Capacitance
1200
pF
ENVIRONMENTAL
Operating Ambient Temperature (w/ derating)
-40
85
oC
Operating Case Temperature
100
oC
Storage Temperature
-55
105
oC
Temperature Coefficient
-0.02
+0.02
% / oC
MTBF
See the MTBF and Reliability section (pg 13)
Bellcore TR-NWT-000332, TC=40°C
2,750,000
hours
MIL-STD-217F
1,080,000
hours
MECHANICAL
See Figure 1
Weight
18.0
grams
Dimensions
1.25 x 0.8 x 0.450
inches


Similar Part No. - LANC122.5W12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LANC122.5W12 ETC2-LANC122.5W12 Datasheet
879Kb / 14P
   DC/DC Converter 9-18 VDC Input 2.5 VDC Output at 3.5A
logo
Wall Industries,Inc.
LANC122.5W12 WALL-LANC122.5W12 Datasheet
243Kb / 3P
   Single and Dual Output 12 Watt DC/DC Converter 2:1 Ultra Wide Input Voltage
logo
List of Unclassifed Man...
LANC122.5W12-S ETC2-LANC122.5W12-S Datasheet
879Kb / 14P
   DC/DC Converter 9-18 VDC Input 2.5 VDC Output at 3.5A
More results

Similar Description - LANC122.5W12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LANC1225W12 ETC2-LANC1225W12 Datasheet
879Kb / 14P
   DC/DC Converter 9-18 VDC Input 2.5 VDC Output at 3.5A
logo
Wall Industries,Inc.
LANC242.5W12 WALL-LANC242.5W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 2.5 VDC Output at 3.5A
LANC123.3W12 WALL-LANC123.3W12 Datasheet
880Kb / 14P
   DC/DC Converter 9-18 VDC Input 3.3 VDC Output at 3.5A
LANC482.5W12 WALL-LANC482.5W12 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 2.5 VDC Output at 3.5A
LANC2433UW12 WALL-LANC2433UW12 Datasheet
923Kb / 14P
   DC/DC Converter 9-36 VDC Input 3.3 VDC Output at 3.5A
LANC4833UW12 WALL-LANC4833UW12 Datasheet
941Kb / 14P
   DC/DC Converter 18-75 VDC Input 3.3 VDC Output at 3.5A
LANC243.3W12 WALL-LANC243.3W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 3.3 VDC Output at 3.5A
LANC1205DW8 WALL-LANC1205DW8 Datasheet
1Mb / 14P
   DC/DC Converter 9-18 VDC Input 짹5.0 VDC Output at 짹0.8A
LANC1215DW12 WALL-LANC1215DW12 Datasheet
916Kb / 14P
   DC/DC Converter 9-18 VDC Input 짹15 VDC Output at 짹0.4A
LANC125.1W12 WALL-LANC125.1W12 Datasheet
889Kb / 14P
   DC/DC Converter 9-18 VDC Input 5.1 VDC Output at 2.4A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com