Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LANC2405DUW8 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # LANC2405DUW8
Description  Single and Dual Output 8 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANC2405DUW8 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  LANC2405DUW8 Datasheet HTML 1Page - Wall Industries,Inc. LANC2405DUW8 Datasheet HTML 2Page - Wall Industries,Inc. LANC2405DUW8 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LANC8UW Ultra Wide Series
Single and Dual Output
8 Watt DC/DC Converter
4:1 Ultra Wide Input Voltage
SAFETY & EMC
Approvals and Standards................. IEC60950-1, UL60950-1, EN60950-1
EMI (See Note 7) ............... EN55022.............................................Class A
ESD.................... EN61000-4-2……..
……Perf. Criteria B
Radiated Immunity........... EN61000-4-3……………10V/m Perf. Criteria A
Fast Transient.................. EN61000-4-4 ................... ±2KV Perf. Criteria B
Surge (See Note 8).......... EN61000-4-5……………..±1KV Perf. Criteria B
Conducted Immunity…… EN61000-4-6……….…10 Vrms Perf. Criteria A
OUTPUT VOLTAGE / CURRENT RATING CHART
Output Current
Input Current
Model Number
Input Range
Output
Voltage Min. load Full load
Output
(2)
Ripple & Noise No load (3) Full load (2)
Efficiency
(4)
Capacitor
(5)
Load max
LANC2433UW8
3.3 VDC
0mA
2400mA
50mVp-p
40mA
407mA
85%
1330uF
LANC2405UW8
5 VDC
0mA
1600mA
50mVp-p
40mA
402mA
87%
1330uF
LANC2412UW8
12 VDC
0mA
666mA
50mVp-p
25mA
407mA
86%
288uF
LANC2415UW8
15 VDC
0mA
533mA
50mVp-p
25mA
407mA
86%
200uF
LANC2405DUW8
±5 VDC
0mA
±800mA
50mVp-p
20mA
417mA
84%
±900uF
LANC2412DUW8
±12 VDC
0mA
±333mA
50mVp-p
25mA
407mA
86%
±133uF
LANC2415DUW8
24VDC
(9 - 36 VDC)
±15 VDC
0mA
±267mA
50mVp-p
25mA
407mA
86%
±90uF
LANC4833UW8
3.3 VDC
0mA
2400mA
50mVp-p
20mA
204mA
85%
1330uF
LANC4805UW8
5 VDC
0mA
1600mA
50mVp-p
20mA
201mA
87%
1330uF
LANC4812UW8
12 VDC
0mA
666mA
50mVp-p
13mA
201mA
87%
288uF
LANC4815UW8
15 VDC
0mA
533mA
50mVp-p
13mA
198mA
88%
200uF
LANC4805DUW8
±5 VDC
0mA
±800mA
50mVp-p
10mA
208mA
84%
±900uF
LANC4812DUW8
±12 VDC
0mA
±333mA
50mVp-p
13mA
201mA
87%
±133uF
LANC4815DUW8
48VDC
(18 - 75 VDC)
±15 VDC
0mA
±267mA
50mVp-p
13mA
201mA
87%
±90uF
NOTES
1.
BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40ºC. (Ground fixed and controlled environment)
MIL-STD-217F Notice2 @Ta=25 ºC, Full load (Ground, Benign, controlled environment)
2.
Maximum value at nominal input voltage and full load.
3.
Typical value at nominal input voltage and no load.
4.
Typical value at nominal input voltage and full load.
5.
Test by minimum Vin and constant resistive load.
6.
The ON/OFF control pin voltage is referenced to -Vin.
7.
The LANC8UW Series can meet EN55022 Class A with an external capacitor in parallel with the input pins.
Recommend: 24Vin: 1µF/50V
48Vin: 0.47µF/100V
8.
An external filter capacitor is required if the module has to meet EN61000-4-5. The filter capacitor Wall Industries suggests: Nippon chemi-con
KY Series, 220uF/100V, ESR 48mΩ
.
DERATING CURVE & EFFICIENCY GRAPHS
FKC08-48S05W Derating Curve
0
20
40
60
80
100
120
-40
-20
0
2040
6080
100
120
AMBIENT TEMPERATURE(℃)
81
FKC08-48S05W
Efficiency VS Input Voltage
65
70
75
80
85
90
95
18
24
30
36
42
48
54
60
66
72
75
Vin(V)
FKC08-48S05W
Efficiency VS Output Load
65
70
75
80
85
90
95
10
20
30
40
50
60
70
80
90
100
% of FULL LOAD
LANC4805UW8
Derating Curve
LANC4805UW8
Efficiency vs Input Voltage
LANC4805UW8
Efficiency vs Output Load
Air
± 8KV
Contact ± 6KV


Similar Part No. - LANC2405DUW8

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC2405DUW8 WALL-LANC2405DUW8 Datasheet
388Kb / 5P
   8 Watt DC/DC Power Converters
LANC2405DUW8 WALL-LANC2405DUW8 Datasheet
417Kb / 5P
   Single and Dual Outputs
More results

Similar Description - LANC2405DUW8

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANCUW12 WALL-LANCUW12 Datasheet
243Kb / 3P
   Single and Dual Output 12 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage
DMW24S33-3000 WALL-DMW24S33-3000 Datasheet
236Kb / 9P
   Single and Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
JFCW24S33-4000 WALL-JFCW24S33-4000 Datasheet
185Kb / 4P
   Single & Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
LANEUW WALL-LANEUW Datasheet
262Kb / 9P
   Single and Dual Output 2 Watt DC/DC Converter 4:1 Ultra Wide Input Range
LANCW12 WALL-LANCW12 Datasheet
243Kb / 3P
   Single and Dual Output 12 Watt DC/DC Converter 2:1 Ultra Wide Input Voltage
LANCW8 WALL-LANCW8 Datasheet
243Kb / 3P
   Single and Dual Output 8 Watt DC/DC Converter 2:1 Wide Input Voltage Range
MDW WALL-MDW Datasheet
256Kb / 3P
   Single and Dual Output 20 Watt DC/DC Converter 4:1 Wide Input Voltage Range
LANCW5 WALL-LANCW5 Datasheet
231Kb / 3P
   Single and Dual Output 5 Watt DC/DC Converter 2:1 and 4:1 Wide Input Voltage
MSKUW WALL-MSKUW_16 Datasheet
204Kb / 7P
   5 Watt DC/DC Converter Single and Dual Outputs 4:1 Ultra Wide Input Voltage Range
JRW24S33-2500 WALL-JRW24S33-2500 Datasheet
146Kb / 3P
   Single and Dual Outputs 10 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com