Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-IHM005V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IHM005V1
Description  BLDC & AC Motor Control Power Driver Board 3KW
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IHM005V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IHM005V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IHM005V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IHM005V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IHM005V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office
Rev 1
November 2005
1/4
4
STEVAL-IHM005V1
BLDC & AC Motor Control
Power Driver Board 3KW
Features
Quick to set up, to install and easy to run
Inverter stage IGBT short circuit rugged based
Design is re-usable (the ORCAD source files
are available for free)
Several kinds of applications with six-step
commutation or 6-signal PWM (sine wave-
modulated) outputs, including: 3 Phase AC
Induction motor control, 3 Phase BLDC/AC PM
motor control (6-step sensorless), 3 Phase
BLAC PM motor control (sinusoidal driven, with
Hall sensors)
Optimized layout to provide very low level of
interference between the Power and the Signal
noise
Modular approach with three different power
board module (300W, 1kW, 3kW)
Applications
The
general
hardware
architecture
of
the
reference design kit is based on an Inverter
topology suitable to efficiently drive three types of
motors: "3 Phase BLDC/AC Permanent Magnet
(in six-step mode)" , "3 Phase AC Induction" and
"3 Phase BLAC PM motor (sinusoidal driven)"
plus a plug-in control board, based on ST7FMC
MCU.
The inverter bridge is made by six IGBTs short
circuit rugged rated at 10uS with different option
of current capability in relationship to the power
needed by the customer final application. The
driving of the bridge is made by three IGBTs
drivers (suited in the control board) with High
Side/Low Side integrated functionality in a single
chip with also several protections. The supply of
the power is implemented using the Viper, a
Vertical Intelligent Power Enhanced Regulators
which combines an optimized, high voltage,
Vertical Power MOSFET with state-of-the-art
PWM circuitry.
STEVAL-IHM005V1
www.st.com


Similar Part No. - STEVAL-IHM005V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHM002V1 STMICROELECTRONICS-STEVAL-IHM002V1 Datasheet
104Kb / 4P
   BLDC & AC motor control control board indart
STEVAL-IHM003V1 STMICROELECTRONICS-STEVAL-IHM003V1 Datasheet
116Kb / 4P
   Inverter stage IGBT short circuit rugged based
STEVAL-IHM004V1 STMICROELECTRONICS-STEVAL-IHM004V1 Datasheet
130Kb / 4P
   BLDC & AC motor control Power driver board 1 KW
STEVAL-IHM006V1 STMICROELECTRONICS-STEVAL-IHM006V1 Datasheet
101Kb / 5P
   AC/AC chopper driver
July 2007 Rev 1
STEVAL-IHM008V1 STMICROELECTRONICS-STEVAL-IHM008V1 Datasheet
218Kb / 4P
   BLDC & AC motor control Power board SEMITOP짰2 1kW
More results

Similar Description - STEVAL-IHM005V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHM009V1 STMICROELECTRONICS-STEVAL-IHM009V1 Datasheet
198Kb / 4P
   BLDC & AC Motor Control Power board SEMITOP짰3 3kW
STEVAL-IHM004V1 STMICROELECTRONICS-STEVAL-IHM004V1 Datasheet
130Kb / 4P
   BLDC & AC motor control Power driver board 1 KW
STEVAL-IHM002V1 STMICROELECTRONICS-STEVAL-IHM002V1 Datasheet
104Kb / 4P
   BLDC & AC motor control control board indart
STEVAL-IHM008V1 STMICROELECTRONICS-STEVAL-IHM008V1 Datasheet
218Kb / 4P
   BLDC & AC motor control Power board SEMITOP짰2 1kW
logo
Melexis Microelectronic...
MLX90283 MELEXIS-MLX90283 Datasheet
305Kb / 10P
   BLDC Vibration Motor Driver
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
logo
Texas Instruments
MDL-BLDC TI-MDL-BLDC Datasheet
326Kb / 6P
[Old version datasheet]   Brushless DC (BLDC) Motor Control Board with Ethernet and CAN
MDL-ACIM TI-MDL-ACIM Datasheet
220Kb / 5P
[Old version datasheet]   AC Induction Motor (ACIM) Control Board
logo
Fairchild Semiconductor
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com