Electronic Components Datasheet Search |
|
ADSP-BF531SBB400 Datasheet(PDF) 10 Page - Analog Devices |
|
ADSP-BF531SBB400 Datasheet(HTML) 10 Page - Analog Devices |
10 / 60 page ADSP-BF531/ADSP-BF532/ADSP-BF533 • Interrupts – Each transmit and receive port generates an interrupt upon completing the transfer of a data-word or after transferring an entire data buffer or buffers through DMA. • Multichannel capability – Each SPORT supports 128 chan nels out of a 1,024-channel window and is compatible with the H.100, H.110, MVIP-90, and HMVIP standards. An additional 250 mV of SPORT input hysteresis can be enabled by setting Bit 15 of the PLL_CTL register. When this bit is set, all SPORT input pins have the increased hysteresis. SERIAL PERIPHERAL INTERFACE (SPI) PORT The ADSP-BF531/ADSP-BF532/ADSP-BF533 processor has an SPI-compatible port that enables the processor to communicate with multiple SPI-compatible devices. The SPI interface uses three pins for transferring data: two data pins (master output-slave input, MOSI, and master input-slave output, MISO) and a clock pin (serial clock, SCK). An SPI chip select input pin (SPISS) lets other SPI devices select the proces sor, and seven SPI chip select output pins (SPISEL7–1) let the processor select other SPI devices. The SPI select pins are recon- figured general-purpose I/O pins. Using these pins, the SPI port provides a full-duplex, synchronous serial interface which sup ports both master/slave modes and multimaster environments. The baud rate and clock phase/polarities for the SPI port are programmable, and it has an integrated DMA controller, con figurable to support transmit or receive data streams. The SPI DMA controller can only service unidirectional accesses at any given time. The SPI port clock rate is calculated as: fSCLK SPI Clock Rate = ------------------------------------ 2 × SPI_BAUD Where the 16-bit SPI_BAUD register contains a value of 2 to 65,535. During transfers, the SPI port simultaneously transmits and receives by serially shifting data in and out on its two serial data lines. The serial clock line synchronizes the shifting and sam pling of data on the two serial data lines. UART PORT The ADSP-BF531/ADSP-BF532/ADSP-BF533 processor pro vides a full-duplex universal asynchronous receiver/transmitter (UART) port, which is fully compatible with PC-standard UARTs. The UART port provides a simplified UART interface to other peripherals or hosts, supporting full-duplex, DMA-sup ported, asynchronous transfers of serial data. The UART port includes support for 5 data bits to 8 data bits, 1 stop bit or 2 stop bits, and none, even, or odd parity. The UART port supports two modes of operation: • PIO (programmed I/O) – The processor sends or receives data by writing or reading I/O-mapped UART registers. The data is double-buffered on both transmit and receive. • DMA (direct memory access) – The DMA controller trans fers both transmit and receive data. This reduces the number and frequency of interrupts required to transfer data to and from memory. The UART has two dedicated DMA channels, one for transmit and one for receive. These DMA channels have lower default priority than most DMA channels because of their relatively low service rates. The baud rate, serial data format, error code generation and sta tus, and interrupts for the UART port are programmable. The UART programmable features include: • Supporting bit rates ranging from (f SCLK/1,048,576) bits per second to (f SCLK/16) bits per second. • Supporting data formats from seven bits to 12 bits per frame. • Both transmit and receive operations can be configured to generate maskable interrupts to the processor. The UART port’s clock rate is calculated as: fSCLK UART Clock Rate = ----------------------------------------------- 16 × UART_Divisor Where the 16-bit UART_Divisor comes from the UART_DLH register (most significant 8 bits) and UART_DLL register (least significant 8 bits). In conjunction with the general-purpose timer functions, autobaud detection is supported. The capabilities of the UART are further extended with support for the Infrared Data Association (IrDA) serial infrared physical layer link specification (SIR) protocol. GENERAL-PURPOSE I/O PORT F The ADSP-BF531/ADSP-BF532/ADSP-BF533 processor has 16 bidirectional, general-purpose I/O pins on Port F (PF15–0). Each general-purpose I/O pin can be individually controlled by manipulation of the GPIO control, status and interrupt registers: • GPIO direction control register – Specifies the direction of each individual PFx pin as input or output. • GPIO control and status registers – The ADSP-BF531/ ADSP-BF532/ADSP-BF533 processor employs a “write one to modify” mechanism that allows any combination of individual GPIO pins to be modified in a single instruction, without affecting the level of any other GPIO pins. Four control registers are provided. One register is written in order to set GPIO pin values, one register is written in order to clear GPIO pin values, one register is written in order to toggle GPIO pin values, and one register is written in order to specify GPIO pin values. Reading the GPIO sta tus register allows software to interrogate the sense of the GPIO pin. • GPIO interrupt mask registers – The two GPIO interrupt mask registers allow each individual PFx pin to function as an interrupt to the processor. Similar to the two GPIO con trol registers that are used to set and clear individual GPIO pin values, one GPIO interrupt mask register sets bits to enable interrupt function, and the other GPIO interrupt mask register clears bits to disable interrupt function. PFx Rev. E | Page 10 of 60 | July 2007 |
Similar Part No. - ADSP-BF531SBB400 |
|
Similar Description - ADSP-BF531SBB400 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |