Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGDSI-10-C-C Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MGDSI-10-C-C
Description  Industrial DC/DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MGDSI-10-C-C Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MGDSI-10-C-C Datasheet HTML 4Page - List of Unclassifed Manufacturers MGDSI-10-C-C Datasheet HTML 5Page - List of Unclassifed Manufacturers MGDSI-10-C-C Datasheet HTML 6Page - List of Unclassifed Manufacturers MGDSI-10-C-C Datasheet HTML 7Page - List of Unclassifed Manufacturers MGDSI-10-C-C Datasheet HTML 8Page - List of Unclassifed Manufacturers MGDSI-10-C-C Datasheet HTML 9Page - List of Unclassifed Manufacturers MGDSI-10-C-C Datasheet HTML 10Page - List of Unclassifed Manufacturers MGDSI-10-C-C Datasheet HTML 11Page - List of Unclassifed Manufacturers MGDSI-10-C-C Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
For locations, phone, fax, E-Mail see back cover
8
Industrial
Grade
MGDI-10 Standard Input Series
Gaia Converter FC97-006.03/06 Revision M
©
5
10- Environmental Qualifications
The modules have been subjected to the following environmental qualifications.
Characteristics
Conditions
Severity
Test procedure
Climatic Qualifications
Life at high
temperature
Duration
Temperature
Status of unit
1.000 Hrs
95°C case
unit operating
IEC 68-2-2
Humidity steady
Damp heat
Temperature
Duration
Status of unit
93 % relative humidity
40°C
56 days
unit not operating
IEC 68-2-3
Test Ca
Temperature
cycling
Number of cycles
Temperature change
Transfert time
Steady state time
Status of unit
200
-40°C / +71°C
40 min.
20 min.
unit not operating
IEC 68-2-14
Test N
Temperature
shock
Number of shocks
Temperature change
Transfert time
Steady state time
Status of unit
50
-40°C / +105°C
10 sec.
20 min.
unit not operating
IEC 68-2-14
Test Na
Mechanical Qualifications
Vibration
(Sinusoidal)
Number of cycles
Frequency : amplitude
Frequency : acceleration
Amplitude /acceleration
Duration
Status of unit
10 cycles in each axis
10 to 60 Hz / 0.7 mm
60 to 2000 Hz / 10 g
0.7 mm/10 g
2h 30 min. per axis
unit not operating
IEC 68-2-6
Test Fc
Shock
(Half sinus)
Number of shocks
Peak acceleration
Duration
Shock form
Status of unit
3 shocks in each axis
100 g
6 ms
1/2 sinusoidal
unit not operating
IEC 68-2-27
Test Ea
Bump
(Half sinus)
Number of bumps
Peak acceleration
Duration
Status of unit
2000 bumps in each axis
25 g
6 ms
unit not operating
IEC 68-2-29
Test Eb
Electrical Immunity Qualifications
Electrical
discharge
susceptibility
Number of discharges
Air discharge level
Contact discharge level
Air discharge level
Contact discharge level
10 positive & 10 negative discharges
4 kV : sanction A
2 Kk : sanction A
8 Kk : sanction B
4 kV : sanction B
EN55082-2 with :
EN61000-4-2
IEC 801-2
Electrical field
susceptibility
Antenna position
Electromagnetic field
Wave form signal
Frequency range
at 1 m
10 V/m
AM 80%, 1 kHz
26 MHz to 1 GHz
EN55082-2 with :
EN61000-4-3
IEC801-3
Electrical fast
transient
susceptibility
Burst form
Wave form signal
Impedance
Level 1
Level 3
5/50 ns
5 kHz with 15 ms burst duration period 300 ms
50 Ohm
0,5 kV : sanction A
2 kV : sanction B
EN55082-2 with :
EN61000-4-4
IEC801-4


Similar Part No. - MGDSI-10-C-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGDSI-10-C-C ETC1-MGDSI-10-C-C Datasheet
165Kb / 9P
   2:1 Standard Input Single & Bi Outputs Metallic case - 1.500 VDC Isolation
More results

Similar Description - MGDSI-10-C-C

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
MC34063A AIC-MC34063A_02 Datasheet
188Kb / 10P
   Industrial Standard, Universal DC/DC Converter
logo
Advantech Co., Ltd.
PWR-246E ADVANTECH-PWR-246E Datasheet
735Kb / 2P
   Industrial DC to DC Converter w/24 48VDC Power Input
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com