Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF533SBB500 Datasheet(PDF) 6 Page - Analog Devices

Part # ADSP-BF533SBB500
Description  Blackfin짰 Embedded Processor
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF533SBB500 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADSP-BF533SBB500 Datasheet HTML 2Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 3Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 4Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 5Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 6Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 7Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 8Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 9Page - Analog Devices ADSP-BF533SBB500 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
0xFFFF FFFF
0xFFFF FFFF
0xFFE0 0000
0xFFE0 0000
The event controller on the ADSP-BF531/ADSP-BF532/
ADSP-BF533 processor handles all asynchronous and synchro­
nous events to the processor. The ADSP-BF531/ADSP-BF532/
ADSP-BF531/ADSP-BF532/ADSP-BF533
CORE MMR REGISTERS (2M BYTE)
RESERVED
SCRATCHPAD SRAM (4K BYTE)
SYSTEM MMR REGISTERS (2M BYTE)
RESERVED
RESERVED
RESERVED
DATA BANK A SRAM/CACHE (16K BYTE)
ASYNC MEMORY BANK 3 (1M BYTE)
ASYNCMEMORY BANK2 (1M BYTE)
ASYNCMEMORY BANK1 (1M BYTE)
ASYNCMEMORY BANK0 (1M BYTE)
SDRAM MEMORY (16M BYTE TO 128M BYTE)
INSTRUCTION SRAM/CACHE (16K BYTE)
RESERVED
RESERVED
RESERVED
INSTRUCTION SRAM (16K BYTE)
RESERVED
RESERVED
RESERVED
RESERVED
CORE MMR REGISTERS (2M BYTE)
RESERVED
SCRATCHPAD SRAM (4K BYTE)
INSTRUCTION SRAM (64K BYTE)
SYSTEM MMR REGISTERS (2M BYTE)
RESERVED
RESERVED
DATA BANK B SRAM/CACHE (16K BYTE)
DATA BANK B SRAM (16K BYTE)
DATA BANK A SRAM/CACHE (16K BYTE)
ASYNC MEMORY BANK 3 (1M BYTE)
ASYNC MEMORY BANK 2 (1M BYTE)
ASYNC MEMORY BANK 1 (1M BYTE)
ASYNC MEMORY BANK 0 (1M BYTE)
SDRAM MEMORY (16M BYTE TO 128M BYTE)
INSTRUCTION SRAM/CACHE (16K BYTE)
RESERVED
RESERVED
DATA BANK A SRAM (16K BYTE)
RESERVED
0xFFC0 0000
0xFFC0 0000
0xFFB0 1000
0xFFB0 1000
0xFFB0 0000
0xFFB0 0000
0xFFA1 4000
0xFFA1 4000
0xFFA1 0000
0xFFA1 0000
0xFFA0 0000
0xFFA0 C000
0xFF90 8000
0xFFA0 8000
0xFFA0 0000
0xFF90 4000
0xFF90 8000
0xFF90 0000
0xFF90 4000
0xFF80 8000
0xFF80 8000
0xFF804000
0xFF804000
0xFF800000
0xEF00 0000
0xEF00 0000
0x2040 0000
0x20300000
0x2040 0000
0x20300000
0x2020 0000
0x2020 0000
0x2010 0000
0x2010 0000
0x2000 0000
0x2000 0000
0x0800 0000
0x0800 0000
0x0000 0000
0x0000 0000
Figure 3. ADSP-BF531 Internal/External Memory Map
Figure 5. ADSP-BF533 Internal/External Memory Map
Event Handling
0xFFFF FFFF
CORE MMR REGISTERS (2M BYTE)
RESERVED
SCRATCHPAD SRAM (4K BYTE)
SYSTEM MMR REGISTERS (2M BYTE)
RESERVED
RESERVED
DATA BANK B SRAM/CACHE (16K BYTE)
RESERVED
DATA BANK A SRAM/CACHE (16K BYTE)
ASYNC MEMORY BANK 3 (1M BYTE)
ASYNC MEMORY BANK 2 (1M BYTE)
ASYNC MEMORY BANK 1 (1M BYTE)
ASYNC MEMORY BANK 0 (1M BYTE)
SDRAM MEMORY (16M BYTE TO 128MBYTE)
INSTRUCTION SRAM/CACHE (16K BYTE)
RESERVED
RESERVED
RESERVED
INSTRUCTION SRAM (32K BYTE)
RESERVED
0xFFE0 0000
0xFFC0 0000
0xFFB0 1000
ADSP-BF533 processor provides event handling that supports
both nesting and prioritization. Nesting allows multiple event
service routines to be active simultaneously. Prioritization
0xFFB0 0000
0xFFA1 4000
ensures that servicing of a higher priority event takes prece­
dence over servicing of a lower priority event. The controller
provides support for five different types of events:
• Emulation – An emulation event causes the processor to
0xFFA1 0000
0xFFA0 8000
0xFFA0 0000
0xFF90 8000
enter emulation mode, allowing command and control of
the processor via the JTAG interface.
0xFF90 4000
• Reset – This event resets the processor.
• Nonmaskable Interrupt (NMI) – The NMI event can be
generated by the software watchdog timer or by the NMI
• Exceptions – Events that occur synchronously to program
flow (i.e., the exception will be taken before the instruction
is allowed to complete). Conditions such as data alignment
violations and undefined instructions cause exceptions.
• Interrupts – Events that occur asynchronously to program
peripherals, as well as by an explicit software instruction.
0xFF80 8000
0xFF80 4000
0xEF00 0000
input signal to the processor. The NMI event is frequently
used as a power-down indicator to initiate an orderly shut­
down of the system.
0x2040 0000
0x2030 0000
0x2020 0000
0x2010 0000
0x2000 0000
0x0800 0000
0x0000 0000
flow. They are caused by input pins, timers, and other
Figure 4. ADSP-BF532 Internal/External Memory Map
Rev. E
|
Page 6 of 60
|
July 2007


Similar Part No. - ADSP-BF533SBB500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBB500 AD-ADSP-BF533SBB500 Datasheet
2Mb / 60P
   Blackfin Embedded Processor
REV. D
ADSP-BF533SBB500 AD-ADSP-BF533SBB500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. H
ADSP-BF533SBB500 AD-ADSP-BF533SBB500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
More results

Similar Description - ADSP-BF533SBB500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF538 AD-ADSP-BF538_07 Datasheet
2Mb / 56P
   Blackfin짰 Embedded Processor
REV. 0
ADSP-BF561 AD-ADSP-BF561_07 Datasheet
3Mb / 64P
   Blackfin짰 Embedded Symmetric Multiprocessor
REV. B
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
   Embedded Processor
Rev. PrE
ADSP-BF542 AD-ADSP-BF542_1 Datasheet
3Mb / 100P
   Embedded Processor
Rev. C
ADSP-21266 AD-ADSP-21266_07 Datasheet
894Kb / 44P
   Embedded Processor
REV. C
ADSP-BF522C AD-ADSP-BF522C Datasheet
829Kb / 12P
   Embedded Processor
Rev. PrB
ADSP-TS101S AD-ADSP-TS101S Datasheet
827Kb / 44P
   Embedded Processor
REV. A
ADSP-21262 AD-ADSP-21262_05 Datasheet
1Mb / 48P
   Embedded Processor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com