Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGDBI-10-C-F Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # MGDBI-10-C-F
Description  Industrial DC/DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MGDBI-10-C-F Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MGDBI-10-C-F Datasheet HTML 4Page - List of Unclassifed Manufacturers MGDBI-10-C-F Datasheet HTML 5Page - List of Unclassifed Manufacturers MGDBI-10-C-F Datasheet HTML 6Page - List of Unclassifed Manufacturers MGDBI-10-C-F Datasheet HTML 7Page - List of Unclassifed Manufacturers MGDBI-10-C-F Datasheet HTML 8Page - List of Unclassifed Manufacturers MGDBI-10-C-F Datasheet HTML 9Page - List of Unclassifed Manufacturers MGDBI-10-C-F Datasheet HTML 10Page - List of Unclassifed Manufacturers MGDBI-10-C-F Datasheet HTML 11Page - List of Unclassifed Manufacturers MGDBI-10-C-F Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
For locations, phone, fax, E-Mail see back cover
10
Industrial
Grade
MGDI-10 Standard Input Series
Gaia Converter FC97-006.03/06 Revision M
©
5
12- Application Notes
12-1 Connection of Outputs in Series
Any of the bi output converters can be configured to produce
an output of 10V (+/-5 output models), 24V (+/-12V out-
put models), or 30V (+/-15V output models) by connecting
the load across the output (+) and the output (-) with
either output grounded, and leaving the common pin
floating.
12-2 Connection of Modules in Series
The output of single output units can be connected in
series without any precautions to provide higher output
voltage level.
Nevertheless, GAIA Converter recommends to protect each
individual output by a low power shottky diode rated with
the maximum current of the converter to avoid reverse
polarity at any output.
Reverse polarity may occur at start up if the output volta-
ges do not rise at the same time.
12-3 Connection of Modules in Parallel
Several converters with equal output voltage can be
connected in parallel to increase power. Nevertheless some
cares have to be taken in particular as the output voltage
of each converter is slightly different, when paralleling,
the converter with the highest output voltage will source
the most current.
However the GAIA Converter modules are designed with a
“soft’’ output voltage versus current characteristic. This
causes the output voltage of each converter to automatically
adjust downward as its current increases so each converter
very approximately shares the total output current. It is
important that each converter has approximately the same
impedance between their output and the common load.
Go
+Vo
-Vo
GI
VI
2 x Vo
Go
Vo
GI
VI
Go
Vo
GI
VI
Vo
Go
Vo
GI
VI
Go
Vo
GI
VI
2 x Vo


Similar Part No. - MGDBI-10-C-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGDBI-10-C-F ETC1-MGDBI-10-C-F Datasheet
165Kb / 9P
   2:1 Standard Input Single & Bi Outputs Metallic case - 1.500 VDC Isolation
More results

Similar Description - MGDBI-10-C-F

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
MC34063A AIC-MC34063A_02 Datasheet
188Kb / 10P
   Industrial Standard, Universal DC/DC Converter
logo
Advantech Co., Ltd.
PWR-246E ADVANTECH-PWR-246E Datasheet
735Kb / 2P
   Industrial DC to DC Converter w/24 48VDC Power Input
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com