Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF533WBBZ-5A Datasheet(PDF) 9 Page - Analog Devices

Part # ADSP-BF533WBBZ-5A
Description  Blackfin짰 Embedded Processor
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF533WBBZ-5A Datasheet(HTML) 9 Page - Analog Devices

Back Button ADSP-BF533WBBZ-5A Datasheet HTML 5Page - Analog Devices ADSP-BF533WBBZ-5A Datasheet HTML 6Page - Analog Devices ADSP-BF533WBBZ-5A Datasheet HTML 7Page - Analog Devices ADSP-BF533WBBZ-5A Datasheet HTML 8Page - Analog Devices ADSP-BF533WBBZ-5A Datasheet HTML 9Page - Analog Devices ADSP-BF533WBBZ-5A Datasheet HTML 10Page - Analog Devices ADSP-BF533WBBZ-5A Datasheet HTML 11Page - Analog Devices ADSP-BF533WBBZ-5A Datasheet HTML 12Page - Analog Devices ADSP-BF533WBBZ-5A Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
ADSP-BF531/ADSP-BF532/ADSP-BF533
The stopwatch function counts down from a programmed
value, with one second resolution. When the stopwatch is
enabled and the counter underflows, an interrupt is generated.
Like other peripherals, the RTC can wake up the processor from
sleep mode upon generation of any RTC wakeup event.
Additionally, an RTC wakeup event can wake up the processor
from deep sleep mode, and wake up the on-chip internal voltage
regulator from a powered-down state.
Connect RTC pins RTXI and RTXO with external components
as shown in Figure 6.
RTXI
RTXO
R1
X1
C1
C2
SUGGESTED COMPONENTS:
X1 = ECL IPTEK E C38J (THROUGH-HOLE PACKAGE) OR
EPSO N MC405 12 pF LOAD (S URFACE-MO UNT PACKAGE)
C1 = 22pF
C2 = 22pF
R1 = 10M
Ω
NOTE : C1 AND C2 ARE SPECIFIC TO CRYSTAL SPECI FIED FOR X1.
CONTACT CRYSTAL MANUFACTURER FOR DETAILS. C1 AND C2
SPECI FI CATIO NS ASSUME BOARD TRACE CAPACITANCE OF 3pF.
Figure 6. External Components for RTC
WATCHDOG TIMER
The ADSP-BF531/ADSP-BF532/ADSP-BF533 processor
includes a 32-bit timer that can be used to implement a software
watchdog function. A software watchdog can improve system
availability by forcing the processor to a known state through
generation of a hardware reset, nonmaskable interrupt (NMI),
or general-purpose interrupt, if the timer expires before being
reset by software. The programmer initializes the count value of
the timer, enables the appropriate interrupt, then enables the
timer. Thereafter, the software must reload the counter before it
counts to zero from the programmed value. This protects the
system from remaining in an unknown state where software,
which would normally reset the timer, has stopped running due
to an external noise condition or software error.
If configured to generate a hardware reset, the watchdog timer
resets both the core and the processor peripherals. After a reset,
software can determine if the watchdog was the source of the
hardware reset by interrogating a status bit in the watchdog
timer control register.
The timer is clocked by the system clock (SCLK), at a maximum
frequency of f
SCLK.
TIMERS
There are four general-purpose programmable timer units in
the ADSP-BF531/ADSP-BF532/ADSP-BF533 processor. Three
timers have an external pin that can be configured either as a
pulse-width modulator (PWM) or timer output, as an input to
clock the timer, or as a mechanism for measuring pulse widths
and periods of external events. These timers can be synchro­
nized to an external clock input to the PF1 pin (TACLK), an
external clock input to the PPI_CLK pin (TMRCLK), or to the
internal SCLK.
The timer units can be used in conjunction with the UART to
measure the width of the pulses in the data stream to provide an
autobaud detect function for a serial channel.
The timers can generate interrupts to the processor core provid­
ing periodic events for synchronization, either to the system
clock or to a count of external signals.
In addition to the three general-purpose programmable timers,
a fourth timer is also provided. This extra timer is clocked by the
internal processor clock and is typically used as a system tick
clock for generation of operating system periodic interrupts.
SERIAL PORTS (SPORTs)
The ADSP-BF531/ADSP-BF532/ADSP-BF533 processor incor­
porates two dual-channel synchronous serial ports (SPORT0
and SPORT1) for serial and multiprocessor communications.
The SPORTs support the following features:
• I2S capable operation.
• Bidirectional operation – Each SPORT has two sets of inde­
pendent transmit and receive pins, enabling eight channels
of I2S stereo audio.
• Buffered (8-deep) transmit and receive ports – Each port
has a data register for transferring data words to and from
other processor components and shift registers for shifting
data in and out of the data registers.
• Clocking – Each transmit and receive port can either use an
external serial clock or generate its own, in frequencies
ranging from (f
SCLK/131,070) Hz to (fSCLK/2) Hz.
• Word length – Each SPORT supports serial data words
from 3 bits to 32 bits in length, transferred most-signifi­
cant-bit first or least-significant-bit first.
• Framing – Each transmit and receive port can run with or
without frame sync signals for each data word. Frame sync
signals can be generated internally or externally, active high
or low, and with either of two pulse widths and early or late
frame sync.
• Companding in hardware – Each SPORT can perform
A-law or μ-law companding according to ITU recommen­
dation G.711. Companding can be selected on the transmit
and/or receive channel of the SPORT without additional
latencies.
• DMA operations with single-cycle overhead – Each SPORT
can automatically receive and transmit multiple buffers of
memory data. The processor can link or chain sequences of
DMA transfers between a SPORT and memory.
Rev. E
|
Page 9 of 60
|
July 2007


Similar Part No. - ADSP-BF533WBBZ-5A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533WBBZ-5A AD-ADSP-BF533WBBZ-5A Datasheet
2Mb / 60P
   Blackfin Embedded Processor
REV. D
More results

Similar Description - ADSP-BF533WBBZ-5A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF538 AD-ADSP-BF538_07 Datasheet
2Mb / 56P
   Blackfin짰 Embedded Processor
REV. 0
ADSP-BF561 AD-ADSP-BF561_07 Datasheet
3Mb / 64P
   Blackfin짰 Embedded Symmetric Multiprocessor
REV. B
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
   Embedded Processor
Rev. PrE
ADSP-BF542 AD-ADSP-BF542_1 Datasheet
3Mb / 100P
   Embedded Processor
Rev. C
ADSP-21266 AD-ADSP-21266_07 Datasheet
894Kb / 44P
   Embedded Processor
REV. C
ADSP-BF522C AD-ADSP-BF522C Datasheet
829Kb / 12P
   Embedded Processor
Rev. PrB
ADSP-TS101S AD-ADSP-TS101S Datasheet
827Kb / 44P
   Embedded Processor
REV. A
ADSP-21262 AD-ADSP-21262_05 Datasheet
1Mb / 48P
   Embedded Processor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com