Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9076604QEA Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9076604QEA
Description  QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5962-9076604QEA Datasheet(HTML) 4 Page - Texas Instruments

  5962-9076604QEA Datasheet HTML 1Page - Texas Instruments 5962-9076604QEA Datasheet HTML 2Page - Texas Instruments 5962-9076604QEA Datasheet HTML 3Page - Texas Instruments 5962-9076604QEA Datasheet HTML 4Page - Texas Instruments 5962-9076604QEA Datasheet HTML 5Page - Texas Instruments 5962-9076604QEA Datasheet HTML 6Page - Texas Instruments 5962-9076604QEA Datasheet HTML 7Page - Texas Instruments 5962-9076604QEA Datasheet HTML 8Page - Texas Instruments 5962-9076604QEA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SN55LBC173
QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SGLS081A – MARCH 1995 – REVISED JUNE 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIT + Positive-going input threshold voltage
IO = – 8 mA
0.2
V
VIT – Negative-going input threshold voltage
IO = 8 mA
– 0.2
V
Vhys Hysteresis voltage ( VIT + – VIT – )
45
mV
VIK
Enable input clamp voltage
II = – 18 mA
– 0.9
– 1.5
V
VOH
High-level output voltage
VID = 200 mV,
IOH = – 8 mA
3.5
4.5
V
VOL
Low level output voltage
VID = – 200 mV,
IOL = 8 mA
0.3
0.5
V
VOL
Low-level output voltage
VID = – 200 mV,
IOL = 8 mA, TA = 125°C
0.7
V
IOZ
High-impedance-state output current
VO = 0 V to VCC
±20
µA
VIH = 12 V,
VCC = 5 V,
Other inputs at 0 V
0.7
1
II
Bus input current
AorBinputs
VIH = 12 V,
VCC = 0 V,
Other inputs at 0 V
0.8
1
mA
II
Bus input current
A or B inputs
VIH = – 7 V,
VCC = 5 V,
Other inputs at 0 V
– 0.5
– 0.8
mA
VIH = – 7 V,
VCC = 0 V,
Other inputs at 0 V
– 0.4
– 0.8
IIH
High-level input
current
VIH = 5 V
±20
µA
IIL
Low-level input current
VIL = 0 V
–20
µA
IOS
Short-circuit output current
VO = 0
–80
– 120
mA
ICC
Supply current
Outputs enabled,
IO = 0,
VID = 5 V
11
20
mA
ICC
Supply current
Outputs disabled
0.9
1.4
mA
† All typical values are at VCC = 5 V and TA = 25°C.
switching characteristics, VCC = 5 V, CL = 15 pF
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
tPHL
Propagation delay time high to low level output
VID = – 1.5 V to 1.5 V,
25
°C
11
22
30
ns
tPHL
Propagation delay time, high-to-low-level output
ID
,
See Figure 1
–55
°C to 125°C
11
35
ns
tPLH
Propagation delay time low to high level output
VID = – 1.5 V to 1.5 V,
25
°C
11
22
35
ns
tPLH
Propagation delay time, low-to-high-level output
ID
,
See Figure 1
–55
°C to 125°C
11
35
ns
tPZH
Output enable time to high level
See Figure 2
25
°C
17
40
ns
tPZH
Output enable time to high level
See Figure 2
–55
°C to 125°C
45
ns
tPZL
Output enable time to low level
See Figure 3
25
°C
18
30
ns
tPZL
Output enable time to low level
See Figure 3
–55
°C to 125°C
35
ns
tPHZ
Output disable time from high level
See Figure 2
25
°C
30
40
ns
tPHZ
Output disable time from high level
See Figure 2
–55
°C to 125°C
55
ns
tPLZ
Output disable time from low level
See Figure 3
25
°C
25
40
ns
tPLZ
Output disable time from low level
See Figure 3
–55
°C to 125°C
45
ns
tsk(p)
Pulse skew (|tPHL –tPLH|)
See Figure 1
25
°C
0.5
6
ns
tsk(p)
Pulse skew (|tPHL – tPLH|)
See Figure 1
–55
°C to 125°C
7
ns
tt
Transition time
See Figure 1
25
°C
5
10
ns
tt
Transition time
See Figure 1
–55
°C to 125°C
16
ns


Similar Part No. - 5962-9076604QEA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9076604QEA TI-5962-9076604QEA Datasheet
312Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
More results

Similar Description - 5962-9076604QEA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LBC173 TI-SN55LBC173 Datasheet
312Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SN55LBC173-DIE TI1-SN55LBC173-DIE Datasheet
97Kb / 5P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SNJ55LBC173 TI-SNJ55LBC173 Datasheet
137Kb / 8P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SN55LBC173-HIREL TI1-SN55LBC173-HIREL Datasheet
190Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SN55LBC175 TI-SN55LBC175 Datasheet
137Kb / 8P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVER
SN55LBC175 TI-SN55LBC175_04 Datasheet
321Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32_07 Datasheet
691Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com