Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74BCT25642DW Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74BCT25642DW
Description  25-廓 OCTAL BUS TRANSCEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT25642DW Datasheet(HTML) 3 Page - Texas Instruments

  SN74BCT25642DW Datasheet HTML 1Page - Texas Instruments SN74BCT25642DW Datasheet HTML 2Page - Texas Instruments SN74BCT25642DW Datasheet HTML 3Page - Texas Instruments SN74BCT25642DW Datasheet HTML 4Page - Texas Instruments SN74BCT25642DW Datasheet HTML 5Page - Texas Instruments SN74BCT25642DW Datasheet HTML 6Page - Texas Instruments SN74BCT25642DW Datasheet HTML 7Page - Texas Instruments SN74BCT25642DW Datasheet HTML 8Page - Texas Instruments SN74BCT25642DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SN74BCT25642
25 Ω OCTAL BUS TRANSCEIVER
SCBS047C − DECEMBER 1989 − REVISED NOVEMBER 1993
2−3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
recommended operating conditions (see Note 2)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VOH
High-level output voltage
A port
5.5
V
IIK
Input clamp current
−18
mA
IOH
High-level output current
B port
−3
mA
IOL
Low-level output current
A port
188
mA
IOL
Low-level output current
B port
24
mA
TA
Operating free-air temperature
0
70
°C
NOTE 2: Unused or floating pins (input or I/O) must be held high or low.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = − 18 mA
−1.2
V
VOH
Any B
VCC = 4.75 V,
IOH = − 1 mA
2.7
V
VOH
Any B
VCC = 4.5 V,
IOH = − 3 mA
2.4
3.3
V
Any A
VCC = 4.5 V
IOL = 94 mA
0.42
0.55
VOL
Any A
VCC = 4.5 V
IOL = 188 mA
0.7
V
VOL
Any B
VCC = 4.5 V,
IOL = 24 mA
0.35
0.5
V
IOH
Any A
VCC = 4.5 V,
VOH = 5.5 V
0.1
mA
II
A and B
VCC = 5.5 V,
VI = 5.5 V
0.25
mA
II
DIR and OE
VCC = 5.5 V,
VI = 5.5 V
0.1
mA
IIH‡
A and B
VCC = 5.5 V,
VI = 2.7 V
70
A
IIH‡
DIR and OE
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL‡
A and B
VCC = 5.5 V,
VI = 0.5 V
− 0.6
mA
IIL‡
DIR and OE
VCC = 5.5 V,
VI = 0.5 V
− 0.6
mA
IOS§
Any B
VCC = 5.5 V,
VO = 0
−60
−150
mA
ICCL
A to B
VCC = 5.5 V
40
64
mA
ICCL
B to A
VCC = 5.5 V
78
125
mA
ICCH
A to B
VCC = 5.5 V
25
40
mA
ICCH
B to A
VCC = 5.5 V
34
55
mA
ICCZ
A to B
VCC = 5.5 V
7.6
13
mA
Ci
Control inputs
VCC = 5 V,
VO = 2.5 V or 0.5 V
8
pF
Cio
A port
VCC = 5 V,
VI = 2.5 V or 0.5 V
15
pF
Cio
B port
VCC = 5 V,
VI = 2.5 V or 0.5 V
8
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ For I/O ports, the parameters IIH and IIL include the off-state output current.
§ Not more than one output should be shorted at a time, and the duration of the short-circuit should not exceed 10 ms.


Similar Part No. - SN74BCT25642DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT25240 TI1-SN74BCT25240 Datasheet
96Kb / 6P
[Old version datasheet]   25-??OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74BCT25240DW TI1-SN74BCT25240DW Datasheet
96Kb / 6P
[Old version datasheet]   25-??OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74BCT25240NT TI1-SN74BCT25240NT Datasheet
96Kb / 6P
[Old version datasheet]   25-??OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74BCT25244 TI-SN74BCT25244 Datasheet
73Kb / 5P
[Old version datasheet]   25-ohm OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74BCT25244 TI-SN74BCT25244 Datasheet
427Kb / 12P
[Old version datasheet]   25-W OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74BCT25642DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN64BCT25245 TI-SN64BCT25245 Datasheet
77Kb / 5P
[Old version datasheet]   25-ohm OCTAL BUS TRANSCEIVER
logo
National Semiconductor ...
54F2640 NSC-54F2640 Datasheet
216Kb / 8P
   Octal Bus Transceiver with 25廓 Series Resistors in the Output
logo
Fairchild Semiconductor
74F2645 FAIRCHILD-74F2645 Datasheet
42Kb / 5P
   Octal Bus Transceiver with 25廓 Series Resistors in the Outputs
logo
National Semiconductor ...
54F2620 NSC-54F2620 Datasheet
183Kb / 6P
   Inverting Octal Bus Transceiver with 25廓 Series Resistors in the Output
logo
Toshiba Semiconductor
TC74HC245AP TOSHIBA-TC74HC245AP_07 Datasheet
273Kb / 8P
   Octal Bus Transceiver
TC74VHC245F TOSHIBA-TC74VHC245F_12 Datasheet
211Kb / 9P
   Octal Bus Transceiver
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A Datasheet
163Kb / 6P
   Octal Bus Transceiver
1997 REV 0
logo
Siemens Semiconductor G...
SAB8286A SIEMENS-SAB8286A Datasheet
110Kb / 6P
   OCTAL BUS TRANSCEIVER
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A_14 Datasheet
100Kb / 7P
   Octal Bus Transceiver
October, 2014 ??Rev. 7
logo
Toshiba Semiconductor
TC74VHC245F TOSHIBA-TC74VHC245F_V01 Datasheet
316Kb / 6P
   OCTAL BUS TRANSCEIVER
1997-01-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com