Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST485ABN Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST485ABN
Description  Very high speed low power RS-485/RS-422 transceiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST485ABN Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST485ABN Datasheet HTML 4Page - STMicroelectronics ST485ABN Datasheet HTML 5Page - STMicroelectronics ST485ABN Datasheet HTML 6Page - STMicroelectronics ST485ABN Datasheet HTML 7Page - STMicroelectronics ST485ABN Datasheet HTML 8Page - STMicroelectronics ST485ABN Datasheet HTML 9Page - STMicroelectronics ST485ABN Datasheet HTML 10Page - STMicroelectronics ST485ABN Datasheet HTML 11Page - STMicroelectronics ST485ABN Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Electrical characteristics
ST485AB
8/19
Note:
1
All currents into device pins are positive; all currents out of device pins are negative; all
voltages are referenced to device ground unless specified.
2
Applies to peak current. See typical Operating Characteristics.
3tr=tf ≤6 ms.
Table 11.
Driver switching characteristics (VCC = 4.5V to 5.5V, TA = -40 to 85°C, unless otherwise
specified. Typical values are referred to TA = 25°C, VCC = 5V) (See Note: 1, Note 3)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tPLH
tPHL
Propagation Delay
CL = 15 pF
18
30
ns
tRPDS
|tPLH - tPHL| Propagation delay skew CL = 15 pF
0.5
2
ns
tPZL
Output enable time
CRL = 15 pF, S1 Closed
7
12
ns
tPZH
Output enable time
CRL = 15 pF, S2 Closed
7
12
ns
tPHZ
Output disable time
CRL = 15 pF, S2 Closed
7
12
ns
tPLZ
Output disable time
CRL = 15 pF, S1 Closed
7
12
ns


Similar Part No. - ST485ABN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST485ABN STMICROELECTRONICS-ST485ABN Datasheet
254Kb / 19P
   Very high speed low power RS-485/RS-422 transceiver
More results

Similar Description - ST485ABN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST485A STMICROELECTRONICS-ST485A Datasheet
254Kb / 19P
   Very high speed low power RS-485/RS-422 transceiver
ST491A STMICROELECTRONICS-ST491A_07 Datasheet
239Kb / 17P
   Low power high speed RS-485/RS-422 transceiver
ST490AB STMICROELECTRONICS-ST490AB Datasheet
686Kb / 17P
   Low power high speed RS-485/RS-422 transceiver
ST490A STMICROELECTRONICS-ST490A Datasheet
203Kb / 11P
   LOW POWER HIGH SPEED RS-485/RS-422 TRANSCEIVER
ST491A STMICROELECTRONICS-ST491A Datasheet
269Kb / 12P
   LOW POWER HIGH SPEED RS-485/RS-422 TRANSCEIVER
ST490A STMICROELECTRONICS-ST490A_06 Datasheet
210Kb / 17P
   Low power high speed RS-485/RS-422 transceiver
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
   Low power RS-485/RS-422 transceiver
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
   Low power RS-485/RS-422 transceiver
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
   LOW POWER RS-485/RS-422 TRANSCEIVER
ST75C176B STMICROELECTRONICS-ST75C176B Datasheet
326Kb / 17P
   Low power RS-485/RS-422 transceiver
November 2007 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com