Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1210J-400 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1210J-400
Description  ANALOG ACCELEROMETER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1210J-400 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1210J-400 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1210J-400 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1210J-400 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1210J-400 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1210J-400 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1210J-400 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
Silicon Designs, Inc.
! 1445 NW Mall Street, Issaquah, WA 98027-5344 ! Phone: 425-391-8329 ! Fax: 425-391-0446
web site: www.silicondesigns.com
[page 1]
Apr 07
SILICON DESIGNS, INC
Model 1210
ANALOG ACCELEROMETER
!
!
!
! SENSOR:
Capacitive Micromachined
Nitrogen Damped
Hermetically Sealed
!
!
!
! ±4V Differential Output or
0.5V to 4.5V Single Ended Output
!
!
!
! Fully Calibrated
!
!
!
! Responds to DC & AC Acceleration
!
!
!
! -55 to +125 EEEEC Operation
!
!
!
! +5 VDC, 7 mA Power (typical)
!
!
!
! Non-Standard g Ranges Available
!
!
!
! Integrated Sensor & Amplifier
!
!
!
! LCC or J-Lead Surface
Mount Package
!
!
!
! Serialized for Traceability
!
!
!
! RoHS Compliant
DESCRIPTION
ORDERING INFORMATION
Full Scale
Acceleration
Hermetic Packages
20 pin LCC
20 pin JLCC
±5 g
1210L-005
1210J-005
±10 g
1210L-010
1210J-010
±25 g
1210L-025
1210J-025
±50 g
1210L-050
1210J-050
±100 g
1210L-100
1210J-100
±200 g
1210L-200
1210J-200
±400 g
1210L-400
1210J-400
The Model 1210 is a low-cost, integrated accelerometer for use in zero to medium frequency instrumentation
applications. Each miniature, hermetically sealed package combines a micro-machined capacitive sense element
and a custom integrated circuit that includes a sense amplifier and differential output stage. It is relatively insensitive
to temperature changes and gradients. Each device is marked with a serial number on its bottom surface for
traceability. An optional calibration test sheet (1210-TST) is also available which lists the measured bias, scale factor,
linearity, operating current and frequency response
.
OPERATION
The Model 1210 produces two analog output voltages which vary with acceleration as shown in the figure below. The
outputs can be used either in differential or single ended mode referenced to +2.5 volts. Two reference voltages, +5.0
and +2.5 volts (nominal), are required; the output scale factor is ratiometric to the +5 volt reference voltage, and both
outputs at zero acceleration are equal to the +2.5 volt reference. The sensitive axis is perpendicular to the bottom
of the package, with positive acceleration defined as a force pushing on the bottom of the package.
APPLICATIONS
COMMERCIAL
! Automotive
Air Bags
Active Suspension
Adaptive Brakes
Security Systems
! Shipping Recorders
! Appliances
INDUSTRIAL
! Vibration Monitoring
! Vibration Analysis
! Machine Control
! Modal Analysis
! Robotics
! Crash Testing
! Instrumentation


Similar Part No. - 1210J-400

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
1210J100JA11A AVX-1210J100JA11A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1210J100JA13A AVX-1210J100JA13A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1210J100JA19A AVX-1210J100JA19A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1210J100JAT1A AVX-1210J100JAT1A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1210J100JAT3A AVX-1210J100JAT3A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
More results

Similar Description - 1210J-400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2240-002 ETC2-2240-002 Datasheet
456Kb / 3P
   ANALOG ACCELEROMETER MODULE
2220-002 ETC2-2220-002 Datasheet
416Kb / 3P
   ANALOG ACCELEROMETER MODULE
2210-002 ETC2-2210-002 Datasheet
538Kb / 3P
   ANALOG ACCELEROMETER MODULE
2264-005 ETC2-2264-005 Datasheet
746Kb / 2P
   ANALOG ACCELEROMETER MODULE
2260-002 ETC2-2260-002 Datasheet
646Kb / 3P
   ANALOG ACCELEROMETER MODULE
2012-002 ETC2-2012-002 Datasheet
717Kb / 3P
   ANALOG ACCELEROMETER MODULE
logo
API Delevan
XL203A API-XL203A Datasheet
751Kb / 2P
   Triaxial Analog Accelerometer
logo
List of Unclassifed Man...
2440-002 ETC2-2440-002 Datasheet
470Kb / 3P
   TRIAXIAL ANALOG ACCELEROMETER MODULE
1221L-002 ETC2-1221L-002 Datasheet
530Kb / 7P
   LOW NOISE ANALOG ACCELEROMETER
2430-002 ETC2-2430-002 Datasheet
519Kb / 3P
   TRIAXIAL ANALOG ACCELEROMETER MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com