Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST20GP1X33S Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST20GP1X33S
Description  GPS PROCESSOR
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20GP1X33S Datasheet(HTML) 1 Page - STMicroelectronics

  ST20GP1X33S Datasheet HTML 1Page - STMicroelectronics ST20GP1X33S Datasheet HTML 2Page - STMicroelectronics ST20GP1X33S Datasheet HTML 3Page - STMicroelectronics ST20GP1X33S Datasheet HTML 4Page - STMicroelectronics ST20GP1X33S Datasheet HTML 5Page - STMicroelectronics ST20GP1X33S Datasheet HTML 6Page - STMicroelectronics ST20GP1X33S Datasheet HTML 7Page - STMicroelectronics ST20GP1X33S Datasheet HTML 8Page - STMicroelectronics ST20GP1X33S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 116 page
background image
®
1/116
..
GPS PROCESSOR
FEATURES
s
Application specific features
• 12 channel GPS correlation DSP hardware
and ST20 CPU (for control and position calu-
culations) on one chip
• no TCXO required
• RTCA-SC159 / WAAS / EGNOS supported
s
GPS performance
• accuracy
- stand alone
with SA on <100m, SA off <30m
- differential <1m
- surveying <1cm
• time to first fix
- autonomous start 90s
- cold start 45s
- warm start 7s
- obscuration 1s
s
32-bit ST20 CPU
• 16/33 MHz processor clock
• 25 MIPS at 33 MHz
• fast integer/bit operations
s
4 Kbytes on-chip SRAM
• 130 Mbytes/s maximum bandwidth
s
Programmable memory interface
• 4 separately configurable regions
• 8/16-bits wide
• support for mixed memory
• 2 cycle external access
s
Serial communications
• Programmable UART (ASC)
• OS-Link
s
Vectored interrupt subsystem
• 2 dedicated interrupt pins
• 5 levels of interrupt
s
Power management
• low power operation
• power down modes
s
Professional toolset support
• ANSI C compiler and libraries
• INQUEST advanced debugging tools
s
Technology
• Static clocked 50 MHz design
• 3.3 V, sub micron technology
s
100 pin PQFP package
ST20-GP1
ENGINEERING DATA
The information in this datasheet is subject to change
42 1672 02
October 1996
APPLICATIONS
s
Global Positioning System (GPS) receivers
s
Car navigation systems
s
Fleet management systems
s
Time reference for telecom systems
GPS
radio
12 channel GPS
Low
controller
power
Real time
clock/calendar
4K
SRAM
Programmable
memory
interface
RAM
ROM/
FLASH
ST20-GP1
ST20
CPU
Interrupt
controller
Serial
communications
Parallel
input/output
Byte-wide
parallel port
...
6
8
2 UART (ASC)
1 OS-Link
.
hardware DSP


Similar Part No. - ST20GP1X33S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST20GP6X33S STMICROELECTRONICS-ST20GP6X33S Datasheet
1Mb / 123P
   GPS PROCESSOR
More results

Similar Description - ST20GP1X33S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST20-GP6 STMICROELECTRONICS-ST20-GP6 Datasheet
1Mb / 123P
   GPS PROCESSOR
logo
ATMEL Corporation
ATR0620 ATMEL-ATR0620 Datasheet
365Kb / 15P
   GPS BASEBAND PROCESSOR
ATR0621 ATMEL-ATR0621 Datasheet
396Kb / 20P
   GPS Baseband Processor
ATR0622P1 ATMEL-ATR0622P1 Datasheet
266Kb / 11P
   GPS Baseband Processor
ATR0622 ATMEL-ATR0622 Datasheet
410Kb / 26P
   GPS Baseband Processor
ATR0621P1 ATMEL-ATR0621P1 Datasheet
346Kb / 14P
   GPS Baseband Processor
ATR0622P ATMEL-ATR0622P_08 Datasheet
504Kb / 27P
   GPS Baseband Processor
ATR0625P1 ATMEL-ATR0625P1 Datasheet
262Kb / 12P
   GPS Baseband Processor SuperSense
ATR0625 ATMEL-ATR0625 Datasheet
335Kb / 26P
   GPS Baseband Processor SuperSense
logo
Zarlink Semiconductor I...
GP4020 ZARLINK-GP4020 Datasheet
207Kb / 17P
   GPS Receiver Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com