Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX4025SB32000F0FLJZZ Datasheet(PDF) 9 Page - Kyocera Kinseki Corpotation

Part # CX4025SB32000F0FLJZZ
Description  Crystal Units Surface Mount Type
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CX4025SB32000F0FLJZZ Datasheet(HTML) 9 Page - Kyocera Kinseki Corpotation

Back Button CX4025SB32000F0FLJZZ Datasheet HTML 5Page - Kyocera Kinseki Corpotation CX4025SB32000F0FLJZZ Datasheet HTML 6Page - Kyocera Kinseki Corpotation CX4025SB32000F0FLJZZ Datasheet HTML 7Page - Kyocera Kinseki Corpotation CX4025SB32000F0FLJZZ Datasheet HTML 8Page - Kyocera Kinseki Corpotation CX4025SB32000F0FLJZZ Datasheet HTML 9Page - Kyocera Kinseki Corpotation CX4025SB32000F0FLJZZ Datasheet HTML 10Page - Kyocera Kinseki Corpotation CX4025SB32000F0FLJZZ Datasheet HTML 11Page - Kyocera Kinseki Corpotation CX4025SB32000F0FLJZZ Datasheet HTML 12Page - Kyocera Kinseki Corpotation CX4025SB32000F0FLJZZ Datasheet HTML 13Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Features
• Crystal unit for audio-visual, office equipment
• Small and low profile (11.8x5.5x1.8mm)
• Ceramic package
• Product with lead free terminations
• Reflow compatible
Applications
• Digital Electronics
• Audio-Visual, Office Equipment
Dimensions
(Unit : mm)
Recommended Land Pattern
(Unit : mm)
7.7
5.0
2.7
11.80.3
7.0
CONNECTION
2.0
Table1 Motional Series Resistances
Table2 Level of Drive
* Please inqurie about specifications other than the above.
Frequency Range
Level of Drive
Units
W
3500 to 15999kHz
16000 to 28999kHz
29 to 60MHz
10 (500 max.)
10 (300 max.)
10 (300 max.)
Frequency Range
Motional Series Resistance
Units
ohm
3500 to 3999kHz
4000 to 7999kHz
8000 to 11999kHz
12000 to 28999kHz
29 to 60MHz
300
200
120
100
150
Specifications
How to Order
①Code
②Typical Frequencies
③Load Capacitance
④Frequency Stability
⑤Operating Temperature Range
⑥Frequency Temperature Stability
⑦Special
*Please inquire about frequencies other than the above.
CXB855GB 03579 H0 P E S ZZ
Code
Freq.(kHz)
Code
Freq.(kHz)
03579
03686
04000
06000
08000
12000
3579.545
3686.400
4000.000
6000.000
8000.000
12000.000
14318
16000
16934
19660
20000
14318.180
16000.000
16934.400
19660.800
20000.000
12pF
5010-6
10°C to 70°C
5010-6
H0
P
E
S
ZZ
Custom Specification
Items
Symbol
Specification
Units
Remarks
f_nom
OT
f_tol
f_tem
R1
DL
CL
T_use
T_stg
3500 to 28999
Fundamental
50
50
Table 1
Table 2
12
10 to 70
40 to 85
kHz
––––
10-6
10-6
ohm
W
pF
°C
°C
@ 25°C
ref.@ 25°C Over Operating Temp. Range
29 to 60(MHz)
3rd Overtone
Frequency Range
Overtone Order
Frequency Tolerance
Frequency Temp. Characteristics
Motional Series Resistance
Level of Drive
Load Capacitance
Operating Temp. Range
Storage Temp. Range
RoHS Compliant
11.8×5.5mm for Audio & Visual, Office Equipment
Crystal Units
Surface Mount Type CXB855GB (CX-5FD)
- 42 -


Similar Part No. - CX4025SB32000F0FLJZZ

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
CX4024 PULSE-CX4024 Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
CX4024NL PULSE-CX4024NL Datasheet
197Kb / 2P
   RF SPLITTER, 2-WAY
More results

Similar Description - CX4025SB32000F0FLJZZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NX8045GB ETC2-NX8045GB Datasheet
43Kb / 1P
   SURFACE MOUNT TYPE CRYSTAL UNITS
logo
Kyocera Kinseki Corpota...
CX1008SB KSS-CX1008SB Datasheet
298Kb / 1P
   Crystal units surface mount type
CT2520DB KSS-CT2520DB_18 Datasheet
70Kb / 1P
   Crystal units surface mount type
CX3225SB KSS-CX3225SB Datasheet
66Kb / 1P
   Crystal units surface mount type
CX3225CA KSS-CX3225CA_18 Datasheet
68Kb / 1P
   Crystal units surface mount type
CX2016GR KSS-CX2016GR Datasheet
331Kb / 1P
   Crystal units surface mount type
CX2016SA KSS-CX2016SA Datasheet
296Kb / 1P
   Crystal units surface mount type
CX5032GA KSS-CX5032GA Datasheet
69Kb / 1P
   Crystal units surface mount type
CX5032SA KSS-CX5032SA_18 Datasheet
70Kb / 1P
   Crystal units surface mount type
CT2016DB KSS-CT2016DB Datasheet
69Kb / 1P
   Crystal units surface mount type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com