Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC27CA Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # 1.5SMC27CA
Description  1500W Surface Mount Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

1.5SMC27CA Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  1.5SMC27CA Datasheet HTML 1Page - TAITRON Components Incorporated 1.5SMC27CA Datasheet HTML 2Page - TAITRON Components Incorporated 1.5SMC27CA Datasheet HTML 3Page - TAITRON Components Incorporated 1.5SMC27CA Datasheet HTML 4Page - TAITRON Components Incorporated 1.5SMC27CA Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. D/AH 2008-02-25
1.5SMC6.8A - 1.5SMC250CA
1500W Surface Mount
Transient Voltage Suppressor
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 5
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
1500W Surface Mount Transient Voltage Suppressor
Features
• Low inductance, excellent clamping capability
• Repetition rate(duty cycle): 0.05%
• Fast response time: typically less than 1.0ps from 0V to BV min.
• Typical I
R less than 1 µA above 10V
• High temperature soldering guaranteed 250°C/10 seconds at terminals
• This series is UL recognized under component index. File number E315008
• RoHS Compliant
Mechanical Data
Case:
JEDEC DO-214AB (SMC) molded plastic over glass passivated junction
Epoxy:
Meets UL 94V-0 flammability rating
Terminals:
Solder plated, solderable per MIL-STD-750, Method 2026
Polarity:
Color band denoted positive end (cathode) except Bi-directional
Mounting position:
Any
Weight:
0.007 Ounce, 0.21 gram
Maximum Ratings (T Ambient=25ºC unless noted otherwise)
Symbol
Description
Value
Unit
Conditions
PPPM
Peak Pulse Power Dissipation
on 10/1000μs Waveform
Minimum 1500
W
Non-repetitive current pulse, per FIG.3 and
derated above TA=25° C per FIG.2
IPPM
Peak Pulse Current
on 10/1000μs Waveform
See Table
A
Non-repetitive current pulse
IFSM
Peak Forward Surge Current
200
A
8.3ms single half sine-wave superimposed
on rated load, (JEDEC Method) (Note 1,2)
TJ,TSTG
Operating Junction and Storage
Temperature Range
-55 to 150
° C
Note: 1.
Mounted on 8.0mm x 8.0mm copper pads to each terminal
2.
8.3ms single half sine-wave, or equivalent square wave, Duty cycle= 4 pulses per minutes maximum.
SMC


Similar Part No. - 1.5SMC27CA

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1.5SMC27CA CENTRAL-1.5SMC27CA Datasheet
146Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
logo
Socay Electornics Co., ...
1.5SMC27CA SOCAY-1.5SMC27CA Datasheet
583Kb / 6P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
1.5SMC27CA LITTELFUSE-1.5SMC27CA Datasheet
170Kb / 4P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
logo
Central Semiconductor C...
1.5SMC27CA CENTRAL-1.5SMC27CA Datasheet
885Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
1.5SMC27CA TSC-1.5SMC27CA Datasheet
68Kb / 4P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - 1.5SMC27CA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMCJ5.0A DIODES-SMCJ5.0A Datasheet
144Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 17 - 2
SMCJ50CA DIODES-SMCJ50CA Datasheet
80Kb / 3P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 11 - 2
logo
Weitron Technology
1.5KE WEITRON-1.5KE Datasheet
239Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ45A-13 DIODES-SMCJ45A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ50CA DIODES-SMCJ50CA_1 Datasheet
82Kb / 4P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
logo
Weitron Technology
1.5SMC WEITRON-1.5SMC Datasheet
209Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ24A-13 DIODES-SMCJ24A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ14CA-13 DIODES-SMCJ14CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ33CA-13 DIODES-SMCJ33CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5SMCJ WEITRON-1.5SMCJ Datasheet
2Mb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ12AT DIODES-SMCJ12AT Datasheet
49Kb / 1P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30150 Rev. B-5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com