Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB5R3DW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TB5R3DW
Description  QUAD DIFFERENTIAL PECL RECEIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TB5R3DW Datasheet(HTML) 4 Page - Texas Instruments

  TB5R3DW Datasheet HTML 1Page - Texas Instruments TB5R3DW Datasheet HTML 2Page - Texas Instruments TB5R3DW Datasheet HTML 3Page - Texas Instruments TB5R3DW Datasheet HTML 4Page - Texas Instruments TB5R3DW Datasheet HTML 5Page - Texas Instruments TB5R3DW Datasheet HTML 6Page - Texas Instruments TB5R3DW Datasheet HTML 7Page - Texas Instruments TB5R3DW Datasheet HTML 8Page - Texas Instruments TB5R3DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
OUTPUT
3.7 V
2.7 V
3.2 V
VOH
V OL
1.5 V
tTHL
tPHL
tPLH
tTLH
20%
80%
20%
80%
INPUT
INPUT
See Note A
See Note A
tf
tr
80%
80%
20%
20%
TB5R3
SLLS643A – SEPTEMBER 2005 – REVISED OCTOBER 2007
over operating free-air temperature range unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
1.64
<2.6
CL = 0 pF
(1),
ns
See Figure 2 and Figure 4
tPHL
Propagation delay time, high-to-low-level output
1.57
<2.6
tPLH
Propagation delay time, low-to-high-level output
2.2
3.5
CL = 50 pF, See Figure 2 and Figure 4
(2)
ns
tPHL
Propagation delay time, high-to-low-level output
2.1
3.5
Output disable time, high-level-to-high-impedance
tPHZ
7.7
12
ns
output(3)
CL = 5 pF, See Figure 3 and Figure 5
Output disable time, low-level-to-high-impedance
tPLZ
5.2
12
ns
output(3)
CL = 10 pF, See Figure 2 and Figure 4
0.7
ns
tskew1
Pulse-width distortion, |tPHL - tPLH|
CL = 150 pF, See Figure 2 and Figure 4
4
ns
CL = 10 pF, TA = 75°C, See Figure 2 and
0.8
1.4
ns
Δtskew1p
Figure 4
Part-to-part output waveform skew
-p
CL = 10 pF, See Figure 2 and Figure 4
1.5
ns
Δtskew
Same part output waveform skew
CL = 10 pF, See Figure 2 and Figure 4
0.3
ns
Output enable time, high-impedance-to-high-level
tPZH
6.9
12
ns
output(3)
CL = 10 pF, See Figure 3 and Figure 4
Output enable time, high-impedance-to-low-level
tPZL
6.3
12
ns
output(3)
tTLH
Rise time (20%-80%)
1
ns
CL = 10 pF, See Figure 2 and Figure 4
tTHL
Fall time (80%-20%)
1
ns
(1)
The propagation delay values with a 0 pF load are based on design and simulation.
(2)
tr/tf: 3 ns (20% - 80%)
(3)
See Table 1.
A.
tr/tf: 3 ns (20% - 80%)
Figure 1. Receiver Propagation Delay Times
4
Submit Documentation Feedback
Copyright © 2005–2007, Texas Instruments Incorporated
Product Folder Link(s): TB5R3


Similar Part No. - TB5R3DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB5R1 TI-TB5R1 Datasheet
327Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI-TB5R1 Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI-TB5R1 Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI1-TB5R1 Datasheet
909Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1D TI-TB5R1D Datasheet
327Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
More results

Similar Description - TB5R3DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB3R1 TI-TB3R1 Datasheet
267Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R2DR TI-TB3R2DR Datasheet
767Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1 TI1-TB3R1_17 Datasheet
789Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DR TI-TB5R1DR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DWR TI-TB5R1DWR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI-TB5R1 Datasheet
327Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI1-TB5R1_17 Datasheet
909Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
Maxim Integrated Produc...
MAX9401 MAXIM-MAX9401 Datasheet
351Kb / 13P
   Quad ECL/PECL Differential Buffers/Receivers
Rev 0; 10/01
logo
National Semiconductor ...
DS96F173M NSC-DS96F173M Datasheet
236Kb / 10P
   Quad Differential Receivers
DS96F173C NSC-DS96F173C Datasheet
238Kb / 10P
   Quad Differential Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com