Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78E52C Datasheet(PDF) 11 Page - Winbond

Part # W78E52C
Description  8-BIT MICROCONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78E52C Datasheet(HTML) 11 Page - Winbond

Back Button W78E52C_06 Datasheet HTML 7Page - Winbond W78E52C_06 Datasheet HTML 8Page - Winbond W78E52C_06 Datasheet HTML 9Page - Winbond W78E52C_06 Datasheet HTML 10Page - Winbond W78E52C_06 Datasheet HTML 11Page - Winbond W78E52C_06 Datasheet HTML 12Page - Winbond W78E52C_06 Datasheet HTML 13Page - Winbond W78E52C_06 Datasheet HTML 14Page - Winbond W78E52C_06 Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
W78E52C/W78E052C
Publication Release Date: November 6, 2006
- 11 -
Revision A4
7. ELECTRICAL CHARACTERISTICS
7.1 Absolute Maximum Ratings
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
DC Power Supply
VDD
−VSS
-0.3
+7.0
V
Input Voltage
VIN
VSS -0.3
VDD +0.3
V
Operating Temperature
TA
0
70
°C
Storage Temperature
TST
-55
+150
°C
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability
of the device.
7.2 D.C. Characteristics
(VCC
−VSS = 5V ±10%, TA = 25° C, unless otherwise specified.)
SPECIFICATION
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
MAX.
UNIT
Operating Voltage
VDD
4.5
5.5
V
Operating Current
IDD
No load VDD = 5.5V
-
20
mA
Idle Current
IIDLE
Idle mode VDD =
5.5V
-
6
mA
Power Down Current
IPWDN
Power-down mode
VDD = 5.5V
-
50
μA
Input Current
P1, P2, P3
IIN1
VDD = 5.5V
VIN = 0V or VDD
-50
+10
μA
Logical 1-to-0 Transition
Current P1, P2, P3
(*1)
ITL
VDD = 5.5V
VIN = 2.0V
(*1)
-550
-
μA
Input Current
RST
(*2)
IIN2
VDD = 5.5V
VIN = VDD
-10
+300
μA
Input Leakage Current
P0, EA
ILK
VDD = 5.5V
0V < VIN < VDD
-10
+10
μA
Output Low Voltage
P1, P2, P3
VOL1
VDD = 4.5V
IOL1 = +2 mA
-
0.45
V
Output Low Voltage
ALE,
IN T1, P0
(*3)
VOL2
VDD = 4.5V
IOL2 = +4 mA
-
0.45
V
Output High Voltage
P1, P2, P3
VOH1
VDD = 4.5V
IOH1 = -100
μA
2.4
-
V


Similar Part No. - W78E52C_06

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E52C WINBOND-W78E52C Datasheet
299Kb / 22P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78E52C_06

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com