Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REG104FA-AKTTTG3 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # REG104FA-AKTTTG3
Description  DMOS 1A Low-Dropout Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REG104FA-AKTTTG3 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  REG104FA-AKTTTG3 Datasheet HTML 1Page - Burr-Brown (TI) REG104FA-AKTTTG3 Datasheet HTML 2Page - Burr-Brown (TI) REG104FA-AKTTTG3 Datasheet HTML 3Page - Burr-Brown (TI) REG104FA-AKTTTG3 Datasheet HTML 4Page - Burr-Brown (TI) REG104FA-AKTTTG3 Datasheet HTML 5Page - Burr-Brown (TI) REG104FA-AKTTTG3 Datasheet HTML 6Page - Burr-Brown (TI) REG104FA-AKTTTG3 Datasheet HTML 7Page - Burr-Brown (TI) REG104FA-AKTTTG3 Datasheet HTML 8Page - Burr-Brown (TI) REG104FA-AKTTTG3 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
REG104
5
SBVS025G
TYPICAL CHARACTERISTICS (Cont.)
For all models, at TJ = +25°C and VENABLE = 2V, unless otherwise noted.
6V
V
IN
V
OUT
V
OUT
5V
50
µs/div
LINE TRANSIENT RESPONSE
C
OUT = 10µF
C
OUT = 0
REG104-3.3
I
OUT = 200mA
1A
I
LOAD
V
OUT
V
OUT
10mA
10
µs/div
LOAD TRANSIENT RESPONSE
C
OUT = 10µF
C
OUT = 0
REG104-3.3
C
OUT = 0
REG104–A
C
FB = 0.01µF, VOUT = 3.3V
C
OUT = 10µF
I
LOAD
1A
10mA
LOAD TRANSIENT RESPONSE
10
µs/div
C
OUT = 0
REG104–A
Load = 200mA, C
FB = 0.01µF, VOUT = 3.3V
C
OUT = 10µF
V
IN
6V
5V
LOAD TRANSIENT RESPONSE
50
µs/div
0.5
0.4
0.3
0.2
0.1
0
Temperature (
°C)
LOAD REGULATION vs TEMPERATURE
(V
IN = VOUT + 1V and 10mA < IOUT < 1000mA)
–60
–40
–20
40
60
0
20
100
80
120
10
100
1000
10000
100,000
10
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
Frequency (Hz)
OUTPUT NOISE DENSITY
C
NR = 0
C
OUT = 0
C
NR = 0.01µF
C
OUT = 10µF


Similar Part No. - REG104FA-AKTTTG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG104FA-AKTTTG3 TI1-REG104FA-AKTTTG3 Datasheet
845Kb / 23P
[Old version datasheet]   1A Low-Dropout Regulator
More results

Similar Description - REG104FA-AKTTTG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG104 TI-REG104 Datasheet
439Kb / 22P
[Old version datasheet]   DMOS 1A Low-Dropout Regulator
logo
List of Unclassifed Man...
EP1117 ETC1-EP1117 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
logo
National Semiconductor ...
LM2940 NSC-LM2940 Datasheet
504Kb / 19P
   1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
AT9910 GMT-AT9910 Datasheet
63Kb / 1P
   1A Low Dropout Regulator
AT9911 GMT-AT9911 Datasheet
64Kb / 1P
   1A Low Dropout Regulator
logo
Texas Instruments
LM2940-N TI1-LM2940-N_16 Datasheet
2Mb / 37P
[Old version datasheet]   1A Low Dropout Regulator
LM2940QML TI1-LM2940QML_16 Datasheet
390Kb / 17P
[Old version datasheet]   1A Low Dropout Regulator
logo
National Semiconductor ...
MNLM2940-12-X NSC-MNLM2940-12-X Datasheet
265Kb / 14P
   1A LOW DROPOUT REGULATOR
logo
Texas Instruments
REG104-25 TI1-REG104-25 Datasheet
845Kb / 23P
[Old version datasheet]   1A Low-Dropout Regulator
REG113 TI-REG113_08 Datasheet
551Kb / 20P
[Old version datasheet]   DMOS 400mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com