Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LANC2405UW12 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # LANC2405UW12
Description  DC/DC Converter 9-36 VDC Input 5.1 VDC Output at 2.4A
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANC2405UW12 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  LANC2405UW12 Datasheet HTML 1Page - Wall Industries,Inc. LANC2405UW12 Datasheet HTML 2Page - Wall Industries,Inc. LANC2405UW12 Datasheet HTML 3Page - Wall Industries,Inc. LANC2405UW12 Datasheet HTML 4Page - Wall Industries,Inc. LANC2405UW12 Datasheet HTML 5Page - Wall Industries,Inc. LANC2405UW12 Datasheet HTML 6Page - Wall Industries,Inc. LANC2405UW12 Datasheet HTML 7Page - Wall Industries,Inc. LANC2405UW12 Datasheet HTML 8Page - Wall Industries,Inc. LANC2405UW12 Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
(888) 597-WALL
www.wallindustries.com
1 of 14
TECHNICAL DATASHEET
LANC2405UW12
DC/DC Converter
9-36 VDC Input
5.1 VDC Output at 2.4A
Applications:
Distributed Power Architectures
Communications Equipment
Computer Equipment
Work Stations
Features:
RoHS Compliant
Single Output
Standard 24 Pin DIP and SMT Package
Five-Sided Continuous Shield
No Minimum Load Required
High Power Density
High Efficiency up to 88%
Small Size: 1.25 x 0.8 x 0.450 Inches
Input to Output Isolation (1600VDC)
4:1 Ultra Wide Input Voltage Range
Fixed Switching Frequency
Input Under-Voltage Protection
Output Over-Voltage Protection
Over-Current Protection
Output Short Circuit Protection
Remote ON/OFF
Description:
The LANCUW12 single output series offers 12 watts of output power from a package in an IC compatible
24pin DIP and SMT configuration. LANCUW12 single output series has 4:1 wide input voltage of 9-36VDC
and 18-75VDC. The LANCUW12 single output series features 1600VDC of isolation, short circuit protection
and five sided shielding. All models are particularly suited for telecommunications, industrial, mobile telecom,
and test equipment applications.
UL
TUV
CB
CE MARK


Similar Part No. - LANC2405UW12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC2405UW12 WALL-LANC2405UW12 Datasheet
243Kb / 3P
   Single and Dual Output 12 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage
More results

Similar Description - LANC2405UW12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC485.1W12 WALL-LANC485.1W12 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 5.1 VDC Output at 2.4A
LANC245.1W12 WALL-LANC245.1W12 Datasheet
1,023Kb / 14P
   DC/DC Converter 18-36 VDC Input 5.1 VDC Output at 2.4A
LANC125.1W12 WALL-LANC125.1W12 Datasheet
889Kb / 14P
   DC/DC Converter 9-18 VDC Input 5.1 VDC Output at 2.4A
LANC4805UW12 WALL-LANC4805UW12 Datasheet
916Kb / 14P
   DC/DC Converter 18-75 VDC Input 5.1 VDC Output at 2.4A
LANC2412UW12 WALL-LANC2412UW12 Datasheet
912Kb / 14P
   DC/DC Converter 9-36 VDC Input 12 VDC Output at 1.0A
LANC2415UW12 WALL-LANC2415UW12 Datasheet
912Kb / 14P
   DC/DC Converter 9-36 VDC Input 15 VDC Output at 0.8A
LANC2433UW12 WALL-LANC2433UW12 Datasheet
923Kb / 14P
   DC/DC Converter 9-36 VDC Input 3.3 VDC Output at 3.5A
LANC4815DW8 WALL-LANC4815DW8 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 짹15 VDC Output at 짹0.267A
LANC4815W12 WALL-LANC4815W12 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 15 VDC Output at 0.8A
LANC242.5W12 WALL-LANC242.5W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 2.5 VDC Output at 3.5A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com