Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LANC2412DW8 Datasheet(PDF) 8 Page - Wall Industries,Inc.

Part # LANC2412DW8
Description  DC/DC Converter 18-36 VDC Input 짹12 VDC Output at 짹0.333A
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANC2412DW8 Datasheet(HTML) 8 Page - Wall Industries,Inc.

Back Button LANC2412DW8 Datasheet HTML 4Page - Wall Industries,Inc. LANC2412DW8 Datasheet HTML 5Page - Wall Industries,Inc. LANC2412DW8 Datasheet HTML 6Page - Wall Industries,Inc. LANC2412DW8 Datasheet HTML 7Page - Wall Industries,Inc. LANC2412DW8 Datasheet HTML 8Page - Wall Industries,Inc. LANC2412DW8 Datasheet HTML 9Page - Wall Industries,Inc. LANC2412DW8 Datasheet HTML 10Page - Wall Industries,Inc. LANC2412DW8 Datasheet HTML 11Page - Wall Industries,Inc. LANC2412DW8 Datasheet HTML 12Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TECHNICAL DATASHEET
LANC2412DW8
(888) 597-WALL
www.wallindustries.com
Page 8 of 14
TEST SETUP:
The LANC2412DW8 specifications are tested with the following configurations:
Input Reflected-Ripple Current Measurement Test Setup
Peak-to-Peak Output Ripple & Noise Measurement Setup
Output Voltage and Efficiency Measurement Setup
NOTE: All measurements are taken at the module terminals
Component
Value
Voltage
Reference
L
12µH
----
----
C
47µF
100V
Aluminum Electrolytic Capacitor
Figure 7
Figure 8
Figure 10
%
100
×
×
×
=
Iin
Vin
Iout
Vout
Efficiency
Figure 9


Similar Part No. - LANC2412DW8

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC2412DW8 WALL-LANC2412DW8 Datasheet
243Kb / 3P
   Single and Dual Output 8 Watt DC/DC Converter 2:1 Wide Input Voltage Range
More results

Similar Description - LANC2412DW8

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC4812DW8 WALL-LANC4812DW8 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 짹12 VDC Output at 짹0.333A
LANC1212DW8 WALL-LANC1212DW8 Datasheet
1Mb / 14P
   DC/DC Converter 9-18 VDC Input 짹12 VDC Output at 짹0.333A
LANC2412DW12 WALL-LANC2412DW12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 짹12 VDC Output at 짹0.5A
LANC4812DW12 WALL-LANC4812DW12 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 짹12 VDC Output at 짹0.5A
LANC1212DW12 WALL-LANC1212DW12 Datasheet
915Kb / 14P
   DC/DC Converter 9-18 VDC Input 짹12 VDC Output at 짹0.5A
LANC242.5W12 WALL-LANC242.5W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 2.5 VDC Output at 3.5A
LANC243.3W12 WALL-LANC243.3W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 3.3 VDC Output at 3.5A
LANC2415W12 WALL-LANC2415W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 15 VDC Output at 0.8A
LANC2412W12 WALL-LANC2412W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 12 VDC Output at 1.0A
LANC2415DW8 WALL-LANC2415DW8 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 짹15 VDC Output at 짹0.267A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com