Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF4002 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # UF4002
Description  ULTRA FAST RECOVERY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

UF4002 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  UF4002 Datasheet HTML 1Page - TAITRON Components Incorporated UF4002 Datasheet HTML 2Page - TAITRON Components Incorporated UF4002 Datasheet HTML 3Page - TAITRON Components Incorporated UF4002 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UF400X SERIES
ULTRA FAST
RECOVERY RECTIFIER
Ultra Fast Recovery Rectifier
1.0 (25 .4)
MIN.
0.107 (2.7)
0.080 (2.0)
DIA.
0.205 (5.2)
0.166 (4.2)
1.0 (25 .4)
MIN.
0.034 (0.86)
0.028 (0.71)
DIA.
Dimensions in inch (mm)
DO204AL
(DO-41)
Features
• Ultra Fast recovery time with high efficiency
• Low forward voltage drop
• High forward surge current capability
• High temperature soldering guaranteed 265°C/10 seconds
/.037" (9.5mm) lead length, 5lbs (2.3kg) tension
• RoHS compliant
Mechanical Data
Case:
DO-204AL, molded plastic
Epoxy:
Meets UL 94V-0 flammability rating
Terminals:
Axial leads, solderable per MIL-STD-202G, Method
208
Polarity:
Cathode indicated by color band
Mounting position:
Any
Weight:
0.013 Ounce, 0. 3 gram
Maximum Ratings (T Ambient=25ºC unless noted otherwise)
Rev. B/WW 2006-02-24
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-247-2232
(800)-TAITRON
(661)-257-6060
Fax: (800)-TAITFA
(800)-824-8329
(661)-257-6415


Similar Part No. - UF4002

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
UF4002 WTE-UF4002 Datasheet
49Kb / 3P
   1.0A ULTRAFAST RECOVERY RECTIFIER
logo
Nanjing International G...
UF4002 DGNJDZ-UF4002 Datasheet
139Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
EIC discrete Semiconduc...
UF4002 EIC-UF4002 Datasheet
52Kb / 2P
   UTRAFAST EFFICIENT RECTIFIER DIODES
logo
List of Unclassifed Man...
UF4002 ETC1-UF4002 Datasheet
206Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
UF4002 YFWDIODE-UF4002 Datasheet
426Kb / 3P
   High Efficiency Silicon Rectifiers
More results

Similar Description - UF4002

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR6304 SSDI-SDR6304 Datasheet
72Kb / 2P
   Ultra Fast Recovery Rectifier
SDR504 SSDI-SDR504_1 Datasheet
101Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
SDR30U080J SSDI-SDR30U080J Datasheet
91Kb / 2P
   Ultra Fast Recovery Rectifier
RC0039F SSDI-RC0039F Datasheet
120Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
UF110 MICROSEMI-UF110 Datasheet
91Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
UF130 MICROSEMI-UF130 Datasheet
89Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
UF310 MICROSEMI-UF310 Datasheet
160Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
UF330 MICROSEMI-UF330 Datasheet
94Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
UFR8510 MICROSEMI-UFR8510 Datasheet
123Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
logo
Fairchild Semiconductor
FFPF15U40S FAIRCHILD-FFPF15U40S Datasheet
77Kb / 4P
   ULTRA FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
SDR622 ETC-SDR622 Datasheet
80Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com