Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UGP15M Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # UGP15M
Description  1.5A Sintered Glass Passivated Ultra Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

UGP15M Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  UGP15M Datasheet HTML 1Page - TAITRON Components Incorporated UGP15M Datasheet HTML 2Page - TAITRON Components Incorporated UGP15M Datasheet HTML 3Page - TAITRON Components Incorporated UGP15M Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/DX 2007-06-04
UGP15A – UGP15M
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel:
(800)-TAITRON (800)-824-8766 (661)-257-6060
Fax:
(800)-TAITFAX (800)-824-8329
(661)-257-6415
1.5A Sintered Glass Passivated
Ultra Fast Recovery Rectifier
1.5A Sintered Glass Passivated Ultra Fast Recovery Rectifier
Features
• Sintered glass passivated (SGP) rectifier chip
• Low forward voltage, high current capability
• Low leakage current, high surge current capability
• High temperature soldering guaranteed: 260°C/10 seconds
/.0375" (9.5mm) lead length, 5lbs (2.3kg) tension
• RoHS Compliance
Mechanical Data
Case:
JEDEC DO-204AC(DO-15) molded plastic body
Epoxy:
Plastic package has UL flammability classification 94V-0
Terminals:
Plated axial leads, solderable per MIL-STD-750, Method 2026
Polarity:
Color band denotes cathode end
Weight:
0.015 ounces, 0.4 gram
Maximum Ratings and Electrical Characteristics (T A=25ºC unless noted otherwise)
Symbol
Description
UGP
15A
UGP
15B
UGP
15D
UGP
15G
UGP
15J
UGP
15K
UGP
15M
Unit
Conditions
VRRM
Maximum
Repetitive Peak
Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS
Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC
Blocking Voltage
50
100
200
400
600
800
1000
V
IF(AV)
Maximum Average
Forward Rectified
Current
1.5
A
0.375” (9.5mm)
lead length(Fig.1)
IFSM
Peak Forward
Surge Current
50
45
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
Method)
DO-15
(DO-204AC)


Similar Part No. - UGP15M

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
UGP15A ZOWIE-UGP15A Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
UGP15B ZOWIE-UGP15B Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
UGP15D ZOWIE-UGP15D Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
UGP15F ZOWIE-UGP15F Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
UGP15G ZOWIE-UGP15G Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
More results

Similar Description - UGP15M

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
RGP15A TAITRON-RGP15A Datasheet
133Kb / 4P
   1.5A Sintered Glass Passivated Fast Recovery Rectifier
EGP15A TAITRON-EGP15A Datasheet
145Kb / 4P
   1.5A Sintered Glass Passivated Super Fast Recovery Rectifier
logo
Frontier Electronics.
UF15-005G FRONTIER-UF15-005G Datasheet
128Kb / 2P
   1.5A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF15-005G-LFR FRONTIER-UF15-005G-LFR Datasheet
128Kb / 2P
   1.5A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
logo
TAITRON Components Inco...
MURS140 TAITRON-MURS140 Datasheet
181Kb / 5P
   1.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier
UGP10A TAITRON-UGP10A Datasheet
147Kb / 4P
   1.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier
MUR130 TAITRON-MUR130 Datasheet
172Kb / 4P
   1.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier
MUR440 TAITRON-MUR440 Datasheet
132Kb / 4P
   4.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier
UGP20A TAITRON-UGP20A Datasheet
191Kb / 4P
   2.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier
logo
Comchip Technology
CFPA10MM COMCHIP-CFPA10MM Datasheet
69Kb / 2P
   Glass Passivated Sintered Fast Recovery Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com