Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LANC2412DW12 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # LANC2412DW12
Description  DC/DC Converter 18-36 VDC Input 짹12 VDC Output at 짹0.5A
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANC2412DW12 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  LANC2412DW12 Datasheet HTML 1Page - Wall Industries,Inc. LANC2412DW12 Datasheet HTML 2Page - Wall Industries,Inc. LANC2412DW12 Datasheet HTML 3Page - Wall Industries,Inc. LANC2412DW12 Datasheet HTML 4Page - Wall Industries,Inc. LANC2412DW12 Datasheet HTML 5Page - Wall Industries,Inc. LANC2412DW12 Datasheet HTML 6Page - Wall Industries,Inc. LANC2412DW12 Datasheet HTML 7Page - Wall Industries,Inc. LANC2412DW12 Datasheet HTML 8Page - Wall Industries,Inc. LANC2412DW12 Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TECHNICAL DATASHEET
LANC2412DW12
(888) 597-WALL
www.wallindustries.com
Page 2 of 14
Technical Specifications
M
Mood
deell N
Noo.. LANC2412DW12
All specifications are based on 25 oC, Nominal Input Voltage and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
Related condition
Min
Nom
Max
Unit
Switching Frequency
Test at nominal Vin and full load
400
kHz
INPUT (Vin)
Operating Voltage Range
18
24
36
Vdc
Input Voltage (Continuous)
40
Vdc
Input Voltage (Transient 100ms)
50
Vdc
UVLO Turn-on Threshold
18
Vdc
UVLO Turn-off Threshold
16
Vdc
Input Standby Current
Nominal Vin and No Load
15
mA
Input Voltage Variation
Complies with EST300 132 part 4.4
5
V/ms
Input Current
Nominal Vin and Full Load
595
mA
Reflected Ripple Current
5 to 20MHz, 12µH source impedance
(See the Test Setup section - pg 8)
20
mApk-pk
EFFICIENCY
Test at nominal Vin and full load
(See the Test Setup section – pg 8)
88
%
OUTPUT (Vo)
Operating Output Range
Nominal Vin and Full Load
11.856
12
12.144
Vdc
Load Regulation
0% to 100% Full Load
-1.0
+1.0
%
Line Regulation
LL to HL at Full Load
-0.2
+0.2
%
Cross Regulation
Asymmetrical Load 25% / 100% of Full Load
-5.0
+5.0
%
Output Ripple & Noise
5Hz to 20MHz bandwidth
(See the Test Setup section - pg 8)
85
mVpk-pk
Output Current
0
±0.5
A
Output Voltage Overshoot
LL to HL at Full Load
0
3
% Vout
Over Current Protection
150
% FL
Short Circuit Protection
Continuous, automatic recovery
DYNAMIC LOAD RESPONSE
Test at nominal Vin
Peak Deviation
Load step change from 75 to 100% or 100 to 75 % of FL
200
mV
Setting Time (Vout < 10% peak deviation)
250
µs
REMOTE ON/OFF
The ON/OFF pin voltage is referenced to -Vin
(See the Remote ON/OFF Control section - pg 5)
ON/OFF pin High Voltage (Remote ON)
3.0
12
Vdc
ON/OFF pin Low Voltage (Remote OFF)
0
1.2
Vdc
ON/OFF pin Low Voltage, input current
2.5
mA
START UP TIME
Test at nominal Vin and constant resistive load
Power Up
450
ms
Remote ON/OFF
5
ms
ISOLATION
Isolation Voltage (Input-Output)
1600
Vdc
Isolation Voltage (Output to Case–DIP Type)
1600
Vdc
Isolation Voltage (Output to Case–SMT Type)
1000
Vdc
Isolation Voltage (Input to Case - DIP Type)
1600
Vdc
Isolation Voltage (Input to Case - SMT Type)
1000
Vdc
Isolation Resistance
1
GΩ
Isolation Capacitance
1200
pF
ENVIRONMENTAL
Operating Ambient Temperature (w/ derating)
-40
85
oC
Operating Case Temperature
100
oC
Storage Temperature
-55
105
oC
Temperature Coefficient
-0.02
+0.02
% / oC
MTBF
See the MTBF and Reliability section (pg 13)
Bellcore TR-NWT-000332, TC=40°C
2,750,000
hours
MIL-STD-217F
1,080,000
hours
MECHANICAL
See Figure 1
Weight
18.0
grams
Dimensions
1.25 x 0.8 x 0.450
inches


Similar Part No. - LANC2412DW12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC2412DW12 WALL-LANC2412DW12 Datasheet
243Kb / 3P
   Single and Dual Output 12 Watt DC/DC Converter 2:1 Ultra Wide Input Voltage
More results

Similar Description - LANC2412DW12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC4812DW12 WALL-LANC4812DW12 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 짹12 VDC Output at 짹0.5A
LANC1212DW12 WALL-LANC1212DW12 Datasheet
915Kb / 14P
   DC/DC Converter 9-18 VDC Input 짹12 VDC Output at 짹0.5A
LANC2412DW8 WALL-LANC2412DW8 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 짹12 VDC Output at 짹0.333A
LANC4812DW8 WALL-LANC4812DW8 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 짹12 VDC Output at 짹0.333A
LANC1212DW8 WALL-LANC1212DW8 Datasheet
1Mb / 14P
   DC/DC Converter 9-18 VDC Input 짹12 VDC Output at 짹0.333A
LANC242.5W12 WALL-LANC242.5W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 2.5 VDC Output at 3.5A
LANC243.3W12 WALL-LANC243.3W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 3.3 VDC Output at 3.5A
LANC2415W12 WALL-LANC2415W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 15 VDC Output at 0.8A
LANC2412W12 WALL-LANC2412W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 12 VDC Output at 1.0A
LANC2415DW8 WALL-LANC2415DW8 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 짹15 VDC Output at 짹0.267A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com