Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z5SMB5351B Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # Z5SMB5351B
Description  5.0W Surface Mount Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

Z5SMB5351B Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  Z5SMB5351B Datasheet HTML 1Page - TAITRON Components Incorporated Z5SMB5351B Datasheet HTML 2Page - TAITRON Components Incorporated Z5SMB5351B Datasheet HTML 3Page - TAITRON Components Incorporated Z5SMB5351B Datasheet HTML 4Page - TAITRON Components Incorporated Z5SMB5351B Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev. A/DX 2007-09-30
www.taitroncomponents.com
Page 3 of 5
5.0W Surface Mount Zener Diodes
Z5SMB5333B – Z5SMB5388B
Norminal Zener Voltage @ IZT
V Z(V)
Max. Zener Impedance (Ω)
Max. Reverse
Leakage
Current IR @
VR
Max.
DC
Zener
Current
Part NO.
Marking
Code
Nom.
Min.
Max.
IZT(mA)
ZZT @
IZT
ZZK @
Izk
IZK(mA)
IR
(
μA) VR(V) IZM(mA)
Z5SMB5365B
365B
36
34.2
37.8
30
11
160
1.0
0.5
25.9
132
Z5SMB5366B
366B
39
37.1
41.0
30
14
170
1.0
0.5
28.1
122
Z5SMB5367B
367B
43
40.9
45.2
30
20
190
1.0
0.5
31.0
110
Z5SMB5368B
368B
47
44.7
49.4
25
25
210
1.0
0.5
33.8
100
Z5SMB5369B
369B
51
48.5
53.6
25
27
230
1.0
0.5
36.7
93.0
Z5SMB5370B
370B
56
53.2
58.8
20
35
280
1.0
0.5
40.3
86.0
Z5SMB5371B
371B
60
57.0
63.0
20
40
350
1.0
0.5
43.0
79.0
Z5SMB5372B
372B
62
58.9
65.1
20
42
400
1.0
0.5
44.6
76.0
Z5SMB5373B
373B
68
64.6
71.4
20
44
500
1.0
0.5
49.0
70.0
Z5SMB5374B
374B
75
71.3
78.8
20
45
620
1.0
0.5
54.0
63.0
Z5SMB5375B
375B
82
77.9
86.1
15
65
720
1.0
0.5
59.0
58.0
Z5SMB5376B
376B
87
82.7
91.4
15
75
760
1.0
0.5
63.0
54.5
Z5SMB5377B
377B
91
86.5
95.6
15
75
760
1.0
0.5
65.5
52.5
Z5SMB5378B
378B
100
95.0
105.0
12
90
800
1.0
0.5
72.0
47.5
Z5SMB5379B
379B
110
104.5
115.5
12
125
1000
1.0
0.5
79.2
43.0
Z5SMB5380B
380B
120
114.0
126.0
10
170
1150
1.0
0.5
86.4
39.5
Z5SMB5381B
381B
130
123.5
136.5
10
190
1250
1.0
0.5
93.2
36.6
Z5SMB5382B
382B
140
133.0
147.0
8.0
230
1500
1.0
0.5
101
34.0
Z5SMB5383B
383B
150
142.5
157.5
8.0
330
1500
1.0
0.5
108
31.6
Z5SMB5384B
384B
160
152.0
168.0
8.0
350
1650
1.0
0.5
115
29.4
Z5SMB5385B
385B
170
161.5
178.5
8.0
380
1750
1.0
0.5
122
28.0
Z5SMB5386B
386B
180
171.0
189.0
5.0
430
1750
1.0
0.5
130
26.4
Z5SMB5387B
387B
190
180.5
199.5
5.0
450
1850
1.0
0.5
137
25.0
Z5SMB5388B
388B
200
190.0
210.0
5.0
480
1850
1.0
0.5
144
23.6
Note: Suffix “B” indicates ±5% tolerance; suffix “A” indicates ±10% tolerance.


Similar Part No. - Z5SMB5351B

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
Z5SMB5333B SUNMATE-Z5SMB5333B Datasheet
671Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - Z5SMB5351B

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
1N5333B TAITRON-1N5333B Datasheet
189Kb / 5P
   5.0W Zener Diodes
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com