Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23081 Datasheet(PDF) 4 Page - Tyco Electronics

Part # V23081
Description  PCB relays Twin relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23081 Datasheet(HTML) 4 Page - Tyco Electronics

  V23081 Datasheet HTML 1Page - Tyco Electronics V23081 Datasheet HTML 2Page - Tyco Electronics V23081 Datasheet HTML 3Page - Tyco Electronics V23081 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Catalog 1308028
Issued 01-05
PCB relays
Twin relays
Please observe the disclaimer.
125
Twin pack relay TPR
Operating conditions
Test
Relevant standard
Testing as per
Dimension
Comments
Climatic cycling with condensation
EN ISO 6988
20 cycles
Storage 8/16 h
Temperature cycling
IEC 68-2-14
Na
20 cycles
– 40/+ 85 °C (dwell time 1 h)
Damp heat
constant
IEC 68-2-3
Ca
56 days
Upper air temperature 55 °C
Corrosive gases
IEC 68-2-42
10 days
IEC 68-2-43
10 days
Vibration resistance
IEC 68-2-6 (sine pulse form)
10 ... 200 Hz
No change in the
acceleration, acc. to position
23 ... 35 g
switching state > 10
µs
Shock resistance
IEC 68-2-27 (half-sine pulse form)
4 ... 6 ms
No change in the
acceleration, acc. to position
23 … 280 g
switching state > 10
µs
Solderability
IEC 68-2-20
Ta, Method 1
Aging 3 (4 h/155 °C)
Dewetting
Resistance to soldering heat
IEC 68-2-20
Tb, Method 1A
10 s ± 1 s
with thermal screen
Sealing
IEC 68-2-17
Qc, Method 2
1 min / 70 °C
Flammability
UL94-HB
Ordering information
Coil versions
Coil
Rated coil
Coil resistance
Must
Must
Allowable overdrive 1)
data for
voltage
+/- 10%
operate voltage
release voltage
voltage (V)
TPR
(V)
(
Ω)
(V)
(V)
at 23 °C
at 85 °C
V23081-**059-****
12
107
6.0
1.2
18.5
14.5
V23081-**061-****
12
130
6.9
1.2
19.2
14.9
1)
Allowable overdrive is stated with no load applied and minimum coil resistance.
Part numbers
(see table below for coil data)
Contact
Contact
Enclosure
Terminals
Relay part number
Tyco order number
arrangement
material
V23081-C1059-A303
0-1393270-2
2 Form C
AgNi0.15
Sealed
Printed circuit
V23081-C1061-A303
0-1393270-6
2 Form C
AgNi0.15
Sealed
Printed circuit
Standard delivery packs (orders in multiples of delivery pack)
Twin pack relay TPR:
252 pieces


Similar Part No. - V23081

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23086 MACOM-V23086 Datasheet
492Kb / 5P
   Micro Relay K (THT - THR)
V23086 MACOM-V23086 Datasheet
66Kb / 3P
   20 Amp Micro K (Single & Dual) PC Board Relay for Automotive Applications
V23086-C1001-A303 MACOM-V23086-C1001-A303 Datasheet
66Kb / 3P
   20 Amp Micro K (Single & Dual) PC Board Relay for Automotive Applications
V23086-C1001-A402 MACOM-V23086-C1001-A402 Datasheet
66Kb / 3P
   20 Amp Micro K (Single & Dual) PC Board Relay for Automotive Applications
V23086-C1001-A403 MACOM-V23086-C1001-A403 Datasheet
211Kb / 5P
   Single Relays
Revision 03-06
More results

Similar Description - V23081

ManufacturerPart #DatasheetDescription
logo
NEC
EN2-1N1S NEC-EN2-1N1S Datasheet
193Kb / 12P
   AUTOMOTIVE RELAYS (Twin, Single) Relays
logo
American Electronic Com...
DG60 AEC-DG60 Datasheet
444Kb / 3P
   Single and Twin relays
logo
Tyco Electronics
VKP-15H42 MACOM-VKP-15H42 Datasheet
228Kb / 6P
   PCB Relays Single Relays
Revised 6-2009
T72M MACOM-T72M Datasheet
132Kb / 5P
   PCB Relays / Single Relays
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
T77V1D10-24 MACOM-T77V1D10-24 Datasheet
401Kb / 2P
   General Purpose Relays PCB Relays
6-1415029-1 MACOM-6-1415029-1 Datasheet
419Kb / 2P
   General Purpose Relays PCB Relays
04-2011, Rev. 0411
1-1393239-3 MACOM-1-1393239-3 Datasheet
729Kb / 5P
   General Purpose Relays PCB Relays
logo
TE Connectivity Ltd
PCB-PE TEC-PCB-PE Datasheet
253Kb / 2P
   General Purpose Relays PCB Relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com