Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC13110A Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC13110A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13110A Datasheet(HTML) 4 Page - Motorola, Inc

  MC13110A Datasheet HTML 1Page - Motorola, Inc MC13110A Datasheet HTML 2Page - Motorola, Inc MC13110A Datasheet HTML 3Page - Motorola, Inc MC13110A Datasheet HTML 4Page - Motorola, Inc MC13110A Datasheet HTML 5Page - Motorola, Inc MC13110A Datasheet HTML 6Page - Motorola, Inc MC13110A Datasheet HTML 7Page - Motorola, Inc MC13110A Datasheet HTML 8Page - Motorola, Inc MC13110A Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
MC13110A/B MC13111A/B
4
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (VCC = 3.6 V, VB = 1.5 V, TA = 25°C, Active or Rx Mode, unless otherwise specified;
Test Circuit Figure 1.)
Characteristic
Figure
Input
Pin
Measure
Pin
Symbol
Min
Typ
Max
Unit
FM RECEIVER (fRF = 46.77 MHz [USA Ch 21], fdev = ± 3.0 kHz, fmod = 1.0 kHz, Vcap ctrl = 1.2 V)
Input Sensitivity (for 12 dB SINAD at Det Out
Using C–Message Weighting Filter)
50
Ω Termination, Generator Referred
68, 69
Mix1
In1/In2
Det Out
VSIN
2.2
–100
µVrms
dBm
Single–Ended, Matched Input, Generator
Referred
0.4
–115
Differential, Matched Input, Generator Referred
0.4
–115
First and Second Mixer Voltage Gain Total
(Vin = 1.0 mVrms, with CF1 and CF2 Load)
1
Mix1
In1 or In2
Mix2 Out
MXgainT
24
29
dB
Isolation of First Mixer Output and Second Mixer
Input (Vin = 1.0 mVrms, with CFI Removed)
Mix1
In1 or In2
Mix2 In
Mix–Iso
60
dB
Total Harmonic Distortion (Vin = 3.16 mVrms)
1
Mix1
In1 or In2
Det Out
THD
1.4
2.0
%
Recovered Audio (Vin = 3.16 mVrms)
1
Mix1
In1 or In2
Det Out
AFO
80
112
150
mVrms
AM Rejection Ratio (Vin = 3.16 mVrms, 30% AM,
@ 1.0 kHz)
1
Mix1
In1 or In2
Det Out
AMR
30
48
dB
Signal to Noise Ratio (Vin = 3.16 mVrms,
No Modulation)
Mix1
In1 or In2
Det Out
SNR
48
dB
FIRST MIXER (No Modulation, fin = USA Ch21, 46.77 MHz, 50 Ω Termination at Inputs)
Input Impedance
Single–Ended
16
Mix1
In1 or In2
RPS1
CPS1
1.6
3.7
k
pF
Differential
16
Mix1
In1/In2
RPD1
CPD1
1.6
1.8
Output Impedance
14
Mix1 Out
RP1 Out
CP1 Out
300
3.7
pF
Voltage Conversion Gain
(Vin = 1.0 mVrms, with CF1 Filter as Load)
17, 18
Mix1
In1 or In2
Mix1 Out
MXgain1
12
dB
1.0 dB Voltage Compression Level (Input Referred)
IP3 Bit Set to 0
19, 21
Mix1
In1 or In2
Mix1 Out
VO Mix1
1 dB
20
–21
mVrms
dBm
IP3 Bit Set to 1
20, 21
56
–12
Third Order Intercept (Input Referred) [Note 5]
IP3 Bit Set to 0
19, 21
Mix1
In1 or In2
Mix1 Out
TOImix1
64
–11
mVrms
dBm
IP3 Bit Set to 1
20, 21
178
–2.0
–3.0 dB IF Bandwidth
22
Mix1 In1
or In2
Mix1 Out
Mix1 BW
13
MHz
NOTE:
5. Third order intercept calculated for input levels 10 dB below 1.0 dB compression point.


Similar Part No. - MC13110A

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MC1310 LAMBDA-MC1310 Datasheet
1Mb / 4P
   MC13-SERIES
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13104D MOTOROLA-MC13104D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105 MOTOROLA-MC13105 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105D MOTOROLA-MC13105D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
More results

Similar Description - MC13110A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
   Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
   Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com