Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6T2008V2A-B Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K6T2008V2A-B
Description  256Kx8 bit Low Power and Low Voltage CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6T2008V2A-B Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button K6T2008V2A-B Datasheet HTML 2Page - Samsung semiconductor K6T2008V2A-B Datasheet HTML 3Page - Samsung semiconductor K6T2008V2A-B Datasheet HTML 4Page - Samsung semiconductor K6T2008V2A-B Datasheet HTML 5Page - Samsung semiconductor K6T2008V2A-B Datasheet HTML 6Page - Samsung semiconductor K6T2008V2A-B Datasheet HTML 7Page - Samsung semiconductor K6T2008V2A-B Datasheet HTML 8Page - Samsung semiconductor K6T2008V2A-B Datasheet HTML 9Page - Samsung semiconductor K6T2008V2A-B Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CMOS SRAM
K6T2008V2A, K6T2008U2A Family
Revision 2.01
October 2001
DATA RETENTION WAVE FORM
CS1 controlled
VCC
3.0/2.7V1)
2.2V
VDR
CS1
GND
Data Retention Mode
CS1
≥VCC - 0.2V
tSDR
tRDR
TIMING WAVEFORM OF WRITE CYCLE(3) (CS2 Controlled)
Address
CS1
tAW
NOTES (WRITE CYCLE)
1. A write occurs during the overlap of a low CS1, a high CS2 and a low WE. A write begins at the latest transition among CS1 goes low,
CS2 going high and WE going low : A write end at the earliest transition among CS1 going high, CS2 going low and WE going high,
tWP is measured from the begining of write to the end of write.
2. tCW is measured from the CS1 going low or CS2 going high to the end of write.
3. tAS is measured from the address valid to the beginning of write.
4. tWR is measured from the end of write to the address change. tWR is applied in case a write ends with CS1 or WE going high.
tWR2 is applied in case a write ends with CS2 going low.
CS2
tCW(2)
WE
Data in
Data Valid
Data out
High-Z
High-Z
tCW(2)
tWR(4)
tWP(1)
tDW
tDH
tAS(3)
tWC
CS2 controlled
VCC
3.0/2.7V1)
0.4V
VDR
CS2
GND
Data Retention Mode
tSDR
tRDR
1. 3.0V for K6T2008V2A Family, 2.7V for K6T2008U2A Family
CS2
≤0.2V


Similar Part No. - K6T2008V2A-B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6T0808C1D-B SAMSUNG-K6T0808C1D-B Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6T0808C1D-DB55 SAMSUNG-K6T0808C1D-DB55 Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6T0808C1D-DB70 SAMSUNG-K6T0808C1D-DB70 Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6T0808C1D-DL55 SAMSUNG-K6T0808C1D-DL55 Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
More results

Similar Description - K6T2008V2A-B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6F2008T2E SAMSUNG-K6F2008T2E Datasheet
134Kb / 9P
   256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2008V2E SAMSUNG-K6F2008V2E Datasheet
134Kb / 9P
   256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2008S2E SAMSUNG-K6F2008S2E Datasheet
130Kb / 9P
   256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F2008U2E SAMSUNG-DS_K6F2008U2E Datasheet
130Kb / 10P
   256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6X4016T3F SAMSUNG-K6X4016T3F Datasheet
138Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
K6X4008T1F SAMSUNG-K6X4008T1F Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6X8008C2B SAMSUNG-K6X8008C2B Datasheet
131Kb / 9P
   1Mx8 bit Low Power and Low Voltage CMOS Static RAM
K6T8008C2M SAMSUNG-K6T8008C2M Datasheet
149Kb / 9P
   1Mx8 bit Low Power and Low Voltage CMOS Static RAM
K6T4016V3C SAMSUNG-K6T4016V3C Datasheet
154Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
KM62U256D SAMSUNG-KM62U256D Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com