Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6T2008V2A-F Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K6T2008V2A-F
Description  256Kx8 bit Low Power and Low Voltage CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6T2008V2A-F Datasheet(HTML) 5 Page - Samsung semiconductor

  K6T2008V2A-F Datasheet HTML 1Page - Samsung semiconductor K6T2008V2A-F Datasheet HTML 2Page - Samsung semiconductor K6T2008V2A-F Datasheet HTML 3Page - Samsung semiconductor K6T2008V2A-F Datasheet HTML 4Page - Samsung semiconductor K6T2008V2A-F Datasheet HTML 5Page - Samsung semiconductor K6T2008V2A-F Datasheet HTML 6Page - Samsung semiconductor K6T2008V2A-F Datasheet HTML 7Page - Samsung semiconductor K6T2008V2A-F Datasheet HTML 8Page - Samsung semiconductor K6T2008V2A-F Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CMOS SRAM
K6T2008V2A, K6T2008U2A Family
Revision 2.01
October 2001
AC CHARACTERISTICS (K6T2008V2A Family: VCC=3.0~3.6V, K6T2008U2A Family: VCC=2.7~3.3V
Commercial Product: TA=0 to 70
°C, Industrial Product: TA=-40 to 85°C)
Parameter List
Symbol
Speed Bins
Units
70ns
85ns
100ns
Min
Max
Min
Max
Min
Max
Read
Read cycle time
tRC
70
-
85
-
100
-
ns
Address access time
tAA
-
70
-
85
-
100
ns
Chip select to output
tCO1, tCO2
-
70
-
85
-
100
ns
Output enable to valid output
tOE
-
35
-
40
-
50
ns
Chip select to low-Z output
tLZ
10
-
10
-
10
-
ns
Output enable to low-Z output
tOLZ
5
-
5
-
5
-
ns
Chip disable to high-Z output
tHZ
0
25
0
25
0
30
ns
Output disable to high-Z output
tOHZ
0
25
0
25
0
30
ns
Output hold from address change
tOH
10
-
15
-
15
-
ns
Write
Write cycle time
tWC
70
-
85
-
100
-
ns
Chip select to end of write
tCW
60
-
70
-
80
-
ns
Address set-up time
tAS
0
-
0
-
0
-
ns
Address valid to end of write
tAW
60
-
70
-
80
-
ns
Write pulse width
tWP
55
-
60
-
70
-
ns
Write recovery time
tWR
0
-
0
-
0
-
ns
Write to output high-Z
tWHZ
0
25
0
30
0
30
ns
Data to write time overlap
tDW
30
-
35
-
40
-
ns
Data hold from write time
tDH
0
-
0
-
0
-
ns
End write to output low-Z
tOW
5
-
5
-
5
-
ns
CL1)
1. Including scope and jig capacitance
AC OPERATING CONDITIONS
TEST CONDITIONS( Test Load and Input/Output Reference)
Input pulse level: 0.4 to 2.2V
Input rising and falling time: 5ns
Input and output reference voltage: 1.5V
Output load(see right): CL=100pF+1TTL
CL=30pF+1TTL
DATA RETENTION CHARACTERISTICS
1. CS1
≥Vcc-0.2V, CS2≥Vcc-0.2V(CS1 controlled) or CS2≤0.2V(CS2 controlled)
2. Industrial Prod
ucts = 15
µA
Item
Symbol
Test Condition
Min
Typ
Max
Unit
Vcc for data retention
VDR
CS1
≥Vcc-0.2V1)
2.0
-
3.6
V
Data retention current
IDR
Vcc=3.0V, CS1
≥Vcc-0.2V1)
-
0.2
102)
µA
Data retention set-up time
tSDR
See data retention waveform
0
-
-
ms
Recovery time
tRDR
5
-
-


Similar Part No. - K6T2008V2A-F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6T0808C1D-B SAMSUNG-K6T0808C1D-B Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6T0808C1D-DB55 SAMSUNG-K6T0808C1D-DB55 Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6T0808C1D-DB70 SAMSUNG-K6T0808C1D-DB70 Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6T0808C1D-DL55 SAMSUNG-K6T0808C1D-DL55 Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
More results

Similar Description - K6T2008V2A-F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6F2008T2E SAMSUNG-K6F2008T2E Datasheet
134Kb / 9P
   256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2008V2E SAMSUNG-K6F2008V2E Datasheet
134Kb / 9P
   256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2008S2E SAMSUNG-K6F2008S2E Datasheet
130Kb / 9P
   256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F2008U2E SAMSUNG-DS_K6F2008U2E Datasheet
130Kb / 10P
   256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6X4016T3F SAMSUNG-K6X4016T3F Datasheet
138Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
K6X4008T1F SAMSUNG-K6X4008T1F Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6X8008C2B SAMSUNG-K6X8008C2B Datasheet
131Kb / 9P
   1Mx8 bit Low Power and Low Voltage CMOS Static RAM
K6T8008C2M SAMSUNG-K6T8008C2M Datasheet
149Kb / 9P
   1Mx8 bit Low Power and Low Voltage CMOS Static RAM
K6T4016V3C SAMSUNG-K6T4016V3C Datasheet
154Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
KM62U256D SAMSUNG-KM62U256D Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com