Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6T2008V2A-TB85 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K6T2008V2A-TB85
Description  256Kx8 bit Low Power and Low Voltage CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6T2008V2A-TB85 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K6T2008V2A-TB85 Datasheet HTML 2Page - Samsung semiconductor K6T2008V2A-TB85 Datasheet HTML 3Page - Samsung semiconductor K6T2008V2A-TB85 Datasheet HTML 4Page - Samsung semiconductor K6T2008V2A-TB85 Datasheet HTML 5Page - Samsung semiconductor K6T2008V2A-TB85 Datasheet HTML 6Page - Samsung semiconductor K6T2008V2A-TB85 Datasheet HTML 7Page - Samsung semiconductor K6T2008V2A-TB85 Datasheet HTML 8Page - Samsung semiconductor K6T2008V2A-TB85 Datasheet HTML 9Page - Samsung semiconductor K6T2008V2A-TB85 Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CMOS SRAM
K6T2008V2A, K6T2008U2A Family
Revision 2.01
October 2001
32 PIN THIN SMALL OUTLINE PACKAGE TYPE I (0820F)
#32
1.00
±0.10
0.039
±0.004
MAX
8.40
0.331
#1
0.50
(
)
0.020
18.40
±0.10
0.724
±0.004
0.45 ~0.75
0.018 ~0.030
20.00
±0.20
0.787
±0.008
#17
+0.10
0.15
-0.05
+0.004
0.006
-0.002
0~8
°
+0.10
0.20
-0.05
+0.004
0.008
-0.002
0.50
0.0197
0.25
(
)
0.010
MIN
0.05
0.002
MAX
1.20
0.047
TYP
0.25
0.010
#16
PACKAGE DIMENSIONS
Units: millimeter(inch)
32 PIN SMALLER THIN SMALL OUTLINE PACKAGE TYPE I (0813.4F)
1.00
±0.10
0.039
±0.004
MAX
8.40
0.331
#1
0.50
(
)
0.020
11.80
±0.10
0.465
±0.004
0.45 ~0.75
0.018 ~0.030
13.40
±0.20
0.528
±0.008
+0.10
0.15
-0.05
+0.004
0.006
-0.002
0~8
°
+0.10
0.20
-0.05
+0.004
0.008
-0.002
0.50
0.0197
0.25
(
)
0.010
MIN
0.05
0.002
MAX
1.20
0.047
TYP
0.25
0.010
#16
#32
#17


Similar Part No. - K6T2008V2A-TB85

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6T0808C1D-B SAMSUNG-K6T0808C1D-B Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6T0808C1D-DB55 SAMSUNG-K6T0808C1D-DB55 Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6T0808C1D-DB70 SAMSUNG-K6T0808C1D-DB70 Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6T0808C1D-DL55 SAMSUNG-K6T0808C1D-DL55 Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
More results

Similar Description - K6T2008V2A-TB85

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6F2008T2E SAMSUNG-K6F2008T2E Datasheet
134Kb / 9P
   256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2008V2E SAMSUNG-K6F2008V2E Datasheet
134Kb / 9P
   256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2008S2E SAMSUNG-K6F2008S2E Datasheet
130Kb / 9P
   256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F2008U2E SAMSUNG-DS_K6F2008U2E Datasheet
130Kb / 10P
   256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6X4016T3F SAMSUNG-K6X4016T3F Datasheet
138Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
K6X4008T1F SAMSUNG-K6X4008T1F Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6X8008C2B SAMSUNG-K6X8008C2B Datasheet
131Kb / 9P
   1Mx8 bit Low Power and Low Voltage CMOS Static RAM
K6T8008C2M SAMSUNG-K6T8008C2M Datasheet
149Kb / 9P
   1Mx8 bit Low Power and Low Voltage CMOS Static RAM
K6T4016V3C SAMSUNG-K6T4016V3C Datasheet
154Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
KM62U256D SAMSUNG-KM62U256D Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com