Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LANE509RC Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # LANE509RC
Description  Single Output, to 1 Watt dc/dc converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANE509RC Datasheet(HTML) 1 Page - Wall Industries,Inc.

  LANE509RC Datasheet HTML 1Page - Wall Industries,Inc. LANE509RC Datasheet HTML 2Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.wallindustries.com
1
888 597-9255
9/7/2003
LANE-C SERIES
Specifications
All specifications apply at 25ºC unless otherwise noted.
input
input voltage range
5,12,15,24VDC
input voltage tolerance
±5% tolerance
output
output current
see table
voltage tolerance
±5%(nominal line, 100% load)
line regulation (HL-LL)
1% of Vin
load regulation (10-100% load)
1% of Vin
ripple/noise (20MHz BW)
60mV p-p
general
efficiency (5V out)
45% min.
efficiency (9,12,15V out)
55% min.
isolation voltage (input to output)
1000VDC
isolation resistance (input to output)
switching frequency
20kHz (min.)
environmental operating temperature
0 to +71°C
storage temperature
-25 to 100°C
physical
dimensions
0.765 x 0.235 x 0.37”
due to advances in technology, specifications subject to change without notice.
Single Output, to 1 Watt
dc/dc converters
Features
• ultra miniature 7 pin SIP
• 1000VDC I/O isolation
• fully regulated
Overview
The LANE-”C” Series is a miniature, isolated and regulated series of DC/DC converters. These have
input operation of 5V, 12V, 24V and 48V and outputs of 5V, 9V, 12V, and 15V delivering 1 watt of power
. This series is specifically designed for use with Flash PROM devices providing the required stability
for the programming voltage. A control pin is provided to reduce the output voltage to a low level,
1.2VDC, to program Flash PROMs.


Similar Part No. - LANE509RC

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANE509RC WALL-LANE509RC Datasheet
103Kb / 3P
   Single Output
More results

Similar Description - LANE509RC

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
DC100 INTRONICS-DC100 Datasheet
247Kb / 1P
   1 WATT SINGLE OUTPUT DC-DC CONVERTERS
logo
List of Unclassifed Man...
D01-01 ETC1-D01-01 Datasheet
51Kb / 1P
   1 WATT DC TO DC CONVERTERS
logo
RSG Electronic Componen...
CHB200W-24S3V3 RSG-CHB200W-24S3V3 Datasheet
192Kb / 2P
   132 TO 200 WATT 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
Murata Manufacturing Co...
UWR-12250 MURATA-UWR-12250 Datasheet
135Kb / 4P
   3 Watt, Single Output DC/DC Converters
logo
Intronics Power, Inc.
DC900 INTRONICS-DC900 Datasheet
195Kb / 1P
   7.5 WATT SINGLE OUTPUT DC-DC CONVERTERS
logo
Murata Power Solutions ...
HPR100C MURATA-PS-HPR100C Datasheet
142Kb / 4P
   0.75 Watt Single Output DC/DC Converters
logo
CINCON ELECTRONICS Corp...
CQB150-300S CINCON-CQB150-300S Datasheet
212Kb / 2P
   150 WATT 2:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
CQB150W-24S05 CINCON-CQB150W-24S05 Datasheet
616Kb / 2P
   150 WATT 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
CHB300W CINCON-CHB300W Datasheet
212Kb / 2P
   300 WATT 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
CQB75W-24S3V3 CINCON-CQB75W-24S3V3 Datasheet
160Kb / 2P
   75 WATT 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com