Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25W01 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST25W01
Description  SERIAL 1K 128 x 8 EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25W01 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST25W01 Datasheet HTML 4Page - STMicroelectronics ST25W01 Datasheet HTML 5Page - STMicroelectronics ST25W01 Datasheet HTML 6Page - STMicroelectronics ST25W01 Datasheet HTML 7Page - STMicroelectronics ST25W01 Datasheet HTML 8Page - STMicroelectronics ST25W01 Datasheet HTML 9Page - STMicroelectronics ST25W01 Datasheet HTML 10Page - STMicroelectronics ST25W01 Datasheet HTML 11Page - STMicroelectronics ST25W01 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SCL
SDA
SCL
SDA
SDA
START
CONDITION
SDA
INPUT
SDA
CHANGE
AI00792
STOP
CONDITION
1
23
7
89
MSB
ACK
START
CONDITION
SCL
1
23
7
89
MSB
ACK
STOP
CONDITION
Figure 6. I2C Bus Protocol
Write Operations
The Multibyte Write mode (only available on the
ST24/25C01 and the ST24C01R versions) is se-
lected when the MODE pin is at VIH and the Page
Write mode when MODE pin is at VIL. The MODE
pin may be driven dynamically with CMOS input
levels.
Following a START condition the master sends a
device select code with the RW bit reset to ’0’. The
memory acknowledges this and waits for a byte
address. The byte address of 7 bits (the Most
Significant Bit is ignored) provides access to any of
the 128 bytes of the memory. After receipt of the
byte address the device again responds with an
acknowledge.
For the ST24/25W01 versions, any write command
with WC = 1 (during a period of time from the
START condition untill the end of the Byte Address)
will not modify data and will NOT be acknowledged
on data bytes, as in Figure 9.
Byte Write. In the Byte Write mode the master
sends one data byte, which is acknowledged by the
memory. The master then terminates the transfer
by generating a STOP condition. The Write mode
is independant of the state of the MODE pin which
could be left floating if only this mode was to be
used. However it is not a recommended operating
mode, as this pin has to be connected to either VIH
or VIL, to minimize the stand-by current.
8/16
ST24/25C01, ST24C01R, ST24/25W01


Similar Part No. - ST25W01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST25W02 STMICROELECTRONICS-ST25W02 Datasheet
141Kb / 16P
   SERIAL 2K (256 x 8) EEPROM
1997
ST25W02B1TR STMICROELECTRONICS-ST25W02B1TR Datasheet
145Kb / 16P
   SERIAL 2K (256 x 8) EEPROM
November 1997
ST25W02B3TR STMICROELECTRONICS-ST25W02B3TR Datasheet
145Kb / 16P
   SERIAL 2K (256 x 8) EEPROM
November 1997
ST25W02B5TR STMICROELECTRONICS-ST25W02B5TR Datasheet
145Kb / 16P
   SERIAL 2K (256 x 8) EEPROM
November 1997
ST25W02B6TR STMICROELECTRONICS-ST25W02B6TR Datasheet
145Kb / 16P
   SERIAL 2K (256 x 8) EEPROM
November 1997
More results

Similar Description - ST25W01

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
   Two-wire Serial EEPROM 1K (128 x 8)
logo
STMicroelectronics
ST93C46A STMICROELECTRONICS-ST93C46A Datasheet
111Kb / 13P
   1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM
logo
ATMEL Corporation
AT93C46D ATMEL-AT93C46D_08 Datasheet
512Kb / 21P
   Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
logo
List of Unclassifed Man...
AM24LC21B ETC-AM24LC21B Datasheet
219Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21 ETC-AM24LC21 Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
logo
Xicor Inc.
X76F100 XICOR-X76F100 Datasheet
275Kb / 16P
   1K 128 x 8 Bit
logo
Microchip Technology
ER5911 MICROCHIP-ER5911 Datasheet
421Kb / 8P
   1K (128 X 8 OR 64 X 16) SERIAL ELECTRICALLY ERASABLE PROM
1989
logo
STMicroelectronics
ST93CS46 STMICROELECTRONICS-ST93CS46 Datasheet
124Kb / 16P
   1K 64 x 16 SERIAL MICROWIRE EEPROM
logo
Microchip Technology
24AA014 MICROCHIP-24AA014 Datasheet
337Kb / 24P
   1K I2C??Serial EEPROM
2005
24AA01T MICROCHIP-24AA01T Datasheet
338Kb / 24P
   1K I2C Serial EEPROM
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com