Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LANC4815DW5 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # LANC4815DW5
Description  Single and Dual Output 5 Watt DC/DC Converter 2:1 and 4:1 Wide Input Voltage
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANC4815DW5 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  LANC4815DW5 Datasheet HTML 1Page - Wall Industries,Inc. LANC4815DW5 Datasheet HTML 2Page - Wall Industries,Inc. LANC4815DW5 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LANCW5 Series
Single and Dual Output
5 Watt DC/DC Converter
2:1 and 4:1 Wide Input Voltage
Rev. B
FKC05-48S05 Derating Curve
0
20
40
60
80
100
120
-40 -25 -10 5
20 35 50 65 80 95 110
AMBIENT TEMPERATURE(℃)
“I” Version
70.1
105
OUTPUT VOLTAGE / CURRENT RATING CHART
Input Current
Model Number
Input Range
Output
Voltage
Output
Current
Ripple &
Noise (4)
No Load(3)
Full Load(2)
Eff (4)
(%)
Capacitor(5)
Load max
LANC1233W5
9 – 18 VDC
3.3 VDC
1000mA
50mVp-p
10mA
382mA
76
2200uF
LANC1205W5
9 – 18 VDC
5 VDC
1000mA
50mVp-p
10mA
563mA
78
1000uF
LANC1212W5
9 – 18 VDC
12 VDC
470mA
50mVp-p
10mA
603mA
82
220uF
LANC1215W5
9 – 18 VDC
15 VDC
400mA
50mVp-p
10mA
649mA
81
150uF
LANC1205DW5
9 – 18 VDC
±5 VDC
±500mA
50mVp-p
15mA
563mA
78
± 680uF
LANC1212DW5
9 – 18 VDC
±12 VDC
±230mA
50mVp-p
20mA
597mA
81
± 100uF
LANC1215DW5
9 – 18 VDC
±15 VDC
±190mA
50mVp-p
15mA
594mA
84
± 68uF
LANC2433W5 (UW)
18 – 36 (9 – 36) VDC
3.3 VDC
1000mA
50mVp-p
10mA(5mA)
194mA (191mA)
75 (76)
2200uF
LANC2405W5 (UW)
18 – 36 (9 – 36) VDC
5 VDC
1000mA
50mVp-p
15mA(10mA) 285mA (278mA)
77 (79)
1000uF
LANC2406UW5
9 – 36 VDC
6 VDC
833mA
50mVp-p
-
278mA
79
690uF
LANC2412W5 (UW)
18 – 36 (9 – 36) VDC
12 VDC
470mA
50mVp-p
15mA(5mA)
305mA (305mA)
81 (81)
220uF
LANC2415W5 (UW)
18 – 36 (9 – 36) VDC
15 VDC
400mA
50mVp-p
15mA(10mA) 325mA (312mA)
81 (84)
150uF
LANC2405DW5 (UW)
18 – 36 (9 – 36) VDC
±5 VDC
±500mA
50mVp-p
15mA(10mA) 274mA (282mA)
80 (78)
± 680uF
LANC2412DW5 (UW)
18 – 36 (9 – 36) VDC
±12 VDC
±230mA
50mVp-p
20mA(10mA) 288mA (295mA)
84 (82)
± 100uF
LANC2415DW5 (UW)
18 – 36 (9 – 36) VDC
±15 VDC
±190mA
50mVp-p
20mA(10mA) 308mA (297mA)
81 (84)
± 68uF
LANC24833W5 (UW)
36 – 75 (18 – 75) VDC
3.3 VDC
1000mA
50mVp-p
10mA(5mA)
98mA (100mA)
74 (73)
2200uF
LANC4805W5 (UW)
36 – 75 (18 – 75) VDC
5 VDC
1000mA
50mVp-p
10mA(10mA) 143mA (138mA)
77 (79)
1000uF
LANC4812W5 (UW)
36 – 75 (18 – 75) VDC
12 VDC
470mA
50mVp-p
10mA(10mA) 151mA (155mA)
82 (80)
220uF
LANC4815W5 (UW)
36 – 75 (18 – 75) VDC
15 VDC
400mA
50mVp-p
10mA(10mA) 162mA (160mA)
81 (82)
150uF
LANC4805DW5 (UW)
36 – 75 (18 – 75) VDC
±5 VDC
±500mA
50mVp-p
10mA(10mA) 141mA (145mA)
78 (76)
± 680uF
LANC4812DW5 (UW)
36 – 75 (18 – 75) VDC
±12 VDC
±230mA
50mVp-p
5mA(10mA)
147mA (151mA)
82 (80)
± 100uF
LANC4815DW5 (UW)
36 – 75 (18 – 75) VDC
±15 VDC
±190mA
50mVp-p
10mA(10mA) 150mA (156mA)
83 (80)
± 68uF
NOTES
1.
BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC.
MIL-HDBK-217F Notice2 @ Ta=25°C, Full load (Ground, benign, controlled environment).
2.
Maximum value at nominal input voltage and full load of standard type.
3.
Typical value at nominal input voltage and no load.
4.
Typical value at nominal input voltage and full load.
5.
Test by minimum Vin and constant resistive load.
6.
The industrial I suffix for 2:1 version is more efficient, therefore, it can be operated in a more extensive temperature range than
standard and I suffix 4:1 input versions.
7.
An external filter capacitor is required if the module has to meet EN61000-4-5. The filter capacitor Wall Industries suggests: Nippon
chemi-com KY Series, 220µF/100V, ESR 48mΩ.
8.
There is no pin at PIN10 & PIN15 for LANC5UW Series.
9.
For industrial temperature range add “I” suffix to the part number.
10.
For SMT Type add “S” suffix to the part number.
DERATING CURVE & EFFICIENCY GRAPHS
LANC4805W5
Efficiency VS Input Voltage
71
73
75
77
79
81
83
36 40 44 48 52 56 60 64 68 72
INPUT VOLTAGE (V)
LANC4805W5
Efficiency VS Output Load
40
45
50
55
60
65
70
75
80
85
90
10 20 30 40 50 60 70 80 90 100
OUTPUT LOAD (% of Full Load)
LANC4805W5 DERATING CURVE


Similar Part No. - LANC4815DW5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC4815DW5 WALL-LANC4815DW5 Datasheet
261Kb / 4P
   Single and Dual Outputs
More results

Similar Description - LANC4815DW5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JC5S33-500 WALL-JC5S33-500 Datasheet
230Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
JC5533-500 WALL-JC5533-500 Datasheet
242Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
MSKW WALL-MSKW_16 Datasheet
209Kb / 7P
   5 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
LANCW8 WALL-LANCW8 Datasheet
243Kb / 3P
   Single and Dual Output 8 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANEUW WALL-LANEUW Datasheet
262Kb / 9P
   Single and Dual Output 2 Watt DC/DC Converter 4:1 Ultra Wide Input Range
DM12S33-4000 WALL-DM12S33-4000 Datasheet
250Kb / 3P
   Single and Dual Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANCW12 WALL-LANCW12 Datasheet
243Kb / 3P
   Single and Dual Output 12 Watt DC/DC Converter 2:1 Ultra Wide Input Voltage
KR12S33-1000 WALL-KR12S33-1000 Datasheet
153Kb / 3P
   6 Watt DC/DC Converter Single and Dual Outputs 2:1 and 4:1 Wide Input Voltage Range
LANC8UW WALL-LANC8UW Datasheet
244Kb / 3P
   Single and Dual Output 8 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage
LANCUW12 WALL-LANCUW12 Datasheet
243Kb / 3P
   Single and Dual Output 12 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com