Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LANE1509N Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # LANE1509N
Description  Up to 2 Watts DC/DC Converter Single and Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANE1509N Datasheet(HTML) 2 Page - Wall Industries,Inc.

  LANE1509N Datasheet HTML 1Page - Wall Industries,Inc. LANE1509N Datasheet HTML 2Page - Wall Industries,Inc. LANE1509N Datasheet HTML 3Page - Wall Industries,Inc. LANE1509N Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LAN E Series
Up to 2 Watts
DC/DC Converter
Single and Dual Output
OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number
Input Voltage
Output Voltage
Output Current
(1 Watt)
Output Current
(2 Watts)
Efficiency (Typ.)
LANE3.305N
3.3 VDC
5 VDC
200 mA
400 mA
70%
LANE3.309N
3.3 VDC
9 VDC
112 mA
224 mA
75%
LANE3.312N
3.3 VDC
12 VDC
84 mA
167 mA
75%
LANE3.315N
3.3 VDC
15 VDC
67 mA
132 mA
75%
LANE3.305ND
3.3 VDC
±5 VDC
±100 mA
±200 mA
70%
LANE3.309ND
3.3 VDC
±9 VDC
±56 mA
±111 mA
75%
LANE3.312ND
3.3 VDC
±12 VDC
±42 mA
±83 mA
75%
LANE3.315ND
3.3 VDC
±15 VDC
±34 mA
±67 mA
75%
LANE505N
5 VDC
5 VDC
200 mA
400 mA
70%
LANE509N
5 VDC
9 VDC
112 mA
224 mA
75%
LANE512N
5 VDC
12 VDC
84 mA
167 mA
75%
LANE515N
5 VDC
15 VDC
67 mA
132 mA
75%
LANE505ND
5 VDC
±5 VDC
±100 mA
±200 mA
70%
LANE509ND
5 VDC
±9 VDC
±56 mA
±111 mA
75%
LANE512ND
5 VDC
±12 VDC
±42 mA
±83 mA
75%
LANE515ND
5 VDC
±15 VDC
±34 mA
±67 mA
75%
LANE515ND1.2
5 VDC
±15 VDC
±40 mA
-
75%
LANE1205N
12 VDC
5 VDC
200 mA
400 mA
70%
LANE1209N
12 VDC
9 VDC
112 mA
224 mA
75%
LANE1212N
12 VDC
12 VDC
84 mA
167 mA
75%
LANE1215N
12 VDC
15 VDC
67 mA
132 mA
75%
LANE1205ND
12 VDC
±5 VDC
±100 mA
±200 mA
70%
LANE1209ND
12 VDC
±9 VDC
±56 mA
±111 mA
75%
LANE1212ND
12 VDC
±12 VDC
±42 mA
±83 mA
75%
LANE1215ND
12 VDC
±15 VDC
±34 mA
±67 mA
75%
LANE1505N
15 VDC
5 VDC
200 mA
400 mA
70%
LANE1509N
15 VDC
9 VDC
112 mA
224 mA
75%
LANE1512N
15 VDC
12 VDC
84 mA
167 mA
75%
LANE1515N
15 VDC
15 VDC
67 mA
132 mA
75%
LANE1505ND
15 VDC
±5 VDC
±100 mA
±200 mA
70%
LANE1509ND
15 VDC
±9 VDC
±56 mA
±111 mA
75%
LANE1512ND
15 VDC
±12 VDC
±42 mA
±83 mA
75%
LANE1515ND
15 VDC
±15 VDC
±34 mA
±67 mA
75%
LANE2405N
24 VDC
5 VDC
200 mA
400 mA
70%
LANE2409N
24 VDC
9 VDC
112 mA
224 mA
75%
LANE2412N
24 VDC
12 VDC
84 mA
167 mA
75%
LANE2415N
24 VDC
15 VDC
67 mA
132 mA
75%
LANE2405ND
24 VDC
±5 VDC
±100 mA
±200 mA
70%
LANE2409ND
24 VDC
±9 VDC
±56 mA
±111 mA
75%
LANE2412ND
24 VDC
±12 VDC
±42 mA
±83 mA
75%
LANE2415ND
24 VDC
±15 VDC
±34 mA
±67 mA
75%
LANE4805N
48 VDC
5 VDC
200 mA
-
70%
LANE4809N
48 VDC
9 VDC
112 mA
-
75%
LANE4812N
48 VDC
12 VDC
84 mA
-
75%
LANE4815N
48 VDC
15 VDC
67 mA
-
75%
LANE4805ND
48 VDC
±5 VDC
±100 mA
-
70%
LANE4809ND
48 VDC
±9 VDC
±56 mA
-
75%
LANE4812ND
48 VDC
±12 VDC
±42 mA
-
75%
LANE4815ND
48 VDC
±15 VDC
±34 mA
-
75%


Similar Part No. - LANE1509N

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANE1509N WALL-LANE1509N Datasheet
571Kb / 5P
   1 Watts DC/DC Power Converters Single and Dual Outputs
LANE1509N2 WALL-LANE1509N2 Datasheet
448Kb / 4P
   2 Watts DC/DC Converter Single and Dual Output
LANE1509ND WALL-LANE1509ND Datasheet
571Kb / 5P
   1 Watts DC/DC Power Converters Single and Dual Outputs
LANE1509ND2 WALL-LANE1509ND2 Datasheet
448Kb / 4P
   2 Watts DC/DC Converter Single and Dual Output
LANE1509NDH WALL-LANE1509NDH Datasheet
293Kb / 4P
   Single and Dual Output 1 Watt DC/DC Converter
More results

Similar Description - LANE1509N

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCSDW01 WALL-DCSDW01 Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
LANF WALL-LANF Datasheet
126Kb / 3P
   Up to 1.8 Watts DC/DC Converter Single and Dual Output
DCSDW05 WALL-DCSDW05 Datasheet
306Kb / 5P
   Up to 5.04 Watts DC/DC Converter Single and Dual Output
LANC-LN WALL-LANC-LN Datasheet
395Kb / 6P
   Up to 5 Watts DC-DC Converter Single and Dual Output
DCSDW03 WALL-DCSDW03 Datasheet
314Kb / 5P
   Up to 3 Watts DC/DC Converter Single and Dual Output
LANE2 WALL-LANE2 Datasheet
448Kb / 4P
   2 Watts DC/DC Converter Single and Dual Output
DCMFW02 WALL-DCMFW02 Datasheet
296Kb / 5P
   2 Watts DC/DC Converter Single and Dual Output
DCMSE02-HI WALL-DCMSE02-HI Datasheet
306Kb / 5P
   2 Watts DC/DC Converter Single and Dual Output
LANK WALL-LANK_18 Datasheet
298Kb / 7P
   2~4 Watts DC/DC Converter Single and Dual Output
DCLSR01 WALL-DCLSR01 Datasheet
336Kb / 5P
   Up to 15 Watts DC/DC Converter Single Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com