Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5228B Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # 1N5228B
Description  Zener diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

1N5228B Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  1N5228B Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd 1N5228B Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Parameter
Power dissipation
Z-current
Junction temperature
Storage temperature range
Test Conditions
Tamb*750C
Type
Symbol
PD
lz
Tj
Tstg
Value
500
PD/Vz
200
-65~+200
Unit
mW
mA
0
C
0
C
Maximum Thermal Resistance
Tj=250C
Parameter
Junction ambient
Test Condltions
I=9.5mm(3/8") TL=constant
Symbol
RthJA
Value
300
Unit
K/W
Electrcal Characteristics
Tj=250C
Parameter
Forward voltage
Test Conditions
lF=200mA
Type
Symbol
VF
Min
Typ
Max
1.1
Unit
V
1N5221B~1N5267B
Zener diode
Voltage Range
2.4 to 75 Volts
DO-35
Dimensions in inches and (millimeters)
1.02(26.0)
MIN
1.02(26.0)
MIN
.165(4.2)
MAX
.079(2.0)
MAX
.020(.52)
TYP
Features
1.High reliability
2.Very sharp reverse characteristic
3.Low reverse current level
4.Vz-tolerance*5%
Applications
Voltage stabilization
Absoluto Maximum Ratings
Tj=250C


Similar Part No. - 1N5228B

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
1N5228B TGS-1N5228B Datasheet
264Kb / 3P
   Zener diode
logo
Vishay Siliconix
1N5228B VISHAY-1N5228B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Zibo Seno Electronic En...
1N5228B ZSELEC-1N5228B Datasheet
76Kb / 2P
   500mW EPITAXIAL ZENER DIODE
logo
Yea Shin Technology Co....
1N5228B YEASHIN-1N5228B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Weitron Technology
1N5228B WEITRON-1N5228B Datasheet
308Kb / 3P
   Surface Mount Zener Diodes
More results

Similar Description - 1N5228B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com