Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2D Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # S2D
Description  1.5 AMPS. SURFACE MOUNT RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

S2D Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  S2D Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd S2D Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - S2D

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
S2D CHENG-YI-S2D Datasheet
113Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Pan Jit International I...
S2D PANJIT-S2D Datasheet
58Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Chongqing Pingwei Enter...
S2D CHONGQING-S2D Datasheet
177Kb / 1P
   1.5AMPS. SURFACE MOUNT RECTIFIERS
logo
Leshan Radio Company
S2D LRC-S2D Datasheet
291Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
logo
Micro Commercial Compon...
S2D MCC-S2D Datasheet
619Kb / 3P
   2 Amp Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - S2D

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
S2A JGD-S2A Datasheet
150Kb / 2P
   1.5 AMPS. SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
S2AA TSC-S2AA_1 Datasheet
133Kb / 2P
   1.5 AMPS. Surface Mount Rectifiers
S2AA TSC-S2AA_10 Datasheet
460Kb / 2P
   1.5 AMPS. Surface Mount Rectifiers
S2AA TSC-S2AA Datasheet
51Kb / 2P
   1.5 AMPS. Surface Mount Rectifiers
BYG20D TSC-BYG20D Datasheet
439Kb / 4P
   1.5 AMPS High Efficient Surface Mount Rectifiers
HS2AA TSC-HS2AA Datasheet
53Kb / 2P
   1.5 AMPS. High Efficient Surface Mount Rectifiers
logo
Yangzhou yangjie electr...
RS2A YANGJIE-RS2A Datasheet
752Kb / 2P
   1.5 AMPS. FAST RECOVERY SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
RS2AA TSC-RS2AA Datasheet
133Kb / 2P
   1.5 AMPS. Surface Mount Fast Recovery Rectifiers
HS2AA TSC-HS2AA_11 Datasheet
135Kb / 2P
   1.5 AMPS High Efficient Surface Mount Rectifiers
RS2AA TSC-RS2AA_10 Datasheet
449Kb / 2P
   1.5 AMPS. Surface Mount Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com