Electronic Components Datasheet Search |
|
AD7847BQN Datasheet(PDF) 8 Page - Analog Devices |
|
AD7847BQN Datasheet(HTML) 8 Page - Analog Devices |
8 / 13 page AD7837/AD7847 REV. C –8– VALID DATA t6 t3 t8 WR DATA ADDRESS DATA t7 t1 t2 t5 t4 CS A0/A1 LDAC Figure 14. AD7837 Write Cycle Timing Diagram CS, WR, A0 and A1 control the loading of data to the input latches. The eight data inputs accept right-justified data. Data can be loaded to the input latches in any sequence. Provided that LDAC is held high, there is no analog output change as a result of loading data to the input latches. Address lines A0 and A1 determine which latch data is loaded to when CS and WR are low. The control logic truth table for the part is shown in Table II. Table II. AD7837 Truth Table CS WR A1 A0 LDAC Function 1 X X X 1 No Data Transfer X 1 X X 1 No Data Transfer 0 0 0 0 1 DAC A LS Input Latch Transparent 0 0 0 1 1 DAC A MS Input Latch Transparent 0 0 1 0 1 DAC B LS Input Latch Transparent 0 0 1 1 1 DAC B MS Input Latch Transparent 1 1 X X 0 DAC A and DAC B DAC Latches Updated Simultaneously from the Respective Input Latches X = Don’t Care. The LDAC input controls the transfer of 12-bit data from the input latches to the DAC latches. When LDAC is taken low, both DAC latches, and hence both analog outputs, are updated at the same time. The data in the DAC latches is held on the rising edge of LDAC. The LDAC input is asynchronous and indepen- dent of WR. This is useful in many applications especially in the simultaneous updating of multiple AD7837s. However, care must be taken while exercising LDAC during a write cycle. If an LDAC operation overlaps a CS and WR operation, there is a possibility of invalid data being latched to the output. To avoid this, LDAC must remain low after CS or WR return high for a period equal to or greater than t8, the minimum LDAC pulsewidth. UNIPOLAR BINARY OPERATION Figure 15 shows DAC A on the AD7837/AD7847 connected for unipolar binary operation. Similar connections apply for DAC B. When VIN is an ac signal, the circuit performs 2-quad- rant multiplication. The code table for this circuit is shown in Table III. Note that on the AD7847 the feedback resistor RFB is internally connected to VOUT. DAC A AGNDA VOUTA VREFA VIN DGND VSS RFBA * VSS VDD VDD AD7837 AD7847 VOUT *INTERNALLY CONNECTED ON AD7847 Figure 15. Unipolar Binary Operation Table III. Unipolar Code Table DAC Latch Contents MSB LSB Analog Output, VOUT 1111 1111 1111 –VIN × 4095 4096 1000 0000 0000 –VIN × 2048 4096 = –1/ 2 V IN 0000 0000 0001 –VIN × 1 4096 0000 0000 0000 0 V Note 1 LSB = V IN 4096 . |
Similar Part No. - AD7847BQN |
|
Similar Description - AD7847BQN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |