Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMK32G2H-50.000MTR Datasheet(PDF) 2 Page - Ecliptek Corporation

Part # EMK32G2H-50.000MTR
Description  OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EMK32G2H-50.000MTR Datasheet(HTML) 2 Page - Ecliptek Corporation

  EMK32G2H-50.000MTR Datasheet HTML 1Page - Ecliptek Corporation EMK32G2H-50.000MTR Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
OSCILLATOR
EMK32
PLASTIC
2.5V
OS5K
11/07
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS
TAPE AND REEL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
SUGGESTED SOLDER PAD LAYOUT
ALL DIMENSIONS IN MILLIMETERS
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
EMK32 H 2 H - 50.000M TR
PART NUMBERING GUIDE
AVAILABLE OPTIONS
Blank=Bulk
TR=Tape and Reel (Standard)
FREQUENCY
FREQUENCY TOLERANCE & STABILITY/
OPERATING TEMPERATURE RANGE
G=±100ppm Maximum over -40°C to +85°C
H=±50ppm Maximum over -40°C to +85°C
DUTY CYCLE
2=50% ±5%
LOGIC CONTROL
H=Tri-State (High Impedance)
J=Power Down (Logic Low)
*Compliant to EIA 481C
Tolerances= +0.1
Pin 1: Tri-State or Power Down
Pin 2: Case Ground
Pin 3: Output
Pin 4: Supply Voltage
1.20
(x4)
1.40
(x4)
0.50
0.80
REEL
MEMS First™ is a registered trademark of SiTime Corporation.
MARKING SPECIFICATIONS
A
B
C
D
E
F
12.0 ±0.3
5.5 ±0.05 4.75 ±.05
4.0 ±0.1
2.0 ±0.1
F
G
H
J
K
L
4.0 ±0.2
A0*
1.5 +.1/-0
B0*
0.3 ±0.05
K0*
M
N
O
P
Q
1.5 MIN
50 MIN
20.2 MIN 13.0 ±0.2
40 MIN
R
S
T
U
V
QTY/REEL
2.5 MIN
10 MIN
18.4 MAX
180 MAX
12.4 +2/-0
1,000
Line 1: XXXX
Ecliptek Manufacturing Lot Code
Characteristic
Specification
ESD Susceptibility
MIL-STD-883, Method 3015, Class
2, HBM: 2000V
Flammability
UL94-V0
Mechanical Shock
MIL-STD-883, Method 2002, Condition G, 30,000G
Moisture Resistance
MIL-STD-883, Method 1004
Moisture Sensitivity Level
J-STD-020, MSL 1
Resistance to Soldering Heat
MIL-STD-202, Method 210, Condition K
Resistance to Solvents
MIL-STD-202, Method 215
Solderability
MIL-STD-883, Method 2003 (Four I/O Pads on
bottom of package only)
Temperature Cycling
MIL-STD-883, Method 1010, Condition B
Thermal Shock
MIL-STD-883, Method 1011, Condition B
Vibration
MIL-STD-883, Method 2007, Condition A, 20G
2.50
±0.15
0.85
±0.15
0.08
MAX
2.10
±0.10
0.20 ±0.10
0.90
±0.10
(x4)
0.80 ±0.10 (x4)
3.20
±0.15
R0.45
±0.10
2
1
3
4
0.90 ±0.15
R0.35
±0.10
*Solder connection to the bottom pads of the package only.


Similar Part No. - EMK32G2H-50.000MTR

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK325AB7105KA-T TAIYO-YUDEN-EMK325AB7105KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EMK325ABJ105KA-T TAIYO-YUDEN-EMK325ABJ105KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EMK325ABJ107MM-P TAIYO-YUDEN-EMK325ABJ107MM-P Datasheet
290Kb / 2P
   Standard packaging quantity (minimum) Taping Embossed 1000pcs
EMK325ABJ476KM8P TAIYO-YUDEN-EMK325ABJ476KM8P Datasheet
469Kb / 3P
   MLCC (High dielectric type) for Telecommunications Infrastructure and Industrial Equipment / Medical Devices
EMK325ABJ476KMHP TAIYO-YUDEN-EMK325ABJ476KMHP Datasheet
289Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive / Industrial Applications
More results

Similar Description - EMK32G2H-50.000MTR

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com