Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST232C Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST232C
Description  5V POWERED MULTI-CHANNEL RS-232 DRIVERS AND RECEIVERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST232C Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST232C Datasheet HTML 3Page - STMicroelectronics ST232C Datasheet HTML 4Page - STMicroelectronics ST232C Datasheet HTML 5Page - STMicroelectronics ST232C Datasheet HTML 6Page - STMicroelectronics ST232C Datasheet HTML 7Page - STMicroelectronics ST232C Datasheet HTML 8Page - STMicroelectronics ST232C Datasheet HTML 9Page - STMicroelectronics ST232C Datasheet HTML 10Page - STMicroelectronics ST232C Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
0.77
1.65
0.030
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
17.78
0.700
F
7.1
0.280
I
5.1
0.201
L
3.3
0.130
Z
1.27
0.050
P001C
Plastic DIP-16 (0.25) MECHANICAL DATA
ST232
7/11


Similar Part No. - ST232C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST232CDR STMICROELECTRONICS-ST232CDR Datasheet
337Kb / 19P
   5V Powered multi-channel RS-232 drivers and receivers
ST232CDR STMICROELECTRONICS-ST232CDR Datasheet
807Kb / 19P
   5 V powered multi-channel RS-232 drivers and receiversr
ST232CN STMICROELECTRONICS-ST232CN Datasheet
337Kb / 19P
   5V Powered multi-channel RS-232 drivers and receivers
ST232CN STMICROELECTRONICS-ST232CN Datasheet
807Kb / 19P
   5 V powered multi-channel RS-232 drivers and receiversr
ST232CTR STMICROELECTRONICS-ST232CTR Datasheet
337Kb / 19P
   5V Powered multi-channel RS-232 drivers and receivers
More results

Similar Description - ST232C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST202 STMICROELECTRONICS-ST202 Datasheet
527Kb / 18P
   5V Powered multi-channel RS-232 drivers and receivers
ST232 STMICROELECTRONICS-ST232_06 Datasheet
337Kb / 19P
   5V Powered multi-channel RS-232 drivers and receivers
ST202B STMICROELECTRONICS-ST202B Datasheet
303Kb / 18P
   5V Powered multi-channel RS-232 drivers and receivers
logo
Sipex Corporation
SP230A SIPEX-SP230A Datasheet
661Kb / 17P
   5V Powered Multi-Channel RS-232 Drivers/Receivers
SP230A SIPEX-SP230A Datasheet
399Kb / 17P
   5V Powered Multi-Channel RS-232 Drivers/Receivers
logo
Exar Corporation
SP238A EXAR-SP238A Datasheet
528Kb / 12P
   5V Powered Multi-Channel RS-232 Drivers/Receivers
logo
Maxim Integrated Produc...
MAX220 MAXIM-MAX220_V01 Datasheet
2Mb / 39P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
19-4323; Rev 18; 5/19
MAX220 MAXIM-MAX220_15 Datasheet
408Kb / 39P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 17; 1/15
MAX220 MAXIM-MAX220_10 Datasheet
377Kb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX233AEWP-TG36 MAXIM-MAX233AEWP-TG36 Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com